Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3T-SR42 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # E3T-SR42
Description  Photoelectric Sensor with Built-in Amplifier (Ultracompact and Thin Type)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3T-SR42 Datasheet(HTML) 4 Page - Omron Electronics LLC

  E3T-SR42 Datasheet HTML 1Page - Omron Electronics LLC E3T-SR42 Datasheet HTML 2Page - Omron Electronics LLC E3T-SR42 Datasheet HTML 3Page - Omron Electronics LLC E3T-SR42 Datasheet HTML 4Page - Omron Electronics LLC E3T-SR42 Datasheet HTML 5Page - Omron Electronics LLC E3T-SR42 Datasheet HTML 6Page - Omron Electronics LLC E3T-SR42 Datasheet HTML 7Page - Omron Electronics LLC E3T-SR42 Datasheet HTML 8Page - Omron Electronics LLC E3T-SR42 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
E3T
4
* The sensing distance depends on the Reflector that is used. The sensing distance is 200 mm if an E39-R4 is used and 100 mm if an E39-R37-CA is used.
Retro-
reflective
200 mm
(100 mm)
Light-ON
E3T-SR43
●●●
Dark-ON
E3T-SR44
●●●
Diffuse-
reflective
5 to
30 mm
Light-ON
E3T-FD13
●●●
Dark-ON
E3T-FD14
●●●
Convergent-
reflective
5 to
15 mm
Light-ON
E3T-SL13
●●●
Dark-ON
E3T-SL14
●●●
5 to
30 mm
Light-ON
E3T-SL23
●●●
Dark-ON
E3T-SL24
●●●
BGS reflec-
tive
1 to
15 mm
Light-ON
E3T-FL13
---
Dark-ON
E3T-FL14
---
1 to
30 mm
Light-ON
E3T-FL23
---
Dark-ON
E3T-FL24
---
Model
Model
number
example
E3T-ST13-M1TJ
0.3M
E3T-ST13 5M
E3T-ST13R 2M
Sensing
method
Sensing
distance
Operation
mode
Connec-
tion speci-
fication
M12 pre-wired
Smartclick Con-
nector (cable
length: 0.3 m)
Pre-wired (cable
length: 5 m)
Pre-wired robot
(cable length: 2 m)
Basic
model
number
-M1TJ 0.3M
5M
R 2M


Similar Part No. - E3T-SR42

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3T-SR42 OMRON-E3T-SR42 Datasheet
3Mb / 24P
   The Improved E3T Series with Easier, Smoother Mounting and Installation
E3T-SR422M OMRON-E3T-SR422M Datasheet
3Mb / 24P
   The Improved E3T Series with Easier, Smoother Mounting and Installation
More results

Similar Description - E3T-SR42

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3Z-G61 OMRON-E3Z-G61 Datasheet
446Kb / 5P
   Grooved-type Photoelectric Sensor with Built-in Amplifier
E3Z-D62 OMRON-E3Z-D62 Datasheet
486Kb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3S OMRON-E3S Datasheet
1Mb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3Z-T66A OMRON-E3Z-T66A Datasheet
486Kb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3S-2B41 OMRON-E3S-2B41 Datasheet
1Mb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3Z-T61A OMRON-E3Z-T61A Datasheet
2Mb / 19P
   Compact Photoelectric Sensor with Built-in Amplifier
E3Z-D81 OMRON-E3Z-D81 Datasheet
2Mb / 19P
   Compact Photoelectric Sensor with Built-in Amplifier
E3Z-R61 OMRON-E3Z-R61 Datasheet
2Mb / 19P
   Compact Photoelectric Sensor with Built-in Amplifier
E3Z OMRON-E3Z Datasheet
3Mb / 17P
   Compact Photoelectric Sensor with Built-in Amplifier
2019.6
E3G-L77 OMRON-E3G-L77 Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com