Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3X-DA21R-S2M Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # E3X-DA21R-S2M
Description  Digital Fiber Sensors
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3X-DA21R-S2M Datasheet(HTML) 3 Page - Omron Electronics LLC

  E3X-DA21R-S2M Datasheet HTML 1Page - Omron Electronics LLC E3X-DA21R-S2M Datasheet HTML 2Page - Omron Electronics LLC E3X-DA21R-S2M Datasheet HTML 3Page - Omron Electronics LLC E3X-DA21R-S2M Datasheet HTML 4Page - Omron Electronics LLC E3X-DA21R-S2M Datasheet HTML 5Page - Omron Electronics LLC E3X-DA21R-S2M Datasheet HTML 6Page - Omron Electronics LLC E3X-DA21R-S2M Datasheet HTML 7Page - Omron Electronics LLC E3X-DA21R-S2M Datasheet HTML 8Page - Omron Electronics LLC E3X-DA21R-S2M Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
E3X-DA-S
3
Ratings and Specifications
Amplifier Units
✽1. Only for Pre-wired models.
✽2. The following details apply to inputs.
✽3. The communications function and mutual interference prevention function are disabled if detection is set to Super-high-speed mode.
✽4. Mutual interference prevention is enabled if Amplifier Units are connected together. It is also enabled in the same way if E3X-DA-S-series Units
and E3C-LDA-series Units are used together. If power tuning is enabled, mutual interference prevention can be used for up to six units.
✽5. For the E3X-DA@-S (@: 21/51/7/9), the rated sensing distance is approximately 1/2 and the incident level is approximately 1/3 of the normal
levels when ECO mode is enabled.
Type
Standard models
Ultra-long-term APC models
High-speed response models
Item
Model
E3X-DA
@-S (@: 21/51/7/9)
E3X-DA
@R-S (@: 21/51/7/9)
E3X-DA
@F-S (@: 21/51/7/9)
Light source
(wavelength)
Red,4-element LED (625 nm)
Power supply voltage
12 to 24 VDC
±10%, ripple (p-p) 10% max.
Power consumption
Normal mode
: 960 mW max. (Current consumption: 40 mA max. at 24 VDC, 80 mA max. at 12 VDC)
Power saving ECO1: 720 mW max. (Current consumption: 30 mA max. at 24 VDC, 60 mA max. at 12 VDC)
Power saving ECO2: 600 mW max. (Current consumption: 25 mA max. at 24 VDC, 50 mA max. at 12 VDC)
Control output /
APC alarm output
Load power supply voltage: 26.4 VDC max.; NPN/PNP open collector;
load current: 50 mA max.; residual voltage: 2 V max.
External input ✽1
No-voltage input (contact / transistor) ✽2
---
Protection circuits
Power supply reverse polarity protection, output short-circuit protection and output reverse polarity protection
Re-
sponse
time
Super-high-
speed Mode ✽3
Operate or reset: 80
μs
NPN output: Operate: 46
μs, Reset: 48 μs
PNP output: Operate: 51
μs, Reset: 53 μs
High-speed
Mode
Operate or reset: 250
μs
---
Standard Mode
Operate or reset: 1 ms
High-resolution
Mode
Operate or reset: 4 ms
Tough Mode
Operate or reset: 16 ms
Sensitivity setting
Teaching or manual method
Func-
tions
Power tuning
Light emission power and reception gain, digital control method
Differential
detection
Switchable between Single-edge and Double-edge Detection Modes.
Single edge: Set to 250
μs, 500 μs, 1 ms, 10 ms, or 100 ms.
Double edge: Set to 500
μs, 1 ms, 2 ms, 20 ms, or 200 ms
---
Automatic
power control
(APC)
Always enabled.
High-speed control of emission current
Wide-range APC for the E3X-DA
@R-S
Timer
Select from timer disabled, OFF-delay, ON-delay, One-shot, or ON-delay + OFF-delay timer
1 ms to 5 s (1 to 20 ms set in 1-ms increments, 20 to 200 ms set in 10-ms increments, 200 ms to 1 s set in 100-ms
increments, and 1 to 5 s set in 1-s increments)
ATC
Provided
APC margin
display
---
Provided
---
Slow-motion
display
---
Provided
Zero reset
Negative values can be displayed. (Threshold value is shifted.)
Resetting
settings
Select from initial reset (factory defaults) or user reset (saved settings).
Mutual
interference
prevention
Possible for up to 10 units ✽4
---
ECO Mode ✽5
Select from OFF (digital display lit), ECO1 (digital display dimmed), and ECO2 (digital display OFF).
External input
setting ✽1
Select from teaching operations, power tuning, zero reset, emitter OFF, or
ATC start.
---
Output setting
Select from output for each channel,
area output, or self-diagnosis.
---
Indicator
Operation indicator for
channel 1(orange)
Operation indicator for
channel 2(orange)
Operation indicator for
channel 1(orange)
APC alarm output indicator (orange)
Operation indicator for
channel 1(orange)
Power tuning indicator (orange)
Contact input (relay or switch)
Non-contact input (transistor)
NPN
ON: Shorted to 0 V (sourcing current: 1 mA max.).
OFF: Open or shorted to Vcc.
ON: 1.5 V max. (sourcing current: 1 mA max.)
OFF: Vcc - 1.5 V to Vcc (leakage current: 0.1 mA max.)
PNP
ON: Shorted to Vcc (sinking current: 3 mA max.).
OFF: Open or shorted to 0 V.
ON: Vcc - 1.5 V to Vcc (sinking current: 3 mA max.)
OFF: 1.5 V max. (leakage current: 0.1 mA max.)


Similar Part No. - E3X-DA21R-S2M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3X-DA21 OMRON-E3X-DA21 Datasheet
199Kb / 13P
   Fiber-Optic System for Sensing Under Vacuum
E3X-DA21-N OMRON-E3X-DA21-N Datasheet
1Mb / 10P
   The Ultimate Fiber Amplifier for Maximum Ease of Use and High Performance
More results

Similar Description - E3X-DA21R-S2M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3X-DA41RM-S OMRON-E3X-DA41RM-S Datasheet
5Mb / 34P
   Digital Fiber Sensors
E3X-DA8-S OMRON-E3X-DA8-S Datasheet
5Mb / 34P
   Digital Fiber Sensors
E32C312M OMRON-E32C312M Datasheet
17Mb / 67P
   Fiber Sensors
E32T24S OMRON-E32T24S Datasheet
17Mb / 67P
   Fiber Sensors
logo
SICK AG
LL3-DW01 SICK-LL3-DW01 Datasheet
208Kb / 4P
   FIBER-OPTIC SENSORS AND FIBER
logo
List of Unclassifed Man...
FX-300 ETC-FX-300 Datasheet
13Mb / 28P
   Digital Fiber Sensor
logo
TEXAS ADVANCED OPTOELEC...
TCS3404 TAOS-TCS3404 Datasheet
347Kb / 40P
   DIGITAL COLOR SENSORS
logo
SICK AG
LL3-DM02 SICK-LL3-DM02 Datasheet
230Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DJ02 SICK-LL3-DJ02 Datasheet
231Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DC06 SICK-LL3-DC06 Datasheet
207Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com