Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3T-ST24 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # E3T-ST24
Description  Photoelectric Sensor with Built-in Amplifier (Ultracompact and Thin Type)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3T-ST24 Datasheet(HTML) 2 Page - Omron Electronics LLC

  E3T-ST24 Datasheet HTML 1Page - Omron Electronics LLC E3T-ST24 Datasheet HTML 2Page - Omron Electronics LLC E3T-ST24 Datasheet HTML 3Page - Omron Electronics LLC E3T-ST24 Datasheet HTML 4Page - Omron Electronics LLC E3T-ST24 Datasheet HTML 5Page - Omron Electronics LLC E3T-ST24 Datasheet HTML 6Page - Omron Electronics LLC E3T-ST24 Datasheet HTML 7Page - Omron Electronics LLC E3T-ST24 Datasheet HTML 8Page - Omron Electronics LLC E3T-ST24 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
E3T
2
Ordering Information
Sensors (Refer to Dimensions on page 15.)
*1. Values in parentheses indicate the minimum required distance between the Sensor and Reflector.
*2. The model number of the Emitter is expressed by adding an "L" to the set model number in the table. Example: E3T-ST11-L 2M
The model number of the receiver is expressed by adding a "D" to the set model number in the table. Example: E3T-ST11-D 2M
Orders for individual Emitters and Receivers are accepted. (Modifications are required for some models.)
*3. Ask your OMRON representative about the previous Retro-reflective Sensors: E3T-SR2
@ and E3T-SR3@.
*4. Models are available either with or without the E39-R37-CA Reflector included.
Model with E39-R37-CA Reflector: E3T-SR4
@-S
Model without Reflector: E3T-SR4
@-C
Sensing
method
Appearance
Connection
method
Sensing
distance
Operation
mode
Model
NPN output
PNP output
Through-beam
(Emitter +
Receiver) *2
Side-view
Pre-wired (2 m)
Light-ON
E3T-ST11 2M
E3T-ST13 2M
Dark-ON
E3T-ST12 2M
E3T-ST14 2M
Light-ON
E3T-ST21 2M
E3T-ST23 2M
Dark-ON
E3T-ST22 2M
E3T-ST24 2M
Flat
Light-ON
E3T-FT11 2M
E3T-FT13 2M
Dark-ON
E3T-FT12 2M
E3T-FT14 2M
Light-ON
E3T-FT21 2M
E3T-FT23 2M
Dark-ON
E3T-FT22 2M
E3T-FT24 2M
Retro-
reflective *3
Side-view
Light-ON
E3T-SR41 2M *4
E3T-SR43 2M *4
Dark-ON
E3T-SR42 2M *4
E3T-SR44 2M *4
Diffuse-
reflective
Flat
Light-ON
E3T-FD11 2M
E3T-FD13 2M
Dark-ON
E3T-FD12 2M
E3T-FD14 2M
Convergent-
reflective
Side-view
Light-ON
E3T-SL11 2M
E3T-SL13 2M
Dark-ON
E3T-SL12 2M
E3T-SL14 2M
Light-ON
E3T-SL21 2M
E3T-SL23 2M
Dark-ON
E3T-SL22 2M
E3T-SL24 2M
BGS
reflective
Flat
Light-ON
E3T-FL11 2M
E3T-FL13 2M
Dark-ON
E3T-FL12 2M
E3T-FL14 2M
Light-ON
E3T-FL21 2M
E3T-FL23 2M
Dark-ON
E3T-FL22 2M
E3T-FL24 2M
Red light
1 m
(Sensitivity Adjustment
Unit can be used.)
300 mm
500 mm
300 mm
Using the E39-R37-CA
100 mm [10 mm] *1
200 mm [30 mm] *1
Using the E39-R4 Reflector
provided
5 to 30 mm
5 to 15 mm
5 to 30 mm
1 to 15 mm
1 to 30 mm


Similar Part No. - E3T-ST24

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3T-ST242M OMRON-E3T-ST242M Datasheet
3Mb / 24P
   The Improved E3T Series with Easier, Smoother Mounting and Installation
E3T-ST24M2M OMRON-E3T-ST24M2M Datasheet
3Mb / 24P
   The Improved E3T Series with Easier, Smoother Mounting and Installation
More results

Similar Description - E3T-ST24

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3Z-G61 OMRON-E3Z-G61 Datasheet
446Kb / 5P
   Grooved-type Photoelectric Sensor with Built-in Amplifier
E3Z-D62 OMRON-E3Z-D62 Datasheet
486Kb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3S OMRON-E3S Datasheet
1Mb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3Z-T66A OMRON-E3Z-T66A Datasheet
486Kb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3S-2B41 OMRON-E3S-2B41 Datasheet
1Mb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3Z-T61A OMRON-E3Z-T61A Datasheet
2Mb / 19P
   Compact Photoelectric Sensor with Built-in Amplifier
E3Z-D81 OMRON-E3Z-D81 Datasheet
2Mb / 19P
   Compact Photoelectric Sensor with Built-in Amplifier
E3Z-R61 OMRON-E3Z-R61 Datasheet
2Mb / 19P
   Compact Photoelectric Sensor with Built-in Amplifier
E3Z OMRON-E3Z Datasheet
3Mb / 17P
   Compact Photoelectric Sensor with Built-in Amplifier
2019.6
E3G-L77 OMRON-E3G-L77 Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com