Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K8AB-AS1 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # K8AB-AS1
Description  Single-phase Current Relay
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

K8AB-AS1 Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button K8AB-AS1 Datasheet HTML 2Page - Omron Electronics LLC K8AB-AS1 Datasheet HTML 3Page - Omron Electronics LLC K8AB-AS1 Datasheet HTML 4Page - Omron Electronics LLC K8AB-AS1 Datasheet HTML 5Page - Omron Electronics LLC K8AB-AS1 Datasheet HTML 6Page - Omron Electronics LLC K8AB-AS1 Datasheet HTML 7Page - Omron Electronics LLC K8AB-AS1 Datasheet HTML 8Page - Omron Electronics LLC K8AB-AS1 Datasheet HTML 9Page - Omron Electronics LLC K8AB-AS1 Datasheet HTML 10Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
K8AB-AS
6
Nomenclature
■ Front
Indicators
Setting Knobs
Note: 1. Use either a solid wire of 2.5 mm2 maximum or a ferrule with
insulating sleeve for the terminal connection.
The length of the exposed current-carrying part inserted
into the terminal must be 8 mm or less to maintain dielectric
strength after connection.
Recommended ferrules
Phoenix Contact
• Al 1,5-8BK (for AWG16)
• Al 1-8RD (for AWG18)
• Al 0,75-8GY (for AWG18)
2. Tightening torque
Recommended: 0.49 N·m
Maximum: 0.54 N·m
Power indicator
Relay status indicator
Current knob (SV)
Hysteresis knob (HYS.)
Operating time knob (T)
Startup lock time knob
(LOCK)
Alarm indicator
Terminal block
(See notes 1 and 2.)
Terminal block
(See notes 1 and 2.)
Item
Meaning
Power indicator
(PWR: Green)
Lit when power is being supplied.
Relay status indicator
(RY: Yellow)
Lit when relay is operating.
Alarm indicator (ALM: Red) Lit when there is an overcurrent or
undercurrent.
The indicator flashes to indicate the
error status after the input has
exceeded the threshold value while the
operating time is being clocked.
Item
Usage
Current knob (SV)
Used to set the current to 10% to 100%
of maximum measuring current.
Hysteresis knob (HYS.)
Used to set the rest value to 5% to 50%
of the operating value.
Operating time knob (T)
Used to set the operating time to 0.1 to
30 s.
Startup lock time knob
(LOCK)
Used to set the startup lock time to 0 to
30 s.
For 2.5 mm2 or
smaller solid wires
For ferrules with
insulating sleeves
8 mm max.
8 mm max.


Similar Part No. - K8AB-AS1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
K8AB-PA OMRON-K8AB-PA Datasheet
876Kb / 11P
   Three-phase Asymmetry and Phase-sequence Phase-loss Relay
K8AB-PA1 OMRON-K8AB-PA1 Datasheet
876Kb / 11P
   Three-phase Asymmetry and Phase-sequence Phase-loss Relay
K8AB-PA2 OMRON-K8AB-PA2 Datasheet
876Kb / 11P
   Three-phase Asymmetry and Phase-sequence Phase-loss Relay
K8AB-PH OMRON-K8AB-PH Datasheet
569Kb / 6P
   Phase-sequence Phase-loss Relay
K8AB-PH1 OMRON-K8AB-PH1 Datasheet
569Kb / 6P
   Phase-sequence Phase-loss Relay
More results

Similar Description - K8AB-AS1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
K8AB-VS OMRON-K8AB-VS Datasheet
959Kb / 10P
   Single-phase Voltage Relay
K8AB-VW OMRON-K8AB-VW Datasheet
1,019Kb / 10P
   Single-phase Voltage Relay
logo
Schneider Electric
RM35JA31MW SCHNEIDER-RM35JA31MW Datasheet
162Kb / 7P
   Modular 1-phase current control relay
logo
DB Lectro Inc
HG4506 DBLECTRO-HG4506 Datasheet
46Kb / 2P
   Single Phase Motor Starter Relay
logo
Schneider Electric
RM35JA32MW SCHNEIDER-RM35JA32MW Datasheet
162Kb / 7P
   Modular 1-phase current control relay
logo
celduc-relais
SO86596H CELDUC-SO86596H Datasheet
489Kb / 6P
   Single phase Power Solid State Relay
logo
DONGGUAN YOU FENG WEI E...
KBPC1506 YFWDIODE-KBPC1506 Datasheet
562Kb / 3P
   15A HIGH CURRENT SINGLE-PHASE
KBPC2506 YFWDIODE-KBPC2506 Datasheet
562Kb / 3P
   25A HIGH CURRENT SINGLE-PHASE
KBPC3506 YFWDIODE-KBPC3506 Datasheet
566Kb / 3P
   35A HIGH CURRENT SINGLE-PHASE
logo
Littelfuse
77C LITTELFUSE-77C Datasheet
373Kb / 4P
   Single-Phase Current & Voltage Monitor
2022 Littelfuse, Inc
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com