Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K8AB-PA Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # K8AB-PA
Description  Three-phase Asymmetry and Phase-sequence Phase-loss Relay
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

K8AB-PA Datasheet(HTML) 5 Page - Omron Electronics LLC

  K8AB-PA Datasheet HTML 1Page - Omron Electronics LLC K8AB-PA Datasheet HTML 2Page - Omron Electronics LLC K8AB-PA Datasheet HTML 3Page - Omron Electronics LLC K8AB-PA Datasheet HTML 4Page - Omron Electronics LLC K8AB-PA Datasheet HTML 5Page - Omron Electronics LLC K8AB-PA Datasheet HTML 6Page - Omron Electronics LLC K8AB-PA Datasheet HTML 7Page - Omron Electronics LLC K8AB-PA Datasheet HTML 8Page - Omron Electronics LLC K8AB-PA Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
K8AB-PA
5
Connections
■ Wiring Diagram
Voltage Asymmetry and Phase Sequence/Phase Loss Operation Diagram
Operation Indicators
Note: The indicator will flash once per second after a phase loss is
detected and once per 0.5 second during the detection time.
L1
L3
L2
L3
L2
L1
L1
L2
L3
T
T1
L1
L2
L3
L1
L2
L3
Relay
Asymmetry operation voltage (set value)
Input
Alarm indicator
Flashing
Lit
T: Operating time (0.1 to 30 s)
T1: Power ON lock (1 s or 5 s)
Phase loss operation
Phase sequence operation
Input
Relay
Alarm indicator
Note: 1. K8AB-PA output relay is normally operative.
2. The power ON lock prevents unnecessary alarms from being generated during
the instable period when the power is first turned on. There is no relay output
during timer operation.
3. Phase loss is detected by L1, L2, and L3 voltage drops.
A phase loss will exist if any of the phases drops below 60% of the rated input.
4. L1 and L2 function both as the power supply terminals and as input terminals.
If the voltage drops dramatically, then the Relay will not operate due to an
undervoltage.
5. Motor load phase loss cannot be detected during operation.
6. Phase loss is detected based on voltage, so phase loss cannot be detected on
the load side.
Flashing Flashing
Calculating the Asymmetry Operating Voltage
Asymmetry operation condition = (Highest voltage
− Lowest voltage) > Asymmetry operating voltage
Asymmetry operating voltage = Rated input voltage (V)
× Asymmetry set value (%)
Note: The rated input voltage is selected and set with the DIP switch.
Item
Display
Contact
operation
Ry_LED
Alarm_LED Alarm_LED
Asymmetry OFF
ON
OFF
Phase loss
OFF
ON
OFF
Reversed
phase
OFF
Flashing
(See note.)
OFF
Correct
phase
ON
OFF
ON
Load
Voltage input
Signal output
14
12
L1
L2
L3
11
L1
NL2 L3
Relay signal
output
N


Similar Part No. - K8AB-PA

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
K8AB-PH OMRON-K8AB-PH Datasheet
569Kb / 6P
   Phase-sequence Phase-loss Relay
K8AB-PH1 OMRON-K8AB-PH1 Datasheet
569Kb / 6P
   Phase-sequence Phase-loss Relay
K8AB-PM OMRON-K8AB-PM Datasheet
946Kb / 10P
   Three-phase Phase-sequence Phase-loss Relay
K8AB-PM1 OMRON-K8AB-PM1 Datasheet
946Kb / 10P
   Three-phase Phase-sequence Phase-loss Relay
K8AB-PM2 OMRON-K8AB-PM2 Datasheet
946Kb / 10P
   Three-phase Phase-sequence Phase-loss Relay
More results

Similar Description - K8AB-PA

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
K8AB-PM OMRON-K8AB-PM Datasheet
946Kb / 10P
   Three-phase Phase-sequence Phase-loss Relay
logo
ZIEHL industrie-elektro...
P222505 ZIEHL-P222505 Datasheet
262Kb / 1P
   Phase asymmetry Relay Type PS2DK Monitoring of Phase-Asymmetry and Phase Sequence
logo
Omron Electronics LLC
K8DS-PH1 OMRON-K8DS-PH1 Datasheet
1Mb / 12P
   Phase-sequence Phase-loss Relay
K8AB-PH OMRON-K8AB-PH Datasheet
569Kb / 6P
   Phase-sequence Phase-loss Relay
logo
PHOENIX CONTACT
2866077 PHOENIX-2866077 Datasheet
120Kb / 5P
   Electronic monitoring relay for phase sequence, phase failure, and asymmetry monitoring
logo
Schneider Electric
RM22TA33 SCHNEIDER-RM22TA33 Datasheet
75Kb / 3P
   three-Phase Asymmetry control relay
logo
List of Unclassifed Man...
DPB02CM23 ETC2-DPB02CM23 Datasheet
164Kb / 4P
   Monitoring Relays True RMS 3-Phase, Phase Sequence/Loss - Asymmetry
logo
ZIEHL industrie-elektro...
PSSW1 ZIEHL-PSSW1 Datasheet
259Kb / 1P
   Monitor for 3-phase Type PSSW1 Phase asymmetry, Phase sequence, over- and undervoltage
logo
List of Unclassifed Man...
DPA71DM23 ETC2-DPA71DM23 Datasheet
107Kb / 3P
   Monitoring Relays 3-Phase Sequence and Phase Loss
DPA01CM44 ETC2-DPA01CM44 Datasheet
115Kb / 3P
   Monitoring Relays 3-Phase Sequence and Phase Loss
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com