Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K8AB-PW1 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # K8AB-PW1
Description  Three-phase Voltage Relay
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

K8AB-PW1 Datasheet(HTML) 4 Page - Omron Electronics LLC

  K8AB-PW1 Datasheet HTML 1Page - Omron Electronics LLC K8AB-PW1 Datasheet HTML 2Page - Omron Electronics LLC K8AB-PW1 Datasheet HTML 3Page - Omron Electronics LLC K8AB-PW1 Datasheet HTML 4Page - Omron Electronics LLC K8AB-PW1 Datasheet HTML 5Page - Omron Electronics LLC K8AB-PW1 Datasheet HTML 6Page - Omron Electronics LLC K8AB-PW1 Datasheet HTML 7Page - Omron Electronics LLC K8AB-PW1 Datasheet HTML 8Page - Omron Electronics LLC K8AB-PW1 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
K8AB-PW
4
■ Specifications
Note: The reset value is valid only for automatic resets.
Input frequency range
45 to 65 Hz
Overload capacity
Continuous input: 115% of maximum input, 10 s max.: 125% of maximum input
Setting error
Operating value
Set value
±10% of rated input voltage
Operating time
Startup lock time
Set value
±0.5 s
Repeat error
Operating value
Operating value
±2%
Error calculation: Error = ((Maximum operating value
− Minimum operating value (over 10 operations))/2)/
Average value
× 100%
Reset value
Overvoltage:
Operating value x 95%
±2%
Undervoltage:
Operating value x 105%
±2%
Error calculation: Error = ((Maximum reset value
− Minimum reset value (over 10 resets))/2)/
Average value
× 100%
Operating time
Operating time repeat error:
±50 ms
Overvoltage:
Measured when input suddenly changes from 70% to 120% of setting.
Undervoltage:
Measured when input suddenly changes from 120% to 70% of setting.
The input voltage, however, must be between 70% and 125% of rating.
Startup lock time
Startup lock time repeat error:
±0.5 s
(The operating time when the operating time is set to the minimum value and the power supply suddenly
changes from 0% to 100%.)
Temperature influence
Operating value
Drift based on measured value at standard temperature:
−20°C to standard temperature: ±1,000 ppm/°C max.
Standard temperature to 60
°C : ±1,000 ppm/°C max.
(Humidity: 25% to 80%)
Operating time
Fluctuation based on measured value at standard temperature:
−20°C to standard temperature: ±10% max.
Standard temperature to 60
°C : ±10% max.
(Humidity: 25% to 80%)
Humidity influence
Operating value
Based on ambient humidity of 65%
25% to 80%:
±5% max.
Operating time
Based on ambient room humidity
25% to 80%:
±10% max.
Influence of input frequency
At 45 to 65 Hz
Operating value
±5%
Operating time
±10%
Note: The error in the operating value and operating time under standard conditions.
Applicable
standards
Conforming standards
EN60255-5 and EN60255-6
Installation environment (Pollution Degree 2, Overvoltage Category III)
EMC
EN61326
Safety standards
UL508
Insulation resistance
20 M
Ω min.
Between external terminals and case
Between input terminals and output 1 terminals
Between input terminals and output 2 terminals
Between output 1 terminals and output 2 terminals
Dielectric strength
2,000 VAC for one minute
Between external terminals and case
Between input terminals and output 1 terminals
Between input terminals and output 2 terminals
Between output 1 terminals and output 2 terminals
Noise immunity
1,500 V power supply terminal common/normal mode
Square-wave noise of ±1
µs/100 ns pulse width with 1-ns rise time
Vibration resistance
Frequency 10 to 55 Hz, 0.35-mm single amplitude, acceleration 50 m/s2
10 sweeps of 5 min each in X, Y, and Z directions
Shock resistance
100 m/s2, 3 times each in 6 directions along three axes (up/down, left/right, forward/backward)
Degree of protection
Terminal section: Finger protection


Similar Part No. - K8AB-PW1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
K8AB-PA OMRON-K8AB-PA Datasheet
876Kb / 11P
   Three-phase Asymmetry and Phase-sequence Phase-loss Relay
K8AB-PA1 OMRON-K8AB-PA1 Datasheet
876Kb / 11P
   Three-phase Asymmetry and Phase-sequence Phase-loss Relay
K8AB-PA2 OMRON-K8AB-PA2 Datasheet
876Kb / 11P
   Three-phase Asymmetry and Phase-sequence Phase-loss Relay
K8AB-PH OMRON-K8AB-PH Datasheet
569Kb / 6P
   Phase-sequence Phase-loss Relay
K8AB-PH1 OMRON-K8AB-PH1 Datasheet
569Kb / 6P
   Phase-sequence Phase-loss Relay
More results

Similar Description - K8AB-PW1

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
RM22TG20 SCHNEIDER-RM22TG20 Datasheet
117Kb / 7P
   three-Phase control relay
logo
Omron Electronics LLC
K8AB-PM OMRON-K8AB-PM Datasheet
946Kb / 10P
   Three-phase Phase-sequence Phase-loss Relay
logo
Hongfa Technology
HFS24 HONGFA-HFS24 Datasheet
114Kb / 3P
   THREE-PHASE SOLID STATE RELAY
logo
celduc-relais
SGT968360E CELDUC-SGT968360E Datasheet
352Kb / 4P
   Three Phase Solid State Relay
logo
Schneider Electric
RM4TR32 SCHNEIDER-RM4TR32 Datasheet
165Kb / 9P
   three-phase network control relay
RM4TG20 SCHNEIDER-RM4TG20 Datasheet
160Kb / 9P
   three-phase network control relay
logo
TE Connectivity Ltd
SSR3 TEC-SSR3 Datasheet
475Kb / 3P
   Three Phase Solid State Relay
02-2021, Rev. 0221
logo
celduc-relais
SGT962360E CELDUC-SGT962360E Datasheet
393Kb / 4P
   Three Phase Solid State Relay
SGT967360E CELDUC-SGT967360E Datasheet
262Kb / 4P
   Three Phase Solid State Relay
logo
Schneider Electric
RM22TA33 SCHNEIDER-RM22TA33 Datasheet
75Kb / 3P
   three-Phase Asymmetry control relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com