Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K8AB-VS3 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # K8AB-VS3
Description  Single-phase Voltage Relay
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

K8AB-VS3 Datasheet(HTML) 5 Page - Omron Electronics LLC

  K8AB-VS3 Datasheet HTML 1Page - Omron Electronics LLC K8AB-VS3 Datasheet HTML 2Page - Omron Electronics LLC K8AB-VS3 Datasheet HTML 3Page - Omron Electronics LLC K8AB-VS3 Datasheet HTML 4Page - Omron Electronics LLC K8AB-VS3 Datasheet HTML 5Page - Omron Electronics LLC K8AB-VS3 Datasheet HTML 6Page - Omron Electronics LLC K8AB-VS3 Datasheet HTML 7Page - Omron Electronics LLC K8AB-VS3 Datasheet HTML 8Page - Omron Electronics LLC K8AB-VS3 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
K8AB-VS
5
Connections
■ Wiring Diagram
Overvoltage Operation Diagram
(Output Relay Drive Method: Normally
Closed)
DIP switch setting: SW3 ON.
Note: The power ON lock prevents unnecessary alarms from being generated during the
instable period when the power is first turned on. There is no relay output during timer
operation.
Undervoltage Operation Diagram
(Output Relay Drive Method: Normally
Open)
DIP switch setting: SW3 OFF.
Note: The power ON lock prevents unnecessary alarms from being generated during the
instable period when the power is first turned on. There is no relay output during timer
operation.
Note: There is no polarity when a DC current input is used.
T1
T
Operating value
Input
Power supply
voltage
Relay 11-14
Relay 11-12
Alarm indicator
T: Operating time (0.1 to 30 s)
T1: Startup lock time (1 or 5 s)
Lit
Flashing
Hysteresis
(
−5% to 50% of operating value)
Lit
Flashing
T1
T1: Power ON lock (1 or 5 s)
T
T: Operating time (0.1 to 30 s)
Hysteresis
(5% to 50% of operating value)
Power supply
voltage
Relay 11-14
Relay 11-12
Operating value
Alarm indicator
Input
Load
Power supply
voltage
Voltage input
Signal output
14
12
A1
A2
V1
V2
V3
11
Relay
signal
output
COM
Single-phase power


Similar Part No. - K8AB-VS3

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
K8AB-VW OMRON-K8AB-VW Datasheet
1,019Kb / 10P
   Single-phase Voltage Relay
K8AB-VW1 OMRON-K8AB-VW1 Datasheet
1,019Kb / 10P
   Single-phase Voltage Relay
K8AB-VW2 OMRON-K8AB-VW2 Datasheet
1,019Kb / 10P
   Single-phase Voltage Relay
K8AB-VW3 OMRON-K8AB-VW3 Datasheet
1,019Kb / 10P
   Single-phase Voltage Relay
More results

Similar Description - K8AB-VS3

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
K8AB-VW OMRON-K8AB-VW Datasheet
1,019Kb / 10P
   Single-phase Voltage Relay
K8AB-AS OMRON-K8AB-AS Datasheet
906Kb / 10P
   Single-phase Current Relay
K8AB-PW OMRON-K8AB-PW Datasheet
835Kb / 10P
   Three-phase Voltage Relay
logo
DB Lectro Inc
HG4506 DBLECTRO-HG4506 Datasheet
46Kb / 2P
   Single Phase Motor Starter Relay
logo
Littelfuse
201-XXX-SP-DPDT LITTELFUSE-201-XXX-SP-DPDT Datasheet
351Kb / 2P
   Single-phase voltage/phase monitor
2016 Rev: 1-A-062716
201-XXX-SP LITTELFUSE-201-XXX-SP Datasheet
278Kb / 2P
   Single-phase voltage/phase monitor
2020 Rev: 1-A-062716
logo
celduc-relais
SO86596H CELDUC-SO86596H Datasheet
489Kb / 6P
   Single phase Power Solid State Relay
logo
Schneider Electric
RM35UB330 SCHNEIDER-RM35UB330 Datasheet
121Kb / 6P
   Modular 3-phase voltage control relay
logo
ON Semiconductor
NCP81250 ONSEMI-NCP81250 Datasheet
301Kb / 18P
   Single-Phase Voltage Regulator
September, 2015 ??Rev. 1
NCP81252 ONSEMI-NCP81252 Datasheet
301Kb / 18P
   Single-Phase Voltage Regulator
September, 2015 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com