Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K8AB-VW3 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # K8AB-VW3
Description  Single-phase Voltage Relay
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

K8AB-VW3 Datasheet(HTML) 1 Page - Omron Electronics LLC

  K8AB-VW3 Datasheet HTML 1Page - Omron Electronics LLC K8AB-VW3 Datasheet HTML 2Page - Omron Electronics LLC K8AB-VW3 Datasheet HTML 3Page - Omron Electronics LLC K8AB-VW3 Datasheet HTML 4Page - Omron Electronics LLC K8AB-VW3 Datasheet HTML 5Page - Omron Electronics LLC K8AB-VW3 Datasheet HTML 6Page - Omron Electronics LLC K8AB-VW3 Datasheet HTML 7Page - Omron Electronics LLC K8AB-VW3 Datasheet HTML 8Page - Omron Electronics LLC K8AB-VW3 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CSM_K8AB-VW_DS_E_3_1
1
Single-phase Voltage Relay
K8AB-VW
Ideal for voltage monitoring for industrial
facilities and equipment.
• Monitor for overvoltages and undervoltages simultaneously.
Separate settings and outputs supported for overvoltages and
undervoltages.
• Manual resetting and automatically resetting supported by one
Relay.
• Pre-alarm Monitoring Mode.
• Two SPDT output relays, 6 A at 250 VAC (resistive load).
• Process control signal (0 to 10 V) and current splitter input
supported.
• Output status can be monitored using LED indicator.
• Input frequency of 40 to 500 Hz supported.
• Inputs are isolated from the power supply.
Refer to Safety Precautions for the K8AB
Series. Refer to page 9 for the Q&A section.
Model Number Structure
■ Model Number Legend
1. Basic Model
K8AB:
Measuring and Monitoring Relays
2. Functions
VW:
Single-phase Voltage Relay (Simultaneous upper and lower limit monitoring)
3. Measuring Current
1:
6 to 60 mV AC/DC, 10 to 100 mV AC/DC, 30 to 300 mV AC/DC
2:
1 to 10 V AC/DC, 3 to 30 V AC/DC, 15 to 150 V AC/DC
3:
20 to 200 V AC/DC, 30 to 300 V AC/DC, 60 to 600 V AC/DC
4. Supply Voltage
24 VAC/DC:
24 VAC/DC
100-115 VAC: 100 to 115 VAC
200-230 VAC: 200 to 230 VAC
12 3
4
K8AB-
@@


Similar Part No. - K8AB-VW3

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
K8AB-VS OMRON-K8AB-VS Datasheet
959Kb / 10P
   Single-phase Voltage Relay
K8AB-VS1 OMRON-K8AB-VS1 Datasheet
959Kb / 10P
   Single-phase Voltage Relay
K8AB-VS2 OMRON-K8AB-VS2 Datasheet
959Kb / 10P
   Single-phase Voltage Relay
K8AB-VS3 OMRON-K8AB-VS3 Datasheet
959Kb / 10P
   Single-phase Voltage Relay
More results

Similar Description - K8AB-VW3

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
K8AB-VS OMRON-K8AB-VS Datasheet
959Kb / 10P
   Single-phase Voltage Relay
K8AB-AS OMRON-K8AB-AS Datasheet
906Kb / 10P
   Single-phase Current Relay
K8AB-PW OMRON-K8AB-PW Datasheet
835Kb / 10P
   Three-phase Voltage Relay
logo
DB Lectro Inc
HG4506 DBLECTRO-HG4506 Datasheet
46Kb / 2P
   Single Phase Motor Starter Relay
logo
Littelfuse
201-XXX-SP-DPDT LITTELFUSE-201-XXX-SP-DPDT Datasheet
351Kb / 2P
   Single-phase voltage/phase monitor
2016 Rev: 1-A-062716
201-XXX-SP LITTELFUSE-201-XXX-SP Datasheet
278Kb / 2P
   Single-phase voltage/phase monitor
2020 Rev: 1-A-062716
logo
celduc-relais
SO86596H CELDUC-SO86596H Datasheet
489Kb / 6P
   Single phase Power Solid State Relay
logo
Schneider Electric
RM35UB330 SCHNEIDER-RM35UB330 Datasheet
121Kb / 6P
   Modular 3-phase voltage control relay
logo
ON Semiconductor
NCP81250 ONSEMI-NCP81250 Datasheet
301Kb / 18P
   Single-Phase Voltage Regulator
September, 2015 ??Rev. 1
NCP81252 ONSEMI-NCP81252 Datasheet
301Kb / 18P
   Single-Phase Voltage Regulator
September, 2015 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com