Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3T-FL132M Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # E3T-FL132M
Description  Photoelectric Sensor with Built-in Amplifier (Ultracompact and Thin Type)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3T-FL132M Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button E3T-FL132M Datasheet HTML 6Page - Omron Electronics LLC E3T-FL132M Datasheet HTML 7Page - Omron Electronics LLC E3T-FL132M Datasheet HTML 8Page - Omron Electronics LLC E3T-FL132M Datasheet HTML 9Page - Omron Electronics LLC E3T-FL132M Datasheet HTML 10Page - Omron Electronics LLC E3T-FL132M Datasheet HTML 11Page - Omron Electronics LLC E3T-FL132M Datasheet HTML 12Page - Omron Electronics LLC E3T-FL132M Datasheet HTML 13Page - Omron Electronics LLC E3T-FL132M Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
E3T
10
BGS Reflective
E3T-SL2
@ (Right to Left)
E3T-FL1
@ (Top to Bottom)
E3T-FL1
@ (Right to Left)
E3T-FL2
@ (Top to Bottom)
E3T-FL2
@ (Right to Left)
Excess Gain vs. Set Distance
Through-beam
E3T-ST1
@
E3T-FT1
@
E3T-ST2
@
20
40
30
10
0
10
0
−10
Angle
θ (°)
Glass
Stainless steel
Angle of
inclination
−θ
10
20
0
10
0
−10
Glass
Stainless steel
Angle
θ (°)
Angle of
inclination
White paper
Center
line
−θ
10
20
0
10
0
−10
Angle
θ (°)
Angle of
inclination
White paper
Center
line
−θ
Glass
Stainless steel
20
10
30
40
0
10
0
−10
Angle
θ (°)
Glass
Stainless steel
Angle of
inclination
White
paper
Center
line
−θ
20
10
30
40
0
10
0
−10
Glass
Stainless steel
Angle
θ (°)
Angle of
inclination
White paper
Center
line
−θ
100
50
30
10
5
3
1
0.5
0.3
0.1
4000
3000
2000
1000
0
Operating
level
Set distance (mm)
100
50
30
10
5
3
1
0.5
0.3
0.1
0
400
800
1200
1600
2000
Operating
level
Set distance (mm)
14
12
10
8
6
4
2
0
1
1200
900
600
300
0
Operating
level
Set distance (mm)


Similar Part No. - E3T-FL132M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3T-FL132M OMRON-E3T-FL132M Datasheet
3Mb / 24P
   The Improved E3T Series with Easier, Smoother Mounting and Installation
More results

Similar Description - E3T-FL132M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3Z-G61 OMRON-E3Z-G61 Datasheet
446Kb / 5P
   Grooved-type Photoelectric Sensor with Built-in Amplifier
E3Z-D62 OMRON-E3Z-D62 Datasheet
486Kb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3S OMRON-E3S Datasheet
1Mb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3Z-T66A OMRON-E3Z-T66A Datasheet
486Kb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3S-2B41 OMRON-E3S-2B41 Datasheet
1Mb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3Z-T61A OMRON-E3Z-T61A Datasheet
2Mb / 19P
   Compact Photoelectric Sensor with Built-in Amplifier
E3Z-D81 OMRON-E3Z-D81 Datasheet
2Mb / 19P
   Compact Photoelectric Sensor with Built-in Amplifier
E3Z-R61 OMRON-E3Z-R61 Datasheet
2Mb / 19P
   Compact Photoelectric Sensor with Built-in Amplifier
E3Z OMRON-E3Z Datasheet
3Mb / 17P
   Compact Photoelectric Sensor with Built-in Amplifier
2019.6
E3G-L77 OMRON-E3G-L77 Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com