Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC3 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # MC3
Description  Safety Mat/Safety Mat Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

MC3 Datasheet(HTML) 3 Page - Omron Electronics LLC

  MC3 Datasheet HTML 1Page - Omron Electronics LLC MC3 Datasheet HTML 2Page - Omron Electronics LLC MC3 Datasheet HTML 3Page - Omron Electronics LLC MC3 Datasheet HTML 4Page - Omron Electronics LLC MC3 Datasheet HTML 5Page - Omron Electronics LLC MC3 Datasheet HTML 6Page - Omron Electronics LLC MC3 Datasheet HTML 7Page - Omron Electronics LLC MC3 Datasheet HTML 8Page - Omron Electronics LLC MC3 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
UM/MC3
Specifications
Ratings
Safety Mat Controller
Power input
* Power consumption of loads is not included.
Switch
Characteristics
Safety Mat
Safety Mat Controller
Item
Model
MC3
Power voltage
24 VDC
Operating voltage range
-15% to +15% of rated supply voltage
Power consumption
*
3 W max.
Item
Model
MC3
Rated load
6 A at 230 VAC/6 A at 24 VDC (resistive load)
5 A at 230 VAC (AC15)/2 A at 24 VDC (DC13) (inductive load)
Maximum rated voltage
250 VAC/24 VDC
Rated carry current
6 A
Maximum switching capacity
1,500 VA
Item
Model
UM
Detection method
Pressure sensing method
Detection weight
30 kg min.
Maximum allowable load
2,000 N (EN1760-1 requirement)
Mechanical durability
1 million cycles min.
Material
PVC (Polyvinyl Chloride)
Ambient operating temperature
-37 to 66°C (with no icing or condensation)
Degree of protection
IP67
Weight
Approx. 24.4 kg/m2
Item
Model
MC3
Response time
30 ms max.
Safety input
Four-wire Safety Mat only
Mat can be connected in series (Connectable number: 12 max.)
The external impedance must be 8
Ω or less between M11 and M21 and between M12 and M22.
Safety output
SPDT-NO
Auxiliary output
SPDT-NC
Insulation resistance
20 M
Ω min. (at 500 VDC)
Dielectric
strength
Between different
poles of outputs
1,800 VAC, 50/60 Hz for 1 min.
Between power
supply and output
Vibration resistance
Malfunction: 10 to 55 Hz, 0.15 mm single amplitude
Mechanical shock resistance
Malfunction: 98 m/s2
Durability
Mechanical
10,000,000 cycles min.
Electrical
100,000 cycles min. (rated load, switching frequency: 360 cycles/hour)
Ambient operating temperature
0 to 55°C (with no icing or condensation)
Ambient operating humidity
0% to 90% RH
Degree of protection
IP20
Terminal tightening torque
0.5 N·m
Weight
Approx. 360 g


Similar Part No. - MC3

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
MC3 CARLOGAVAZZI-MC3 Datasheet
54Kb / 2P
   Proximity Magnetic Sensors Rectangular Housing
logo
Allied Components Inter...
MC30 ALLIED-MC30 Datasheet
393Kb / 1P
   Molded Chip Inductors
MC30-100K-RC ALLIED-MC30-100K-RC Datasheet
393Kb / 1P
   Molded Chip Inductors
MC30-100K-RC ALLIED-MC30-100K-RC Datasheet
393Kb / 1P
   Molded Chip Inductors
MC30-101K-RC ALLIED-MC30-101K-RC Datasheet
393Kb / 1P
   Molded Chip Inductors
More results

Similar Description - MC3

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XPSUAK12AP SCHNEIDER-XPSUAK12AP Datasheet
198Kb / 6P
   Safety module, Harmony Safety Automation, Cat.4, features XPSUAF PNP/NPN, safety mat, 24v AC/DC, screw
Jan 13, 2022
logo
SICK AG
UE410-XU4T300 SICK-UE410-XU4T300 Datasheet
323Kb / 6P
   SAFETY CONTROLLER
logo
SparkFun Electronics
TOL-14672 SPARKFUN-TOL-14672 Datasheet
144Kb / 2P
   Insulated Silicone Soldering Mat
4??0??8
logo
FCI connector
65781 FCI-CONNECTOR-65781 Datasheet
419Kb / 6P
   HOUSING MAT: FILLED POLYESTER
logo
Bertech.
2059S BERTECH-2059S Datasheet
170Kb / 1P
   ESD Soldering Mats & Mat Kits
logo
FCI connector
71609 FCI-CONNECTOR-71609 Datasheet
65Kb / 1P
   HOUSIN MAT: THERMOPLASTIC GLASS FILLED
logo
Omron Electronics LLC
NE0A-SCPU01 OMRON-NE0A-SCPU01 Datasheet
309Kb / 6P
   Safety Network Controller
logo
FCI connector
71607 FCI-CONNECTOR-71607 Datasheet
61Kb / 1P
   HOUSIN MAT: THERMOPLASTIC GLASS FILLED
76342 FCI-CONNECTOR-76342 Datasheet
78Kb / 2P
   HOUSING MAT: THERMOPLASTIC GLASS FILLED
logo
Molex Electronics Ltd.
SD-34805-001 MOLEX-SD-34805-001 Datasheet
215Kb / 1P
   CTX150 MAT SEAL RECEPTACLE TERMINAL
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com