Electronic Components Datasheet Search |
|
S8VM-15024 Datasheet(PDF) 8 Page - Omron Electronics LLC |
|
S8VM-15024 Datasheet(HTML) 8 Page - Omron Electronics LLC |
8 / 37 page S8VM 8 Construction and Nomenclature (15-W, 30-W, 50-W, 100-W, 150-W Models) ■ Nomenclature Note: 1. The fuse is located on the (L) side. It is NOT user-replace- able. 2. If mounting is performed using a DIN Rail, the protective earthing connection is the panel mounting hole shown in the figure below. (A protective earthing connection stipulated in safety stan- dards is used. Connect the ground completely (S8VM- @@@@@D only)). Ground terminal: M3 (Depth: 8 mm max.)/Ground wire: AWG 18 3. S8VM- @@@24A@/P@ only 4. S8VM-05024A @/P@, S8VM-10024A@/P@, S8VM- 15024A @/P@ only. Housing and terminals of the connector for undervoltage detection output are also provided. For de- tails, refer to Undervoltage Alarm Output Connector Har- ness Manufacture Method on page 33 under Safety Precautions. 5. When not using the remote sensing function, leave the short bar in the same state as when shipped. 6. A @ models: Common terminal (emitter) P @ models: Common terminal (collector) ■ Output Color Label 5 4 3 2 1 6 7 89 10 12 12 1 2 11 8 9 10 3 11 4 5 67 12 12 1 2 11 3 11 4 5 12 12 6 7 89 10 12 12 15-W, 30-W, 50-W Models Open-frame Models Covered Models S8VM-015 @@/S8VM-015@@D S8VM-030 @@/S8VM-030@@D S8VM-050 @@/S8VM-050@@D 100-W Models Open-frame Models Covered Models S8VM-100 @@/S8VM-100@@D S8VM-100 @@C@/S8VM-10024A@/P@ 150-W Models Open-frame Models Covered Models S8VM-150 @@/S8VM-150@@D S8VM-150 @@C@/S8VM-15024A@/P@ S8VM-015 @@C@/S8VM-01524A@ S8VM-030 @@C@/S8VM-03024A@ S8VM-050 @@C@/S8VM-05024A@/P@ 300-W, 600-W, 1,500-W Models Note: Refer to page 14. No. Name Function 1 AC input terminals (L), (N) Connect the input lines to these terminals. (See note 1.) 2 PE terminal: Protective earthing terminal (S8VM- @@@@@C@/S8VM-@@@@@A@/ S8VM- @@@@@P@) FG terminal: Frame ground terminal (S8VM- @@@@@/S8VM-@@@@@D) Connect the ground line to this terminal. (See note 2.) 3 DC output terminals (-V), (+V) Connect the load lines to these terminals. 4 Output indicator (DC ON: Green) Lights (green) while a direct current (DC) output is ON. 5 Output voltage adjuster (V. ADJ) Use to adjust the voltage. 6 Undervoltage alarm indicator 1 (DC LOW1: Yellow) (See note 3.) Lights only when a momentary drop in output voltage is de- tected. This status is main- tained. 7 Undervoltage alarm indicator 2 (DC LOW2: Red) (See note 3.) Lights only when the output voltage drops to approximately 20 V or lower. 8 Undervoltage alarm output terminal 1: (DC LOW1) (See note 4.) Outputs only when a momen- tary drop in output voltage is detected. This status is main- tained. (The transistor turns OFF when a voltage drop occurs.) 9 Undervoltage alarm output terminal 2: (DC LOW2) (See note 4.) Outputs only when the output voltage drops to approximately 20 V or lower. (The transistor turns OFF when a voltage drop occurs.) 10 Common terminal for undervoltage alarm output (See note 4.) Common terminal (See note 6.) for terminals 8 and 9 11 Remote sensing terminals (See note 5.) Correct the voltage drop in the load lines. 12 Short bars (See note 5.) --- Protective earthing connection Ground Color label identifying output voltage Green: 5 V Blue: 12 V Yellow: 15 V White: 24 V This color label identifies the output voltage by color. |
Similar Part No. - S8VM-15024 |
|
Similar Description - S8VM-15024 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |