Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S8VM-01524CD Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # S8VM-01524CD
Description  Switch Mode Power Supply
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8VM-01524CD Datasheet(HTML) 4 Page - Omron Electronics LLC

  S8VM-01524CD Datasheet HTML 1Page - Omron Electronics LLC S8VM-01524CD Datasheet HTML 2Page - Omron Electronics LLC S8VM-01524CD Datasheet HTML 3Page - Omron Electronics LLC S8VM-01524CD Datasheet HTML 4Page - Omron Electronics LLC S8VM-01524CD Datasheet HTML 5Page - Omron Electronics LLC S8VM-01524CD Datasheet HTML 6Page - Omron Electronics LLC S8VM-01524CD Datasheet HTML 7Page - Omron Electronics LLC S8VM-01524CD Datasheet HTML 8Page - Omron Electronics LLC S8VM-01524CD Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
S8VM
4
Note: 1. Do not use an Inverter output for the Power Supply. Inverters with an output frequency of 50/60 Hz are available, but the rise in the internal temperature of
the Power Supply may result in ignition or burning.
2. Refer to Engineering Data (300-W, 600-W, 1,500-W Models) on page 15 to 17 for details.
3. If the output voltage adjuster (V. ADJ) is turned, the voltage will increase by more than +20% of the voltage adjustment range. If the adjuster is turned too far,
it may activate the overvoltage protection function and interrupt the output.
When adjusting the output voltage, confirm the actual output voltage from the Power
Supply and be sure that the load is not damaged.
4. To reset the protection, turn OFF the input power for three minutes or longer and then turn it back ON. Alternatively, turn OFF the remote control signal and
then turn it back ON again.
5. Conducted emissions: The noise value is affected by factors such as the wiring method. The Power Supply conforms to Class B when the aluminum plate
is laid under the Power Supply. For 600-W models, insert a clamp filter (ZCAT3035-1330 by TDK: 100
Ω min. [50 to 500 MHz], or the equivalent) in the input
wire, and ring core (HF60T38X14X22 by TDK: 16
Ω typ. [1 MHz], 46 Ω typ. [10 MHz], or the equivalent) in the output wire to reduce noise
6. Radiated emissions: The noise value is affected by factors such as the wiring method. The Power Supply conforms to Class A when the aluminum plate is
laid under the Power Supply (1,500-W models).
7. The measuring method conforms to JEITA standard RC-9131A. Refer to Ripple under Safety Precautions on page 32.
8. The Power Supply will not conform to safety standards if the customer replaces the fan.
Item
Power rating
300 W
600 W
1,500 W
Efficiency
5-V models
77% min.
77% min.
---
12-V models
78% min.
79% min.
---
15-V models
79% min.
80% min.
---
24-V models
81% min.
81% min.
82% min.
Input
Voltage (See note 1.)
100 to 240 VAC (85 to 264 VAC)
100 to 240 VAC (85 to 265 VAC)
Frequency (See note 1.)
50/60 Hz (47 to 63 Hz)
Current
100-V input
4.0 A max. (5 V)
4.3 A max. (12 V, 15 V, and 24 V)
8.0 A max. (5 V)
8.3 A max. (12 V, 15 V, and 24 V)
20.0 A max.
200-V input
2.0 A max. (5 V)
2.2 A max. (12 V, 15 V, and 24 V)
4.0 A max. (5 V)
4.2 A max. (12 V, 15 V, and 24 V)
11.0 A max.
Power factor
100-V input
0.98 min.
0.97 min.
200-V input
0.94 min.
0.93 min.
Harmonic current emissions
Conforms to EN61000-3-2
Leakage current
100-V input
0.4 mA max.
1.5 mA max.
200-V input
0.75 mA max.
1.5 mA max.
Inrush current
(See note 2.)
100-V input
20 A max. (for cold start at 25
°C)
200-V input
40 A max. (for cold start at 25
°C)
Output
Voltage adjustment range (See note 3.)
−20% to 20% (with V. ADJ)
Ripple
3.8% (p-p) max. (5 V), 2.0% (p-p) max. (12 V), 2.0% (p-p) max. (15 V),
1.25% (p-p) max. (24 V), (at rated input/output voltage)
1.25% (p-p) max. (See note 7.),
(at rated input/output voltage)
Input variation influence
0.4% max. (at 85 to 264 VAC input, 100%)
Load variation influence (rated input voltage)
0.6% max. (with rated input, 0 to 100% load)
Temperature variation influence
0.02%/
°C max.
Startup time (See note 2.)
1,000 ms max. (at rated input/output voltage)
Hold time (See note 2.)
20 ms typ. (15 ms min.) (at rated input/output voltage)
Additional
functions
Overload protection (See note 2.)
105% to 160% of rated load current (5 V, 12 V, and 15 V), 120% to 160% of rated
load current (S8VM-30024C), 115% to 160% of rated load current (S8VM-
60024C), voltage drop (12 V, 15 V, and 24 V), voltage drop, intermittent (5 V), au-
tomatic reset
105% to 160% of rated load current (100 VAC),
155% to 200% of rated load current (200 VAC),
voltage drop, automatic reset (Turns OFF
when continuous for 5 s min.) (See note 4.)
Overvoltage protection (See note 2.)
Yes (See note 4.)
Overheat protection (See note 2.)
Yes (See note 4.)
Undervoltage alarm indication
No
Undervoltage alarm output
No
Power failure alarm indication
Yes (color: Red)
Power failure alarm output
Yes (Transistor output), 30 VDC max., 50 mA max.
Series operation
Yes
Parallel operation
Yes (Up to 2 units)
Remote sensing function
Yes
Remote control function
Yes
Other
Ambient operating temperature
Refer to the derating curve in Engineering Data (300-W, 600-W, 1,500-W Models). (with no icing or condensation) (See note 2.)
Storage temperature
−25 to 65°C
Ambient operating humidity
30% to 85% (Storage humidity: 25% to 90%)
Dielectric strength
3.0 kVAC for 1 min. (between all inputs and outputs; detection current: 20 mA)
2.0 kVAC for 1 min. (between all inputs and PE terminals; detection current: 20
mA)
500 VAC for 1 min. (between all outputs and PE terminals; detection current: 100
mA)
100 VAC for 1 min. (between all outputs and RC terminals; detection current: 100
mA)
500 VAC for 1 min. (between all outputs and PF terminals; detection current: 20
mA)
3.0 kVAC for 1 min. (between all inputs and
outputs; detection current: 20 mA)
2.0 kVAC for 1 min. (between all inputs and FG
terminals; detection current: 20 mA)
500 VAC for 1 min. (between all outputs and
FG terminals; detection current: 300 mA)
100 VAC for 1 min. (between all outputs and
RC terminals; detection current: 100 mA)
500 VAC for 1 min. (between all outputs and
PF terminals; detection current: 20 mA)
Insulation resistance
100 M
Ω min. (between all outputs and all inputs, PE terminals) at 500 VDC
100 M
Ω min. (between all outputs and all in-
puts, FG terminals) at 500 VDC
Vibration resistance
10 to 55 Hz, 0.375-mm single amplitude for 2 hours each in X, Y, and Z directions 10 to 55 Hz, 0.15-mm single amplitude for 2
hours each in X, Y, and Z directions
Shock resistance
150 m/s2, 3 times each in
±X, ±Y, ±Z directions
Output indicator
Yes (color: Green)
EMI
Conducted Emission
Conforms to EN61204-3 EN55011 Class B and based on FCC Class B
(See note 5.)
Conforms to EN61204-3 EN55011 Class A
and based on FCC Class A (See note 6.)
Radiated Emission
Conforms to EN61204-3 EN55011 Class B (See note 5.)
Conforms to EN61204-3 EN55011 Class A
(See note 6.)
EMS
Conforms to EN61204-3 High severity levels
Approved
standards
(See note 8.)
UL
cUR
cUR
EN/TÜV
UL508 (Recognition) (5 V, 12 V, and 15 V) UL508 (Listing) (24 V), UL60950-1
UL1604 (Listing; Class I/Division 2, Group A, B, C, D Hazardous Locations) (24 V)
CSA C22.2 No.14, No. 213 (Class I/Division 2, Group A, B C, D Hazardous Loca-
tions) (24 V)
CSA No. 60950-1
EN50178, EN60950-1
SELVE (EN60950-1)
UL508, UL60950-1
CSA C22.2 No.14, CSA No. 60950-1
EN50178, EN60950-1
SELVE (EN60950-1)
SEMI
SEMI F47-0200 (200-VAC input)
Weight
1,100 g max.
1,700 g max.
3,800 g max.


Similar Part No. - S8VM-01524CD

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
S8VM-01524CD OMRON-S8VM-01524CD Datasheet
6Mb / 38P
   Power Supply Featuring OMRON?셲 Unique, New Undervoltage Alarm Function with Compact Body Contributing to Machine Downsizing
S8VM-01524CD OMRON-S8VM-01524CD Datasheet
6Mb / 38P
   Switch Mode Power Supply
More results

Similar Description - S8VM-01524CD

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
CF2N60I CTC-CF2N60I Datasheet
1Mb / 5P
   Switch Mode Power Supply
CF2N60S CTC-CF2N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
logo
Omron Electronics LLC
S8VM03015CD OMRON-S8VM03015CD Datasheet
6Mb / 38P
   Switch Mode Power Supply
S8VK-C OMRON-S8VK-C Datasheet
4Mb / 20P
   Switch Mode Power Supply
logo
Compact Technology Corp...
CF4N60S CTC-CF4N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
CF6N60S CTC-CF6N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
logo
Omron Electronics LLC
S8TS OMRON-S8TS Datasheet
274Kb / 3P
   Switch Mode Power Supply
S8VK-X OMRON-S8VK-X Datasheet
6Mb / 29P
   Switch Mode Power Supply
S8JX OMRON-S8JX Datasheet
2Mb / 28P
   Switch Mode Power Supply
logo
Compact Technology Corp...
CF4N60I CTC-CF4N60I Datasheet
753Kb / 5P
   Switch Mode Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com