Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2311SG-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP2311SG-13
Description  2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2311SG-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP2311SG-13 Datasheet HTML 1Page - Diodes Incorporated AP2311SG-13 Datasheet HTML 2Page - Diodes Incorporated AP2311SG-13 Datasheet HTML 3Page - Diodes Incorporated AP2311SG-13 Datasheet HTML 4Page - Diodes Incorporated AP2311SG-13 Datasheet HTML 5Page - Diodes Incorporated AP2311SG-13 Datasheet HTML 6Page - Diodes Incorporated AP2311SG-13 Datasheet HTML 7Page - Diodes Incorporated AP2311SG-13 Datasheet HTML 8Page - Diodes Incorporated AP2311SG-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
AP2301/AP2311
2.0A SINGLE CHANNEL CURRENT-LIMITED POWER
SWITCH
AP2301/AP2311
Document number: DS32241 Rev. 1 - 2
2 of 18
www.diodes.com
June 2010
© Diodes Incorporated
Typical Application Circuit
0.1uF
IN
GND
EN
OUT
ON
120uF
Power Supply
2.7V to 5.5V
0.1uF
OFF
FLG
Load
10k
Enable Active High
Available Options
Part Number
Channel
Enable pin
(EN)
Recommended
maximum continuous
load current (A)
Typical current
limit (A)
Package
AP2301
1
Active Low
2.0A
2.5A
SO-8
MSOP-8-EP
DFN3030E-8
AP2311
1
Active High
Pin Descriptions
Pin Name
Pin Number
Descriptions
GND
1
Ground
IN
2, 3
Voltage input pin; connect a 0.1µF or larger ceramic capacitor from IN to GND
as close as possible. (all IN pins must be tied together externally)
EN
4
Enable input, active low (AP2301) or active high (AP2311)
FLG
5
Over-temperature and over-current fault reporting with 7ms deglitch; active low
open-drain output. FLG is disabled for 7ms after turn-on.
OUT
6, 7
Voltage output pin (all OUT pins must be tied together externally)
NC
8
No internal connection; recommend tie to OUT pins
Exposed Pad
-
Recommend connecting to the GND externally for improved power dissipation


Similar Part No. - AP2311SG-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2311SN DIODES-AP2311SN Datasheet
441Kb / 18P
   2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
More results

Similar Description - AP2311SG-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2301 DIODES-AP2301_13 Datasheet
441Kb / 18P
   2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2301A DIODES-AP2301A Datasheet
656Kb / 17P
   2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
February 2018 Rev. 2 - 2
AP2401 DIODES-AP2401 Datasheet
269Kb / 15P
   2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH LATCH-OFF
AP2401 DIODES-AP2401_13 Datasheet
454Kb / 18P
   2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH LATCH-OFF
AP2401A DIODES-AP2401A Datasheet
494Kb / 18P
   2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH LATCH-OFF
March 2015
AP2401S-13 DIODES-AP2401S-13 Datasheet
475Kb / 19P
   2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH LATCH-OFF
AP2171WG-7 DIODES-AP2171WG-7 Datasheet
457Kb / 18P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2101 DIODES-AP2101 Datasheet
365Kb / 14P
   2A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2111 Rev. 1
AP2151A DIODES-AP2151A Datasheet
893Kb / 18P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
January 2018
AP2101 DIODES-AP2101_10 Datasheet
370Kb / 14P
   2A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2111 Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com