Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP5101SG-13 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP5101SG-13
Description  1.5A Step-Down Converter with 1.4MHz Switching Frequency
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP5101SG-13 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP5101SG-13 Datasheet HTML 1Page - Diodes Incorporated AP5101SG-13 Datasheet HTML 2Page - Diodes Incorporated AP5101SG-13 Datasheet HTML 3Page - Diodes Incorporated AP5101SG-13 Datasheet HTML 4Page - Diodes Incorporated AP5101SG-13 Datasheet HTML 5Page - Diodes Incorporated AP5101SG-13 Datasheet HTML 6Page - Diodes Incorporated AP5101SG-13 Datasheet HTML 7Page - Diodes Incorporated AP5101SG-13 Datasheet HTML 8Page - Diodes Incorporated AP5101SG-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
AP5101
1.5A Step-Down Converter with 1.4MHz Switching
Frequency
AP5101
Document number: DS32258 Rev. 1 - 2
1 of 15
www.diodes.com
July 2010
© Diodes Incorporated
Description
The AP5101 is a current mode step-down converter with a
built-in power MOSFET to enable smallest solution size
power conversion.
With the low series resistance power switch it enables a
constant output current of up to 1.5A over a wide input supply
range. The load and line regulation has excellent response
time over the operating input voltage and temperature range.
The AP5101 is self protected, through a cycle-by-cycle
current limiting algorithm and an on chip thermal protection.
The AP5101 will provide the voltage conversion with a low
count of widely available standard external components.
The AP5101 is available in SO-8 package.
Pin Assignments
SO-8
( Top View )
1
2
3
4
8
7
6
5
GND
BST
FB
COMP
SW
GND
EN
IN
Features
VIN 4.75 to 22V
1.5A Peak Output Current
Stable with Low ESR Ceramic Output Capacitors
External compensation
Up to 92% Efficiency
0.1µA Shutdown Mode
Fixed 1.4MHz Frequency
Thermal Shutdown
Cycle-by-Cycle Over Current Protection
Output Adjustable from 0.81V to 15V
SO-8: Available in “Green” Molding Compound
(No Br, Sb)
Lead Free Finish/ RoHS Compliant (Note 1)
Applications
Distributed Power Systems
Battery Charger
Pre-Regulator for Linear Regulators
WLED Driver
Note:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.
Typical Application Circuit
1
7
2
6
4,8
5
3
IN
EN
GND
COMP
FB
SW
BST
AP5101
Output
3.3V 1.5A
C2
C3
R3
R2
C4
L1
Input
4.75V to 22V
R1
C1
ON
OFF
D1
Figure 1 Typical Application Circuit


Similar Part No. - AP5101SG-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP5100 DIODES-AP5100 Datasheet
419Kb / 12P
   1.2A Step-Down Converter with 1.4MHz Switching Frequency
AP5100 DIODES-AP5100 Datasheet
362Kb / 10P
   1.2A Step-Down Converter with 1.4MHz Switching Frequency
DS32130 Rev. 2 - 2
AP5100 DIODES-AP5100 Datasheet
389Kb / 12P
   1.2A STEP-DOWN CONVERTER with 1.4MHz SWITCHING FREQUENCY
Rev. 3 - 2 April 2012
AP5100W DIODES-AP5100W Datasheet
362Kb / 10P
   1.2A Step-Down Converter with 1.4MHz Switching Frequency
DS32130 Rev. 2 - 2
AP5100WG-7 DIODES-AP5100WG-7 Datasheet
419Kb / 12P
   1.2A Step-Down Converter with 1.4MHz Switching Frequency
More results

Similar Description - AP5101SG-13

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT1112 SKYWORKS-AAT1112 Datasheet
1Mb / 19P
   1.5A, 1.4MHz Step-Down Converter
logo
Advanced Analogic Techn...
AAT1112 ANALOGICTECH-AAT1112 Datasheet
838Kb / 20P
   1.5A, 1.4MHz Step-Down Converter
AAT1112_0711 ANALOGICTECH-AAT1112_0711 Datasheet
642Kb / 19P
   1.5A, 1.4MHz Step-Down Converter
logo
Diodes Incorporated
AP5100_1011 DIODES-AP5100_1011 Datasheet
362Kb / 10P
   1.2A Step-Down Converter with 1.4MHz Switching Frequency
DS32130 Rev. 2 - 2
AP5100 DIODES-AP5100_V01 Datasheet
389Kb / 12P
   1.2A STEP-DOWN CONVERTER with 1.4MHz SWITCHING FREQUENCY
Rev. 3 - 2 April 2012
AP5100 DIODES-AP5100 Datasheet
419Kb / 12P
   1.2A Step-Down Converter with 1.4MHz Switching Frequency
logo
Monolithic Power System...
MP2351 MPS-MP2351 Datasheet
187Kb / 8P
   1.5A, 23V, 1.4MHz Step-Down Converter
logo
SHOUDING Shouding Semic...
SD6410 SHOUDING-SD6410 Datasheet
1,016Kb / 7P
   1.4MHz, 1.5A Synchronous Step-Down Converter
logo
Monolithic Power System...
MP28372 MPS-MP28372 Datasheet
274Kb / 12P
   Dual 1.5A, 23V, 1.4MHz Step-Down Converter
MP29373 MPS-MP29373 Datasheet
260Kb / 10P
   Dual 1.5A, 23V, 1.4MHz Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com