Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2311SN Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP2311SN
Description  2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2311SN Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP2311SN Datasheet HTML 2Page - Diodes Incorporated AP2311SN Datasheet HTML 3Page - Diodes Incorporated AP2311SN Datasheet HTML 4Page - Diodes Incorporated AP2311SN Datasheet HTML 5Page - Diodes Incorporated AP2311SN Datasheet HTML 6Page - Diodes Incorporated AP2311SN Datasheet HTML 7Page - Diodes Incorporated AP2311SN Datasheet HTML 8Page - Diodes Incorporated AP2311SN Datasheet HTML 9Page - Diodes Incorporated AP2311SN Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
AP2301/AP2311
2.0A SINGLE CHANNEL CURRENT-LIMITED POWER
SWITCH
AP2301/AP2311
Document number: DS32241 Rev. 1 - 2
6 of 18
www.diodes.com
June 2010
© Diodes Incorporated
Typical Performance Characteristics (Continued)
VOUT
2V/div
Short-Circuit to No-Load
Recovery Response
FLG
5V/div
TA=25°C
VIN=5V
ROUT=0Ω
Output short
circuit removed
Short circuit present and
device thermal cycles
IIN
2A/div
TA=25°C
VIN=5V
ROUT=0Ω
VOUT
2V/div
FLG
5V/div
IIN
2A/div
No-Load to Short-Circuit
Transient Response
Output short
circuited
Device enters current limit
VOUT
2V/div
Short-Circuit to Full-Load
Recovery Response
FLG
5V/div
TA=25°C
VIN=5V
ROUT=2.5Ω
Output short
circuit removed
Short circuit present and
device thermal cycles
IIN
2A/div
TA=25°C
VIN=5V
ROUT=2.5Ω
VOUT
2V/div
FLG
5V/div
IIN
2A/div
Full-Load to Short-Circuit
Transient Response
Output short
circuited
Device turns off and re-enables
into current limit
Inrush Current
TA=25°C
VIN=5V
ROUT=2.5Ω
VEN
5V/div
IOUT
1A/div
CL=120uF
CL=220uF
CL=470uF
Device Enabled Into Short-Circuit
TA=25°C
VIN=5V
CL=120uF
ROUT=1Ω
VEN
5V/div
IOUT
1A/div


Similar Part No. - AP2311SN

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2311SN DIODES-AP2311SN Datasheet
441Kb / 18P
   2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
More results

Similar Description - AP2311SN

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2301 DIODES-AP2301_13 Datasheet
441Kb / 18P
   2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2301A DIODES-AP2301A Datasheet
656Kb / 17P
   2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
February 2018 Rev. 2 - 2
AP2401 DIODES-AP2401 Datasheet
269Kb / 15P
   2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH LATCH-OFF
AP2401 DIODES-AP2401_13 Datasheet
454Kb / 18P
   2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH LATCH-OFF
AP2401A DIODES-AP2401A Datasheet
494Kb / 18P
   2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH LATCH-OFF
March 2015
AP2401S-13 DIODES-AP2401S-13 Datasheet
475Kb / 19P
   2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH LATCH-OFF
AP2171WG-7 DIODES-AP2171WG-7 Datasheet
457Kb / 18P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2101 DIODES-AP2101 Datasheet
365Kb / 14P
   2A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2111 Rev. 1
AP2151A DIODES-AP2151A Datasheet
893Kb / 18P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
January 2018
AP2101 DIODES-AP2101_10 Datasheet
370Kb / 14P
   2A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2111 Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com