Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP8802HSP-13 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP8802HSP-13
Description  60V 1A LED Step-down Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP8802HSP-13 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP8802HSP-13 Datasheet HTML 1Page - Diodes Incorporated AP8802HSP-13 Datasheet HTML 2Page - Diodes Incorporated AP8802HSP-13 Datasheet HTML 3Page - Diodes Incorporated AP8802HSP-13 Datasheet HTML 4Page - Diodes Incorporated AP8802HSP-13 Datasheet HTML 5Page - Diodes Incorporated AP8802HSP-13 Datasheet HTML 6Page - Diodes Incorporated AP8802HSP-13 Datasheet HTML 7Page - Diodes Incorporated AP8802HSP-13 Datasheet HTML 8Page - Diodes Incorporated AP8802HSP-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
AP8802H
60V 1A LED Step-down Converter
AP8802H
Document number: DS32227 Rev. 1 - 2
3 of 11
www.diodes.com
June 2010
© Diodes Incorporated
Functional Block Diagram
Voltage
Regulator
5V
R
CTRL
VIN
GND
SET
SW
Sensing
Block
VREF 1.25V
AP8802H
PWM/DC
Control
Figure 2: AP8802H Block Diagram
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VIN
VIN pin Voltage
-0.3~60
V
VSW
SW Voltage
-0.3~60
V
TJ
Junction Temperature
150
°C
TLEAD
Lead Temperature Soldering
300
°C
TST
Storage Temperature Range
-65 to +150
°C
Caution:
The absolute maximum ratings are rated values exceeding which the product could suffer physical damage. These values must therefore not be
exceeded under any condition.
Semiconductor devices are ESD sensitive and may be damaged by exposure to ESD events. Suitable ESD precautions should be taken when
handling and transporting these devices.
Recommended Operating Conditions (Note 2)
Symbol
Parameter
Min
Max
Unit
TA
Ambient Temperature Range
-40
105
ºC
Duty Cycle
Using Inductor
≥ 100µH (Note 2)
0.1
0.95
Notes:
2. For most applications the LED current will be within 5% over the duty cycle range specified. Duty cycle accuracy is also dependent on
propagationdelay. Smaller size inductors can be used but LED current accuracy may be greater than 5% at extremes of duty cycle. This is most
noticeable at low duty cycles (less than 0.1) or when the input voltage is high and only one LED is being driven.


Similar Part No. - AP8802HSP-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP8802 DIODES-AP8802 Datasheet
217Kb / 13P
   1A LED Step-Down Converter
AP8802 Rev. 1
AP8802 DIODES-AP8802 Datasheet
235Kb / 16P
   1A LED Step-down Converter
AP8802 Rev. 5
AP8802 DIODES-AP8802 Datasheet
216Kb / 8P
   step-down DC/DC converter designed to drive LEDs with a constant current.
AP8802EV2 DIODES-AP8802EV2 Datasheet
216Kb / 8P
   step-down DC/DC converter designed to drive LEDs with a constant current.
AP8802FNG-7 DIODES-AP8802FNG-7 Datasheet
217Kb / 13P
   1A LED Step-Down Converter
AP8802 Rev. 1
More results

Similar Description - AP8802HSP-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL8862 DIODES-AL8862 Datasheet
489Kb / 16P
   60V 1A STEP-DOWN LED DRIVER
AP8802 DIODES-AP8802 Datasheet
217Kb / 13P
   1A LED Step-Down Converter
AP8802 Rev. 1
AP8802_0912 DIODES-AP8802_0912 Datasheet
235Kb / 16P
   1A LED Step-down Converter
AP8802 Rev. 5
logo
Shenzhen Huazhimei Semi...
HM2675HV HMSEMI-HM2675HV Datasheet
501Kb / 7P
   3A-60V LED Step-Down Converter
logo
Maxim Integrated Produc...
MAX20058 MAXIM-MAX20058 Datasheet
713Kb / 17P
   60V, 1A, Automotive Synchronous Step-Down DC-DC Converter
Rev 2; 5/19
logo
Richtek Technology Corp...
RT8048 RICHTEK-RT8048 Datasheet
162Kb / 11P
   3MHz 1A Step-Down Converter
logo
Lowpower Semiconductor ...
LP3201 POWER-LP3201 Datasheet
425Kb / 10P
   1.5MHz, 1A Step-Down Converter
logo
Richtek Technology Corp...
DS8048-01 RICHTEK-DS8048-01 Datasheet
168Kb / 11P
   3MHz 1A Step-Down Converter
logo
ACE Technology Co., LTD...
ACE721E ACE-ACE721E Datasheet
823Kb / 10P
   1A, 1.5MHz Step-Down Converter
VER 1.3
logo
Linear Technology
LT3596 LINER-LT3596_15 Datasheet
2Mb / 22P
   60V Step-Down LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com