Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SNJ54HC573AW Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SNJ54HC573AW
Description  OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SNJ54HC573AW Datasheet(HTML) 4 Page - Texas Instruments

  SNJ54HC573AW Datasheet HTML 1Page - Texas Instruments SNJ54HC573AW Datasheet HTML 2Page - Texas Instruments SNJ54HC573AW Datasheet HTML 3Page - Texas Instruments SNJ54HC573AW Datasheet HTML 4Page - Texas Instruments SNJ54HC573AW Datasheet HTML 5Page - Texas Instruments SNJ54HC573AW Datasheet HTML 6Page - Texas Instruments SNJ54HC573AW Datasheet HTML 7Page - Texas Instruments SNJ54HC573AW Datasheet HTML 8Page - Texas Instruments SNJ54HC573AW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
SN54HC573A, SN74HC573A
OCTAL TRANSPARENT DTYPE LATCHES
WITH 3STATE OUTPUTS
SCLS147E − DECEMBER 1982 − REVISED SEPTEMBER 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range (unless otherwise
noted)
VCC
TA = 25°C
SN54HC573A
SN74HC573A
UNIT
VCC
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
80
120
100
tw
Pulse duration, LE high
4.5 V
16
24
20
ns
tw
Pulse duration, LE high
6 V
14
20
17
ns
2 V
50
75
63
tsu
Setup time, data before LE
4.5 V
10
15
13
ns
tsu
Setup time, data before LE
6 V
9
13
11
ns
2 V
20
24
24
th
Hold time, data after LE
4.5 V
5
5
5
ns
th
Hold time, data after LE
6 V
5
5
5
ns
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
VCC
TA = 25°C
SN54HC573A
SN74HC573A
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
77
175
265
220
D
Q
4.5 V
26
35
53
44
tpd
D
Q
6 V
23
30
45
38
ns
tpd
2 V
87
175
265
220
ns
LE
Any Q
4.5 V
27
35
53
44
LE
Any Q
6 V
23
30
45
38
2 V
68
150
225
190
ten
OE
Any Q
4.5 V
24
30
45
38
ns
ten
OE
Any Q
6 V
21
26
38
32
ns
2 V
47
150
225
190
tdis
OE
Any Q
4.5 V
23
30
45
38
ns
tdis
OE
Any Q
6 V
21
26
38
32
ns
2 V
28
60
90
75
tt
Any Q
4.5 V
8
12
18
15
ns
tt
Any Q
6 V
6
10
15
13
ns


Similar Part No. - SNJ54HC573AW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ54HC573AW TI-SNJ54HC573AW Datasheet
107Kb / 16P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SNJ54HC573AW TI-SNJ54HC573AW Datasheet
291Kb / 14P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SNJ54HC573AW TI-SNJ54HC573AW Datasheet
632Kb / 18P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SNJ54HC573AW TI-SNJ54HC573AW Datasheet
741Kb / 19P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SNJ54HC573AW TI-SNJ54HC573AW Datasheet
913Kb / 21P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results

Similar Description - SNJ54HC573AW

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC373 RENESAS-HD74HC373 Datasheet
119Kb / 10P
   Octal D-type Transparent Latches (with 3-state outputs)/Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74HC373 HITACHI-HD74HC373 Datasheet
66Kb / 11P
   Octal D-type Transparent Latches (with 3-state outputs),Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Texas Instruments
SN54BCT573 TI-SN54BCT573 Datasheet
73Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54F373 TI-SN54F373 Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
CD54HCT373 TI-CD54HCT373 Datasheet
319Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALS563A TI-SN54ALS563A Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ALS573C TI-SN54ALS573C Datasheet
109Kb / 9P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ACT573 TI-SN54ACT573 Datasheet
520Kb / 16P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ABT533 TI-SN54ABT533 Datasheet
483Kb / 14P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74LV573A HITACHI-HD74LV573A Datasheet
66Kb / 16P
   Octal D-type Transparent Latches with 3-state Outputs
HD74LVC373A HITACHI-HD74LVC373A Datasheet
50Kb / 10P
   Octal D-type Transparent Latches with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com