Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP7335-08SNG-7 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP7335-08SNG-7
Description  300mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7335-08SNG-7 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP7335-08SNG-7 Datasheet HTML 1Page - Diodes Incorporated AP7335-08SNG-7 Datasheet HTML 2Page - Diodes Incorporated AP7335-08SNG-7 Datasheet HTML 3Page - Diodes Incorporated AP7335-08SNG-7 Datasheet HTML 4Page - Diodes Incorporated AP7335-08SNG-7 Datasheet HTML 5Page - Diodes Incorporated AP7335-08SNG-7 Datasheet HTML 6Page - Diodes Incorporated AP7335-08SNG-7 Datasheet HTML 7Page - Diodes Incorporated AP7335-08SNG-7 Datasheet HTML 8Page - Diodes Incorporated AP7335-08SNG-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
AP7335
300mA, Low Quiescent Current, Fast Transient
Low Dropout Linear Regulator
AP7335
Document number: DS32259 Rev. 1 - 2
4 of 18
www.diodes.com
July 2010
© Diodes Incorporated
Electrical Characteristics
(TA = 25
oC, V
IN = VOUT +1V, CIN = 1μF, COUT = 1μF, VEN = 2V, unless otherwise stated)
Symbol
Parameter
Test Conditions
Min Typ. Max Unit
VREF
ADJ Reference Voltage (Adjustable version) IOUT= 0mA
0.8
V
IADJ
ADJ Leakage (Adjustable version)
0.1
1
μA
VOUT
Output Voltage Accuracy
TA = -40
oC to 85oC,
IOUT = 10% of IOUT-Max
-2
2
%
ΔV
OUT
/
ΔV
IN/V
Line Regulation
VIN = (VOUT +1V) to VIN-Max,
VEN = VIN, IOUT = 1mA
0.02 0.20 %/V
ΔV
OUT
/VOUT
Load Regulation
VIN = (VOUT +1V) to VIN-Max,
IOUT = 1mA to 300mA
-0.6
0.6
%
VDropout
Dropout Voltage (Note 3)
VOUT < 2.5V, IOUT = 300mA
170
300
mV
VOUT ≥ 2.5V, IOUT = 300mA
150
200
IQ
Input Quiescent Current
VEN = VIN, IOUT = 0mA
35
80
μA
ISHDN
Input Shutdown Current
VEN = 0V, IOUT = 0mA
0.1
1
μA
ILEAK
Input Leakage Current
VEN = 0V, OUT grounded
0.1
1
μA
tST
Start-up Time
VEN = 0V to 2.0V in 1μs,
IOUT = 300mA
220
μs
PSRR
PSRR (Note 4)
VIN = [VOUT +1V]VDC + 0.5VppAC,
f = 1kHz, IOUT = 50mA
65
dB
ISHORT
Short-circuit Current
VIN = VIN-Min to VIN-Max,
VOUT < 0.2V (fixed) or
25% of VOUT (ADJ version)
140
mA
ILIMIT
Current limit
VIN = VIN-Min to VIN-Max,
VOUT/ROUT = 1.2A
400
600
mA
VIL
EN Input Logic Low Voltage
VIN = VIN-Min to VIN-Max
0.4
V
VIH
EN Input Logic High Voltage
VIN = VIN-Min to VIN-Max
1.4
V
IEN
EN Input Current
VIN = 0V or VIN-Max
-1
1
μA
TSHDN
Thermal shutdown threshold
145
°C
THYS
Thermal shutdown hysteresis
15
°C
θ
JA
Thermal Resistance Junction-to-Ambient
SOT25 (Note 5)
187
oC/W
DFN2020-6 (Note 5)
251
Notes:
3. Dropout voltage is the voltage difference between the input and the output at which the output voltage drops 2% below its nominal
value.
4. At VIN < 2.3V, the PSRR performance may be reduced.
5. Test condition for all packages: Device mounted on FR-4 substrate PC board, 1oz copper, with minimum recommended pad
layout.


Similar Part No. - AP7335-08SNG-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7335-08 DIODES-AP7335-08 Datasheet
238Kb / 17P
   300mA, Low Quiescent Current, Fast Transient
DS32259 Rev. 2 - 2
More results

Similar Description - AP7335-08SNG-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7331-28WG-7 DIODES-AP7331-28WG-7 Datasheet
372Kb / 13P
   300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
AP7333 DIODES-AP7333 Datasheet
358Kb / 12P
   300mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
AP7333 Rev. 2
AP7333 DIODES-AP7333 Datasheet
358Kb / 12P
   300mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
AP7335A DIODES-AP7335A Datasheet
273Kb / 12P
   300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
AP133 DIODES-AP133 Datasheet
970Kb / 14P
   300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
AP133 Rev. 2
AP7332-1218FM-7 DIODES-AP7332-1218FM-7 Datasheet
298Kb / 18P
   DUAL 300mA LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
LR1112 UTC-LR1112 Datasheet
181Kb / 6P
   LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AP7331 DIODES-AP7331 Datasheet
372Kb / 13P
   300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT
DS31914 Rev. 3 - 2
AP7366EA DIODES-AP7366EA Datasheet
1Mb / 17P
   600mA, LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
Rev. 1 - 2 July 2022
logo
Zhaoxingwei Electronics...
ZX7365 ZHAOXINGWEI-ZX7365 Datasheet
1Mb / 12P
   600mA, LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com