Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP7365-12YG-7 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP7365-12YG-7
Description  600mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7365-12YG-7 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP7365-12YG-7 Datasheet HTML 1Page - Diodes Incorporated AP7365-12YG-7 Datasheet HTML 2Page - Diodes Incorporated AP7365-12YG-7 Datasheet HTML 3Page - Diodes Incorporated AP7365-12YG-7 Datasheet HTML 4Page - Diodes Incorporated AP7365-12YG-7 Datasheet HTML 5Page - Diodes Incorporated AP7365-12YG-7 Datasheet HTML 6Page - Diodes Incorporated AP7365-12YG-7 Datasheet HTML 7Page - Diodes Incorporated AP7365-12YG-7 Datasheet HTML 8Page - Diodes Incorporated AP7365-12YG-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
AP7365
600mA, Low Quiescent Current, Fast Transient
Low Dropout Linear Regulator
AP7365
Document number: DS32260 Rev. 1 - 2
1 of 21
www.diodes.com
July 2010
© Diodes Incorporated
Description
The AP7365 is a 600mA, adjustable and fixed output voltage,
low dropout linear regulator. The device included pass
element, error amplifier, band-gap, current limit and thermal
shutdown circuitry. The device is turned on when EN pin is
set to logic high level.
The characteristics of low dropout voltage and low quiescent
current make it suitable for low power applications, for
example, battery powered devices. The typical quiescent
current is approximately 35
μA. Built-in current-limit and
thermal-shutdown functions prevent IC from damage in fault
conditions.
This device is available with adjustable output from 0.8V to
5.0V, and fixed version with 0.8V, 1.0V, 1.2V, 1.5V, 1.8V,
2.0V, 2.5V, 2.8V, 3.0V, 3.3V and 3.9V outputs. Please
contact your local sales office for any other voltage options.
The AP7365 is available in SOT25, SOT89/R-3L, SOT223/R-
3L, and DFN2020-6 packages.
Features
600mA Low Dropout Regulator with EN
Very low IQ: 35µA
Wide input voltage range: 2V to 6V
Wide adjustable output: 0.8V to 5.0V
Fixed output options: 0.8V to 3.9V (0.1V step size
possible)
High PSRR: 65dB at 1kHz
Fast start-up time: 200µs
Stable with low ESR, 1µF ceramic output capacitor
Excellent Load/Line Transient Response
Low dropout: 300mV at 600mA
Current limit and short circuit protection
Thermal shutdown protection
Ambient temperature range: -40ºC to 85ºC
SOT25, SOT89/R-3L, SOT223/R-3L, DFN2020-6:
Available in “Green” Molding Compound (No Br, Sb)
Lead Free Finish/ RoHS Compliant (Note 1)
Applications
Servers and notebook computers
Low and medium power applications
FPGA and DSP core or I/O power
Consumer Electronics
Pin Assignments
SOT25 (Fixed output)
IN
EN
OUT
(Top View)
5
3
2
1
GND
NC
4
SOT25 (Adj output)
IN
EN
ADJ
OUT
(Top View)
5
4
3
2
1
GND
GND
OUT
DFN2020-6 (Fixed output)
(Top View)
4
IN
EN
NC
5
3
2
1
NC
6
GND
OUT
DFN2020-6 (Adj output)
(Top View)
4
IN
EN
NC
5
3
2
1
ADJ
6
IN
OUT
GND (TAB)
SOT89-3L (Fixed output)
(Top View)
3
2
1
OUT
GND
IN (TAB)
SOT89R-3L (Fixed output)
(Top View)
3
2
1
IN
OUT
GND (TAB)
SOT223-3L (Fixed output)
(Top View)
3
2
1
OUT
GND
IN (TAB)
SOT223R-3L (Fixed output)
(Top View)
3
2
1
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.


Similar Part No. - AP7365-12YG-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7365-XXEG-13 DIODES-AP7365-XXEG-13 Datasheet
326Kb / 20P
   600mA, Low Quiescent Current, Fast Transient
DS32260 Rev. 2 - 2
AP7365-XXERG-13 DIODES-AP7365-XXERG-13 Datasheet
326Kb / 20P
   600mA, Low Quiescent Current, Fast Transient
DS32260 Rev. 2 - 2
AP7365-XXSNG-7 DIODES-AP7365-XXSNG-7 Datasheet
326Kb / 20P
   600mA, Low Quiescent Current, Fast Transient
DS32260 Rev. 2 - 2
AP7365-XXWG-7 DIODES-AP7365-XXWG-7 Datasheet
326Kb / 20P
   600mA, Low Quiescent Current, Fast Transient
DS32260 Rev. 2 - 2
AP7365-XXYG-13 DIODES-AP7365-XXYG-13 Datasheet
326Kb / 20P
   600mA, Low Quiescent Current, Fast Transient
DS32260 Rev. 2 - 2
More results

Similar Description - AP7365-12YG-7

ManufacturerPart #DatasheetDescription
logo
Zhaoxingwei Electronics...
ZX7365 ZHAOXINGWEI-ZX7365 Datasheet
1Mb / 12P
   600mA, LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AP7366EA DIODES-AP7366EA Datasheet
1Mb / 17P
   600mA, LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
Rev. 1 - 2 July 2022
logo
Unisonic Technologies
LR1112 UTC-LR1112 Datasheet
181Kb / 6P
   LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AP7311 DIODES-AP7311 Datasheet
266Kb / 13P
   150mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
AP7311 Rev. 2
AP7331-28WG-7 DIODES-AP7331-28WG-7 Datasheet
372Kb / 13P
   300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
AP7335A DIODES-AP7335A Datasheet
273Kb / 12P
   300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
AP133 DIODES-AP133 Datasheet
970Kb / 14P
   300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
AP133 Rev. 2
AP7333 DIODES-AP7333 Datasheet
358Kb / 12P
   300mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
AP7333 Rev. 2
AP7335 DIODES-AP7335 Datasheet
237Kb / 18P
   300mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
DS32259 Rev. 1 - 2
AP7313 DIODES-AP7313 Datasheet
277Kb / 13P
   150mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
AP7313 Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com