Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IAC-15A Datasheet(PDF) 3 Page - Tyco Electronics

Part # IAC-15A
Description  IAC/OAC IDC/ODC Input/Output Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

IAC-15A Datasheet(HTML) 3 Page - Tyco Electronics

  IAC-15A Datasheet HTML 1Page - Tyco Electronics IAC-15A Datasheet HTML 2Page - Tyco Electronics IAC-15A Datasheet HTML 3Page - Tyco Electronics IAC-15A Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1112
P&B
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Catalog 1308242
Issued 3-03 (PDF Rev. 3-04)
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
ODC
DC Output Modules
Input Specifications
Output Specifications (@ +25˚C unless otherwise specified)
IDC
DC Input Modules
Input Specifications
At 40°C, derate by 50mA/°Cto 80°C.
PIN-1 must be positive with respect to PIN-2 for correct operation.
PIN-3 must be positive with respect to PIN-4 for correct operation.
Output Specifications (@ +25˚C unless otherwise specified)
* Nominal Turn-On and Turn-Off times for IDC5A, IDC15A & IDC24A are 5 ms.
IDC-5 IDC-15
IDC-5A IDC-15A
IDC-5F IDC-15F
IDC-24
IDC-24A
IDC-24F
Parameter
Conditions
Units
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Control Voltage Range VIN
VDC
±3.3
±24
±32
±10
±60
±4
±32
Must Operate Voltage VIN(OP)
VDC
±3.3
±10
±4
Must Release Voltage VIN(REL)
VDC
±2
±3
±1
Maximum Input Current
@ VIN=Max.
mA
34
34
68
Input Resistance
Ohms
1K
2K
500
IDC-5 IDC-5A IDC-15 IDC-15A IDC-24 IDC-24A
IDC-5F
IDC-15F
IDC-24F
Parameter
Conditions
Units
Min
Typ Max Min Typ Max Min Typ Max Min Typ Max Min Typ Max Min Typ Max
Maximum Output Voltage
VDC
30
30
30
30
30
30
Maximum Output Current
mADC
50
50
50
50
50
50
Maximum Output Leakage Current VOUT=Max.
µADC
10
10
10
10
10
10
Maximum Output Voltage Drop
ISINK=50mA
VDC
.2
.2
.2
.2
.2
.2
Logic Supply Voltage VCC
VDC
3
5
6
12
15
18
202430
3
5
6
12
15
18
202430
Logic Supply Current
VCC=Max.
mADC
18
18
18
18
18
18
Turn-On Time (Nominal)
ISINK=25mA
ms
1*
1*
1*
.05
.05
.05
Turn-Off Time (Nominal)
ISINK=25mA
ms
1*
1*
1*
.10
.10
.10
Output Type (Open Collector)
Normally Open
Normally Open
Normally Open
Normally Open Normally Open
Normally Open
(SINKING)
(SINKING)
(SINKING)
(SINKING)
(SINKING)
(SINKING)
ODC-5 ODC-5A
ODC-15 ODC-15A
ODC-24 ODC-24A
Parameter
Conditions
Units
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Control Voltage Range VIN
VDC
3
5
8
9
15
18
18
24
32
Must Operate Voltage VIN(OP)
VDC
3
9
18
Must Release Voltage VIN(REL)
VDC
1
1
1
Maximum Input Current
@ VIN=Nominal
mADC
18
16
13
Input Resistance RIN
Ohms
250
1000
2000
ODC-5 ODC-24
ODC-5A ODC-24A
ODC-15
ODC-15A
Parameter
Conditions
Units
Min.
Typ.
Max.
Min.
Typ.
Max.
Load Voltage VL
VDC
3
60
3
250
Load Current IL
ADC
.01
3
.01
1
Maximum Surge Current for 1 Second
ADC
5
5
Maximum Leakage Current (Off-State)
VL=MAX
µADC
500
2000
Maximum On-State Voltage Drop
IL=MAX
VDC
1.5
1.5
MaximumTurn-On Time
ms
.1
.1
MaximumTurn-Off Time
ms
.75
.75


Similar Part No. - IAC-15A

ManufacturerPart #DatasheetDescription
logo
Lanner All Rights Reser...
IAC-AST2150 LANNER-IAC-AST2150 Datasheet
121Kb / 2P
   Lanner IPMI Cards
IAC-AST2300 LANNER-IAC-AST2300 Datasheet
121Kb / 2P
   Lanner IPMI Cards
More results

Similar Description - IAC-15A

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393028-4 MACOM-2-1393028-4 Datasheet
77Kb / 4P
   Input/Output Modules
2-1393028-6 MACOM-2-1393028-6 Datasheet
77Kb / 4P
   Input/Output Modules
2-1393028-8 MACOM-2-1393028-8 Datasheet
77Kb / 4P
   Input/Output Modules
2-1393028-5 MACOM-2-1393028-5 Datasheet
77Kb / 4P
   Input/Output Modules
2-1393028-9 MACOM-2-1393028-9 Datasheet
77Kb / 4P
   Input/Output Modules
logo
List of Unclassifed Man...
8481 ETC-8481 Datasheet
151Kb / 1P
   Input/Output Modules
logo
Tyco Electronics
2-1393028-3 MACOM-2-1393028-3 Datasheet
77Kb / 4P
   Input/Output Modules
logo
Filtran LTD
8485 FILTRAN-8485 Datasheet
222Kb / 1P
   ISDNS-Bus Input/Output Modules
logo
Tyco Electronics
2-1393028-0 MACOM-2-1393028-0 Datasheet
274Kb / 4P
   Slim Line Input/Output Modules
logo
Systemsensor advanced i...
CR-6 SYSTEMSENSOR-CR-6 Datasheet
496Kb / 2P
   Multiple Input and Output Modules
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com