Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14008B Datasheet(PDF) 3 Page - Motorola, Inc

Part # MC14008B
Description  4-Bit Full Adder
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14008B Datasheet(HTML) 3 Page - Motorola, Inc

  MC14008B Datasheet HTML 1Page - Motorola, Inc MC14008B Datasheet HTML 2Page - Motorola, Inc MC14008B Datasheet HTML 3Page - Motorola, Inc MC14008B Datasheet HTML 4Page - Motorola, Inc MC14008B Datasheet HTML 5Page - Motorola, Inc MC14008B Datasheet HTML 6Page - Motorola, Inc MC14008B Datasheet HTML 7Page - Motorola, Inc MC14008B Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MOTOROLA CMOS LOGIC DATA
39
MC14008B
SWITCHING CHARACTERISTICS* (CL = 50 pF, TA = 25_C)
Characteristic
Symbol
VDD
Vdc
Min
Typ #
Max
Unit
Output Rise and Fall Time
tTLH, tTHL = (1.5 ns/pF) CL + 25 ns
tTLH, tTHL = (0.75 ns/pF) CL + 12.5 ns
tTLH, tTHL = (0.55 ns/pF) CL + 9.5 ns
tTLH,
tTHL
5.0
10
15
100
50
40
200
100
80
ns
Propagation Delay Time
Sum in to Sum Out
tPLH, tPHL = (1.7 ns/pF) CL + 315 ns
tPLH, tPHL = (0.66 ns/pF) CL + 127 ns
tPLH, tPHL = (0.5 ns/pF) CL + 90 ns
Sum In to Carry Out
tPLH, tPHL = (1.7 ns/pF) CL + 220 ns
tPLH, tPHL = (0.66 ns/pF) CL + 112 ns
tPLH, tPHL = (0.5 ns/pF) CL + 85 ns
Carry In to Sum Out
tPLH, tPHL = (1.7 ns/pF) CL + 290 ns
tPLH, tPHL = (0.66 ns/pF) CL + 122 ns
tPLH, tPHL = (0.5 ns/pF) CL + 90 ns
Carry In to Carry Out
tPLH, tPHL = (1.7 ns/pF) CL + 85 ns
tPLH, tPHL = (0.66 ns/pF) CL + 42 ns
tPLH, tPHL = (0.5 ns/pF) CL + 30 ns
tPLH, tPHL
5.0
10
15
5.0
10
15
5.0
10
15
5.0
10
15
400
160
115
305
145
110
375
155
115
170
75
55
800
320
230
610
290
220
750
310
230
340
150
110
ns
* The formulas given are for the typical characteristics only at 25
_C.
#Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
Figure 1. Typical Source Current
Characteristics Test Circuit
Figure 2. Typical Sink Current
Characteristics Test Circuit
VDD = – VGS
Vout
16
B4
A4
B3
A3
B2
A2
B1
A1
Cin
S4
S3
S2
S1
Cout
IOH
8
VSS
EXTERNAL
POWER
SUPPLY
EXTERNAL
POWER
SUPPLY
IOL
VDD = VGS
Vout
16
B4
A4
B3
A3
B2
A2
B1
A1
Cin
S4
S3
S2
S1
Cout
8
VSS


Similar Part No. - MC14008B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14008B ONSEMI-MC14008B Datasheet
225Kb / 8P
   4-Bit Full Adder
March, 2000 ??Rev. 3
MC14008B ONSEMI-MC14008B Datasheet
107Kb / 8P
   4?묪it Full Adder
August, 2005 ??Rev. 6
MC14008B ONSEMI-MC14008B Datasheet
135Kb / 8P
   4-Bit Full Adder
April, 2013 ??Rev. 7
MC14008B ONSEMI-MC14008B Datasheet
109Kb / 7P
   4-Bit Full Adder
July, 2014 ??Rev. 8
MC14008BCP ONSEMI-MC14008BCP Datasheet
225Kb / 8P
   4-Bit Full Adder
March, 2000 ??Rev. 3
More results

Similar Description - MC14008B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14008BCPG ONSEMI-MC14008BCPG Datasheet
135Kb / 8P
   4-Bit Full Adder
April, 2013 ??Rev. 7
logo
National Semiconductor ...
CD4008BM NSC-CD4008BM Datasheet
124Kb / 6P
   4-Bit Full Adder
logo
Hitachi Semiconductor
HD14008B HITACHI-HD14008B Datasheet
69Kb / 5P
   4-bit Full Adder
logo
ON Semiconductor
MC14008B ONSEMI-MC14008B_14 Datasheet
109Kb / 7P
   4-Bit Full Adder
July, 2014 ??Rev. 8
MC14008B ONSEMI-MC14008B Datasheet
225Kb / 8P
   4-Bit Full Adder
March, 2000 ??Rev. 3
logo
Fairchild Semiconductor
7483A FAIRCHILD-7483A Datasheet
135Kb / 3P
   4-BIT BINARY FULL ADDER
logo
STMicroelectronics
M54HC283 STMICROELECTRONICS-M54HC283 Datasheet
247Kb / 10P
   4 BIT BINARY FULL ADDER
logo
Fairchild Semiconductor
4008B FAIRCHILD-4008B Datasheet
96Kb / 2P
   4-BIT BINARY FULL ADDER
logo
NXP Semiconductors
HEF4008B PHILIPS-HEF4008B Datasheet
62Kb / 5P
   4-bit binary full adder
January 1995
logo
Renesas Technology Corp
HD74LS283 RENESAS-HD74LS283 Datasheet
101Kb / 8P
   4-bit Binary Full Adder
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com