Electronic Components Datasheet Search |
|
RJ45-8L1-B Datasheet(PDF) 1 Page - Tyco Electronics |
|
RJ45-8L1-B Datasheet(HTML) 1 Page - Tyco Electronics |
1 / 7 page Inductive Filtering Modular RJ Jacks 175 Catalog 1654001 Dimensions are in inches and Dimensions are shown for USA Cust. Svc.: 1-800-468-2023 www.corcom.com Revised 05-07 millimeters unless otherwise reference purposes only. CORCOM Prods: 1-847-680-7400 www.tycoelectronics.com specified. Values in italics Specifications subject Germany: 49-89-6089-0 are metric equivalents. to change. L Series CORCOM Product Guide Inductive filtering in a direct retrofit to standard unfiltered RJ11, RJ45, or handset jacks. Offered with standard ferrite sleeve inductors or higher performance ferrite blocks, the L series is available with or without a shield. L Series Contacts: Material: Phosphor Bronze Plating: 50 microinches gold Barrier underplating: 100 microinches nickel Resistance: Initial: 20 milliohms max. After durability testing: 30 milliohms max. (500 mating cycles) Ferrites: Type: High resistivity, nickel zinc ceramic Sleeves: Single-aperture cylinders Block: Multi-aperture rectangular prism Shield Material: Tin-plated copper alloy Housing Material: Glass-filled polyester (UL94V-0) Dielectric Withstanding Voltage: Line-to-line and line-to-ground 1000 VAC for 60 seconds Printed Circuit Board Retention: Before soldering: 1 lb. minimum After soldering: 20 lb. minimum Model dimensions and PC board layout on pages 170 to 174. Specifications 150 140 130 120 110 100 90 80 70 60 50 40 30 20 10 0 1 25 100 200 500 Frequency in MHz Typical Impedance in Ohms Part Numbers Inductor Filter RJH-4L-B RJ45-6L-S RJ11-2L-S RJ45-6L-B RJ11-2L-B RJ45-8L-S RJ11-4L-S RJ45-8L-B RJ11-4L-B RJ11-6L-S RJ11-6L-B Inductor Filter and Shield RJ11-2L2-B RJ45-6L1-S RJ11-4L1-S RJ45-6L1-B RJ11-4L1-B RJ45-6L2-S RJ11-4L2-S RJ45-6L2-B RJ11-4L2-B RJ45-8L1-S RJ11-6L1-S RJ45-8L1-B RJ11-6L1-B RJ45-8L2-S RJ11-6L2-S RJ45-8L2-B RJ11-6L2-B See page 167 for the CORCOM new low profile RJ Jacks. Shield 2 Shield 1 UL Recognized CSA Certified RJ11 RJ11 with Block Filter RJ45 with Sleeve Filter RJ45 |
Similar Part No. - RJ45-8L1-B |
|
Similar Description - RJ45-8L1-B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |