Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE000DD3D Datasheet(PDF) 1 Page - Tyco Electronics

Part # PE000DD3D
Description  The CHAMELEON Adaptable Module for General Purpose, DC Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PE000DD3D Datasheet(HTML) 1 Page - Tyco Electronics

  PE000DD3D Datasheet HTML 1Page - Tyco Electronics PE000DD3D Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
154
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.corcom.com
Revised 05-07
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
Germany:
49-89-6089-0
are metric equivalents.
to change.
P Series
P Series
CORCOM Product Guide
The CHAMELEON Adaptable Module for General Purpose, DC Applications
The DC version of the “P Series” power entry module offers
full flexibility of design in the most compact package. It is
a general purpose filter specifically designed for DC
applications up to 80VDC. This module comes in snap-in
or flange mount versions for easy mounting. It also allows
for a single or dual fuse option.
The DC version of the “P Series” was designed to address
the increasing demand for filtering on central office
equipment and customer premises equipment, but not
restricted to this type of equipment. Some examples
include routers, desktop servers and switches multiplexors,
aggregators, concentrators, etc.
The DC versions of the P Series mates with a standard
MOLEX connector (HCS Series) which is readily available
and better prevents accidental connection to AC power.
Minimum insertion loss in dB:
Line-to-ground in 50 ohm circuit
Current
Frequency-MHz
Rating
.03
.1
.15
.5
1
3
5
10
30
03A
7
17
21
27
33
40
44
50
32
0 6A
-
8
12
17
23
32
36
44
30
10A
-
3
5
10
13
23
27
35
27
Line-to-line in 50 ohm circuit
Current
Frequency-MHz
Rating
.10
.15
.5
1
3
5
10
30
0 3A
2
4
12
15
30
48
50
45
0 6A
2
4
12
15
22
42
55
45
10A
2
4
12
15
22
42
55
45
Specifications
Hipot rating (one minute):
line-to-ground
2250 VDC
line-to-line
1450 VDC
Fuseholder:
1/4" x 1 1/4" or
Accepts one or two fuses*
5 x 20 mm
Rated voltage (max):
80 VDC
Terminals:
.187 x .032 [4.8 x .81] terminal tabs
Operating Ambient Temperature Range:
(@ rated current Ir)
-10
˚C to +40˚C
In an ambient, Ta, higher than +40˚C, the maximum
operating current, Io, is as follows:
* Conversion clip provided on fuseholder for single fuse
models.
Electrical Schematic
UL Recognized
CSA Certified
TUV Approved
LINE
LOAD
85 - Ta
45
Io = Ir


Similar Part No. - PE000DD3D

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PE000DD3D MACOM-PE000DD3D Datasheet
163Kb / 2P
   The CHAMELEON Adaptable Module for DC Applications
logo
TE Connectivity Ltd
PE000DD3D TEC-PE000DD3D Datasheet
163Kb / 2P
   The CHAMELEON Adaptable Module for DC Applications
logo
Tyco Electronics
PE000DD3D MACOM-PE000DD3D_11 Datasheet
163Kb / 2P
   The CHAMELEON Adaptable Module for DC Applications
More results

Similar Description - PE000DD3D

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
PE000DD3D TEC-PE000DD3D Datasheet
163Kb / 2P
   The CHAMELEON Adaptable Module for DC Applications
logo
Tyco Electronics
PE000DD3D MACOM-PE000DD3D_11 Datasheet
163Kb / 2P
   The CHAMELEON Adaptable Module for DC Applications
PSJ0XSS60 MACOM-PSJ0XSS60 Datasheet
222Kb / 8P
   The CHAMELEON Adaptable Module for General, High Performance or Medical Applications
logo
E-Tech Electronics LTD
GMSD1664 ETL-GMSD1664 Datasheet
193Kb / 2P
   The GMSD1664 is designed for general purpose amplifier applications.
GMBTA06 ETL-GMBTA06 Datasheet
233Kb / 2P
   The GMBTA06 is designed for general purpose amplifier applications
G9014 ETL-G9014 Datasheet
184Kb / 3P
   The G9014 is designed for general purpose amplifier applications
logo
Vishay Siliconix
SD101AWS-G VISHAY-SD101AWS-G Datasheet
85Kb / 4P
   For general purpose applications
Rev. 1.2, 14-Oct-16
SD103AW-G VISHAY-SD103AW-G Datasheet
94Kb / 4P
   For general purpose applications
Rev. 1.7, 25-Aug-16
logo
E-Tech Electronics LTD
GSB1694 ETL-GSB1694 Datasheet
125Kb / 2P
   The GSB1694 is designed for general purpose amplifier applications
logo
Vishay Siliconix
SD101AW-G VISHAY-SD101AW-G Datasheet
86Kb / 4P
   For general purpose applications
Rev. 1.0, 25-Feb-13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com