Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFC233820152 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BFC233820152
Description  Interference Suppression Film Capacitors MKP Radial Potted Type
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFC233820152 Datasheet(HTML) 3 Page - Vishay Siliconix

  BFC233820152 Datasheet HTML 1Page - Vishay Siliconix BFC233820152 Datasheet HTML 2Page - Vishay Siliconix BFC233820152 Datasheet HTML 3Page - Vishay Siliconix BFC233820152 Datasheet HTML 4Page - Vishay Siliconix BFC233820152 Datasheet HTML 5Page - Vishay Siliconix BFC233820152 Datasheet HTML 6Page - Vishay Siliconix BFC233820152 Datasheet HTML 7Page - Vishay Siliconix BFC233820152 Datasheet HTML 8Page - Vishay Siliconix BFC233820152 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
www.vishay.com
For technical questions, contact: rfi@vishay.com
Document Number: 28119
147
Revision: 16-Jul-09
MKP 338 2 X2
Vishay BCcomponents Interference Suppression Film Capacitors
MKP Radial Potted Type
Notes
(1)
H = In-tape height, P0 = Sprocket hole distance; for detailed specifications refer to packaging information
(2)
Weight for short lead product only
Notes
(1)
H = In-tape height, P0 = Sprocket hole distance; for detailed specifications refer to packaging information
(2)
Weight for short lead product only
Pitch: 7.5 mm; C-tol. = ± 20 %
C
(µF)
DIMENSIONS
w x h x l
(mm)
MASS
(g) (2)
CATALOG NUMBER BFC2 338 ..... AND PACKAGING
LOOSE IN BOX
AMMOPACK (1)
Short leads
Long leads
H = 18.5 mm
P0 = 12.7 mm
lt = 3.5 mm
+ 1 mm/- 0.5 mm
lt = 5.0 mm
± 1.0 mm
SPQ
lt = 25.0 mm
± 2.0 mm
SPQ
SPQ
Pitch = 7.5 mm ± 0.4 mm; dt = 0.50 mm ± 0.05 mm
0.001
4.0x9.0x10.0
0.4
20102
22102
1500
24102
1000
26102
1250
0.0012
20122
22122
24122
26122
0.0015
20152
22152
24152
26152
0.0018
20182
22182
24182
26182
0.0022
20222
22222
24222
26222
0.0027
20272
22272
24272
26272
0.0033
20332
22332
24332
26332
0.0039
20392
22392
24392
26392
0.0047
20472
22472
24472
26472
0.0056
20562
22562
24562
26562
0.0068
20682
22682
24682
26682
0.0082
20822
22822
24822
26822
0.01
20103
22103
24103
26103
0.012
20123
22123
24123
26123
0.015
20153
22153
24153
26153
0.018
20183
22183
24183
26183
0.022
20223
22223
24223
26223
0.027
20273
22273
1000
24273
1250
26273
1000
0.033
20333
22333
24333
26333
0.039
5.0 x 10.5 x 10.0
0.6
20393
22393
750
24393
1000
26393
750
0.047
20473
22473
24473
26473
Pitch: 7.5 mm; C-tol. = ± 10 %
C
(µF)
DIMENSIONS
w xh xl
(mm)
MASS
(g) (2)
CATALOG NUMBER BFC2 338 ..... AND PACKAGING
LOOSE IN BOX
AMMOPACK (1)
Short leads
Long leads
H = 18.5 mm
P0 = 12.7 mm
lt = 3.5 mm
+ 1 mm/- 0.5 mm
lt = 5.0 mm
± 1.0 mm
SPQ
lt = 25.0 mm
± 2.0 mm
SPQ
SPQ
Pitch = 7.5 mm ± 0.4 mm; dt = 0.50 mm ± 0.05 mm
0.001
4.0 x 9.0 x 10.0
0.4
28101
28301
1500
28501
1000
28701
1250
0.0012
28102
28302
28502
28702
0.0015
28103
28303
28503
28703
0.0018
28104
28304
28504
28704
0.0022
28105
28305
28505
28705
0.0027
28106
28306
28506
28706
0.0033
28107
28307
28507
28707
0.0039
28108
28308
28508
28708
0.0047
28109
28309
28509
28709
0.0056
28111
28311
28511
28711
0.0068
28112
28312
28512
28712
0.0082
28113
28313
28513
28713
0.01
28114
28314
28514
28714
0.012
28115
28315
28515
28715
0.015
28116
28316
28516
28716
0.018
28117
28317
28517
28717
0.022
28118
28318
28518
28718
0.027
28119
28319
1000
28519
1250
28719
1000
0.033
5.0 x 10.5 x 10.0
0.6
28121
28321
28521
28721
0.039
28122
28332
750
28522
1000
28722
750
0.047
6.0 x 11.5 x 10.0
0.8
28123
28323
28523
28723


Similar Part No. - BFC233820152

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BFC233820103 TI1-BFC233820103 Datasheet
1Mb / 26P
[Old version datasheet]   a Phase-Dimmable, Primary-Side Regulated LED Driver
logo
Vishay Siliconix
BFC233820104 VISHAY-BFC233820104 Datasheet
174Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 24-Jan-13
More results

Similar Description - BFC233820152

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP339X2 VISHAY-MKP339X2 Datasheet
191Kb / 18P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233610224 VISHAY-BFC233610224 Datasheet
148Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 06-Aug-12
MKP3384X2 VISHAY-MKP3384X2 Datasheet
464Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 01-Aug-07
BFC233620223 VISHAY-BFC233620223 Datasheet
221Kb / 17P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 08-Oct-08
BFC233820224 VISHAY-BFC233820224 Datasheet
225Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
MKP3382X2 VISHAY-MKP3382X2 Datasheet
293Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
MKP3381X1 VISHAY-MKP3381X1 Datasheet
132Kb / 5P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 07-Oct-03
BFC233922105 VISHAY-BFC233922105 Datasheet
194Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233620104 VISHAY-BFC233620104 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
F17102101000 VISHAY-F17102101000 Datasheet
136Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 12-Jun-13
BFC233820683 VISHAY-BFC233820683 Datasheet
225Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com