Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKP1848690454Y5 Datasheet(PDF) 11 Page - Vishay Siliconix

Part # MKP1848690454Y5
Description  Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1848690454Y5 Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button MKP1848690454Y5 Datasheet HTML 7Page - Vishay Siliconix MKP1848690454Y5 Datasheet HTML 8Page - Vishay Siliconix MKP1848690454Y5 Datasheet HTML 9Page - Vishay Siliconix MKP1848690454Y5 Datasheet HTML 10Page - Vishay Siliconix MKP1848690454Y5 Datasheet HTML 11Page - Vishay Siliconix MKP1848690454Y5 Datasheet HTML 12Page - Vishay Siliconix MKP1848690454Y5 Datasheet HTML 13Page - Vishay Siliconix MKP1848690454Y5 Datasheet HTML 14Page - Vishay Siliconix MKP1848690454Y5 Datasheet HTML 15Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Document Number: 28164
For technical questions, contact: dc-film@vishay.com
www.vishay.com
Revision: 02-Feb-09
291
MKP 1848 DC-Link
Metallized Polypropylene Film Capacitors
DC Capacitor MKP Type
Vishay Roederstein
APPLICATION NOTE AND LIMITING CONDITIONS
These capacitors are not suitable for mains applications as across-the-line capacitors without additional protection. These mains
applications are strictly regulated in safety standards and therefore electromagnetic interference suppression capacitors
conforming the standards must be used.
To select the capacitor for a certain application, the following conditions must be checked:
1. The peak voltage (UP+) shall not be greater than the rated DC voltage (UNdc)
2. The peak-to-peak ripple voltage (UP-P) shall not be greater than 0.1 x (UNdc)
Non reversing recurrent waveform
3. The voltage peak slope (dU/dt) shall not exceed the pulse slope at the DC voltage rating.
If the pulse voltage is lower than the rated DC voltage, the rated voltage pulse slope may be multiplied by UNdc and divided
by the applied voltage.
For all other pulses following equation must be fulfilled:
T is the pulse duration
4. The maximum component surface temperature rise must be lower than 15 °C.
MAXIMUM REPETITIVE PEAK VOLTAGES
The capacitor unit may be subjected to the following surge without any significant reduction of lifetime expectancy
REPETITIVE SURGE VOLTAGE
MAXIMUM DURATION PER DAY
1.1 x UNdc
30 % on load duration
1.15 x UNdc
30 min
1.2 x UNdc
5 min
1.3 x UNdc
1 min
1.5 x UNdc
110 ms
U
p+ UNdc
U
p-
t
2
dU
dt
--------
⎝⎠
⎛⎞
2
0
T
dt
U
Ndc
dU
dt
--------
⎝⎠
⎛⎞
rated
×
<
×
×


Similar Part No. - MKP1848690454Y5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1848690454Y5 VISHAY-MKP1848690454Y5 Datasheet
198Kb / 20P
   Metallized Polypropylene Film Capacitors
Revision: 19-Feb-16
More results

Similar Description - MKP1848690454Y5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1848 VISHAY-MKP1848_11 Datasheet
157Kb / 16P
   Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
Revision: 27-May-11
logo
EPCOS
B32651 EPCOS-B32651_11 Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32794D2635K EPCOS-B32794D2635K Datasheet
303Kb / 19P
   Metallized Polypropylene Film Capacitors (MKP)
B32621A6223J EPCOS-B32621A6223J Datasheet
525Kb / 30P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
MKP-B3267P TDK-MKP-B3267P Datasheet
494Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
logo
EPCOS
B32778G406K EPCOS-B32778G406K Datasheet
280Kb / 21P
   Metallized Polypropylene Film Capacitors (MKP)
B32652A3334J EPCOS-B32652A3334J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32674 EPCOS-B32674_11 Datasheet
326Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32654A474J EPCOS-B32654A474J Datasheet
503Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
B32676G6106K EPCOS-B32676G6106K Datasheet
308Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com