Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7WB383MUTAG Datasheet(PDF) 1 Page - ON Semiconductor

Part # 7WB383MUTAG
Description  Bus Exchange Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

7WB383MUTAG Datasheet(HTML) 1 Page - ON Semiconductor

  7WB383MUTAG Datasheet HTML 1Page - ON Semiconductor 7WB383MUTAG Datasheet HTML 2Page - ON Semiconductor 7WB383MUTAG Datasheet HTML 3Page - ON Semiconductor 7WB383MUTAG Datasheet HTML 4Page - ON Semiconductor 7WB383MUTAG Datasheet HTML 5Page - ON Semiconductor 7WB383MUTAG Datasheet HTML 6Page - ON Semiconductor 7WB383MUTAG Datasheet HTML 7Page - ON Semiconductor 7WB383MUTAG Datasheet HTML 8Page - ON Semiconductor 7WB383MUTAG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2010
April, 2010 − Rev. 0
1
Publication Order Number:
7WB383/D
7WB383
Bus Exchange Switch
The 7WB383 is an advanced high−speed low−power bus exchange
switch in ultra−small footprints.
Features
High Speed: tPD = 0.25 ns (Max) @ VCC = 4.5 V
3 W Switch Connection Between 2 Ports
Power Down Protection Provided on Inputs
Zero Bounce
TTL−Compatible Control Inputs
Ultra−Small Pb−Free Packages
These are Pb−Free Devices
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 7 of this data sheet.
ORDERING INFORMATION
MARKING
DIAGRAMS
1
ULLGA8
1.45 x 1.0
CASE 613AA
1
ULLGA8
1.6 x 1.0
CASE 613AB
1
ULLGA8
1.95 x 1.0
CASE 613AC
M
G
AXM
G
AXM
G
UDFN8
MU SUFFIX
CASE 517AJ
1
8
APM
G
(Note: Microdot may be in either location)
A
= Assembly Location
Y
= Year
W
= Work Week
M
= Date Code
G
= Pb−Free Package
383
AYWG
G
1
8
Micro8]
DM SUFFIX
CASE 846A


Similar Part No. - 7WB383MUTAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
7WB383MUTAG ONSEMI-7WB383MUTAG Datasheet
89Kb / 10P
   Bus Exchange Switch
October, 2014 ??Rev. 1
More results

Similar Description - 7WB383MUTAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
7WB383 ONSEMI-7WB383_14 Datasheet
89Kb / 10P
   Bus Exchange Switch
October, 2014 ??Rev. 1
7WBD383 ONSEMI-7WBD383_14 Datasheet
110Kb / 12P
   Translating Bus Exchange Switch
October, 2014 ??Rev. 2
7WBD383 ONSEMI-7WBD383 Datasheet
190Kb / 14P
   Translating Bus Exchange Switch
February, 2010 ??Rev. 0
logo
Fairchild Semiconductor
FST16209 FAIRCHILD-FST16209 Datasheet
134Kb / 5P
   18-Bit Bus Exchange Switch
FST16213 FAIRCHILD-FST16213 Datasheet
153Kb / 6P
   24-Bit Bus Exchange Switch
logo
Integrated Device Techn...
IDT74FST163209 IDT-IDT74FST163209 Datasheet
82Kb / 6P
   9-BIT BUS EXCHANGE SWITCH
IDT74FST163212 IDT-IDT74FST163212 Datasheet
81Kb / 6P
   24-BIT BUS EXCHANGE SWITCH
logo
Toshiba Semiconductor
TC7WB383FK TOSHIBA-TC7WB383FK Datasheet
111Kb / 7P
   2-Bit Bus Exchange Switch
logo
Integrated Device Techn...
IDT74FST163383 IDT-IDT74FST163383 Datasheet
93Kb / 6P
   20-BIT BUS EXCHANGE SWITCH
IDT74FST163213 IDT-IDT74FST163213 Datasheet
82Kb / 6P
   24-BIT BUS EXCHANGE SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com