Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR6M4024 Datasheet(PDF) 2 Page - Tyco Electronics

Part # SR6M4024
Description  Safety Relay SR6 D/M
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SR6M4024 Datasheet(HTML) 2 Page - Tyco Electronics

  SR6M4024 Datasheet HTML 1Page - Tyco Electronics SR6M4024 Datasheet HTML 2Page - Tyco Electronics SR6M4024 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Datasheet Rev. IJ1
Issued 2009/10
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information only
to be used together with the
'Definitions' section in the cat-
alogue or at schrackrelays.com
in the ‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
SCHRACK
2
Safety Relay SR6 D/M (Continued)
PCB layout / terminal assignment
Bottom view on solder pins
Dimensions
3 NO + 1 NC version
2 NO+2 NC versions
S0368-CI
S0368-CJ
S0367-DB
S0368-CL
S0368-CK
Insulation
Dielectric strength coil-contact circuit
3000 Vrms
open contact circuit
1500 Vrms
adjacent contact circuits
3000 / 4000 Vrms (in longitudinal direction)
Clearance / creepage coil-contact circuit
W 5.5 / 5.5 mm
adjacent contact circuits
W 5.5 / 5.5 mm
W 15 / 15 mm (in longitudinal direction)
Material group of insulation parts
IIIa
Tracking index of relay base
PTI 250
Insulation to IEC 61810-1
Type of insulation coil-contact circuit
basic
open contact circuit
micro disconnection
adjacent contact circuits reinforced (in longitudinal dir)
Rated insulation voltage
250 V
Pollution degree
2
Rated voltage system
230 / 400 V
Overvoltage category
III
Insulation to EN 50178
Type of insulation coil-contact circuit
reinforced
adjacent contact circuits
reinforced
Other data
Mechanical endurance
10x106 cycles
Material
RoHS - Directive 2002/95/EC
compliant as per product date code 0407
Environment
Ambient temperature range
-25...+70°C
Vibration resistance (function) NO / NC contact
> 8 / 2.5 g, 10....200 Hz
Shock resistance (function) NO / NC contact > 10 / 2.5 g, 16 ms half sine
Category of protection
RT III1)
Processing
Resistance to soldering heat
260°C / 5 s
Relay weight
30 g
Packaging unit
10 pcs
1) please contact technical support for washing parameters
Accessories
PCB socket and hold down clip
contact technical support


Similar Part No. - SR6M4024

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SR6M4024 MACOM-SR6M4024 Datasheet
170Kb / 2P
   Rev. EK1
logo
TE Connectivity Ltd
SR6M4024 TEC-SR6M4024 Datasheet
334Kb / 2P
   4 pole relay with force guided contacts according to EN 50205
More results

Similar Description - SR6M4024

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SR6 MACOM-SR6_09 Datasheet
338Kb / 4P
   Safety Relay SR6
SR6 MACOM-SR6_05 Datasheet
199Kb / 3P
   Safety Relay SR6
SR6Z MACOM-SR6Z_05 Datasheet
131Kb / 2P
   Safety Relay on DIN-rail SR6 Z
SR4DM MACOM-SR4DM_09 Datasheet
220Kb / 3P
   Safety Relay SR4 D/M
logo
TE Connectivity Ltd
SR6 TEC-SR6 Datasheet
506Kb / 2P
   Force Guided Relay on DIN-rail SR6 Z
logo
Tyco Electronics
V23050-A1024-A533 MACOM-V23050-A1024-A533 Datasheet
628Kb / 3P
   Force Guided Relay SR6 A/B/C/V
logo
Hongfa Technology
HFA4 HONGFA-HFA4 Datasheet
104Kb / 4P
   SAFETY RELAY
HFA6 HONGFA-HFA6 Datasheet
82Kb / 4P
   SAFETY RELAY
logo
List of Unclassifed Man...
OA5669 ETC2-OA5669 Datasheet
120Kb / 4P
   Safety relay
logo
Hongfa Technology
HFA6 HONGFA-HFA6 Datasheet
81Kb / 4P
   SAFETY RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com