Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7WB3125DMR2G Datasheet(PDF) 6 Page - ON Semiconductor

Part # 7WB3125DMR2G
Description  2-Bit Bus Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

7WB3125DMR2G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button 7WB3125DMR2G Datasheet HTML 2Page - ON Semiconductor 7WB3125DMR2G Datasheet HTML 3Page - ON Semiconductor 7WB3125DMR2G Datasheet HTML 4Page - ON Semiconductor 7WB3125DMR2G Datasheet HTML 5Page - ON Semiconductor 7WB3125DMR2G Datasheet HTML 6Page - ON Semiconductor 7WB3125DMR2G Datasheet HTML 7Page - ON Semiconductor 7WB3125DMR2G Datasheet HTML 8Page - ON Semiconductor 7WB3125DMR2G Datasheet HTML 9Page - ON Semiconductor 7WB3125DMR2G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
7WB3125
http://onsemi.com
6
AC LOADING AND WAVEFORMS
Parameter Measurement Information
CL = 50 pF*
From Output
Under Test
GND
Open
7 V
500 W
S1
*CL includes probes and jig capacitance.
500 W
Test
S1
tPD
Open
tPLZ/tPZL
7 V
tPHZ/tPZH
Open
Voltage Waveforms
Propagation Delay Times
Voltage Waveforms
Enable and Disable Times
3.5 V
Output
Control
3 V
0 V
1.5 V
1.5 V
1.5 V
1.5 V
tPZH
tPHZ
VOL
VOH
0 V
Output
Output
Waveform 1
S1 at 7 V
(Note 6)
Waveform 2
S1 at Open
(Note 6)
VOL + 0.3 V
VOH − 0.3 V
6. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control
7. All input pulses are supplied by generators having the following characteristics: PRR v 10 MHz, ZO = 50 W, tr v 2.5 ns, tf v 2.5 ns.
8. The outputs are measured one at a time, with one transition per measurement.
9. tPLZ and tPHZ are the same as tDIS.
10.tPZL and tPZH are the same as tEN.
11. tPHL and tPLH are the same as tPD.
Figure 5. tPD, tEN, tDIS Loading and Waveforms
1.5 V
1.5 V
1.5 V
1.5 V
Input
Output
VOH
VOL
tPHL
tPLH
3 V
0 V
tPZL
tPLZ
ORDERING INFORMATION
Device
Package
Shipping
7WB3125MUTAG
UDFN8
(Pb−Free)
3000 / Tape & Reel
7WB3125AMX1TCG
ULLGA8 – 0.5 mm Pitch
(Pb−Free)
3000 / Tape & Reel
7WB3125BMX1TCG
ULLGA8 – 0.4 mm Pitch
(Pb−Free)
3000 / Tape & Reel
7WB3125CMX1TCG
ULLGA8 – 0.35 mm Pitch
(Pb−Free)
3000 / Tape & Reel
7WB3125DMR2G
Micro8
(Pb−Free)
4000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - 7WB3125DMR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
7WB3125DMR2G ONSEMI-7WB3125DMR2G Datasheet
86Kb / 10P
   2-Bit Bus Switch
October, 2014 ??Rev. 1
More results

Similar Description - 7WB3125DMR2G

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74CBTLV3306 NEXPERIA-74CBTLV3306 Datasheet
844Kb / 17P
   2-bit bus switch
logo
ON Semiconductor
7WB3305 ONSEMI-7WB3305_14 Datasheet
86Kb / 10P
   2-Bit Bus Switch
October, 2014 ??Rev. 1
7WB3305 ONSEMI-7WB3305 Datasheet
165Kb / 11P
   2-Bit Bus Switch
April, 2010 ??Rev. 0
7WB3125 ONSEMI-7WB3125_14 Datasheet
86Kb / 10P
   2-Bit Bus Switch
October, 2014 ??Rev. 1
7WB3306 ONSEMI-7WB3306_14 Datasheet
98Kb / 11P
   2-Bit Bus Switch
October, 2014 ??Rev. 3
7WB3126 ONSEMI-7WB3126_14 Datasheet
86Kb / 10P
   2-Bit Bus Switch
October, 2014 ??Rev. 1
7WB3306DTR2G ONSEMI-7WB3306DTR2G Datasheet
146Kb / 12P
   2-Bit Bus Switch
December, 2010 ??Rev. 2
7WB3126 ONSEMI-7WB3126 Datasheet
165Kb / 11P
   2-Bit Bus Switch
April, 2010 ??Rev. 0
7WB3306 ONSEMI-7WB3306 Datasheet
165Kb / 11P
   2-Bit Bus Switch
April, 2010 ??Rev. 0
7WBD3126 ONSEMI-7WBD3126 Datasheet
187Kb / 13P
   2-Bit Translating Bus Switch
February, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com