Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7WB3305BMX1TCG Datasheet(PDF) 4 Page - ON Semiconductor

Part # 7WB3305BMX1TCG
Description  2-Bit Bus Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

7WB3305BMX1TCG Datasheet(HTML) 4 Page - ON Semiconductor

  7WB3305BMX1TCG Datasheet HTML 1Page - ON Semiconductor 7WB3305BMX1TCG Datasheet HTML 2Page - ON Semiconductor 7WB3305BMX1TCG Datasheet HTML 3Page - ON Semiconductor 7WB3305BMX1TCG Datasheet HTML 4Page - ON Semiconductor 7WB3305BMX1TCG Datasheet HTML 5Page - ON Semiconductor 7WB3305BMX1TCG Datasheet HTML 6Page - ON Semiconductor 7WB3305BMX1TCG Datasheet HTML 7Page - ON Semiconductor 7WB3305BMX1TCG Datasheet HTML 8Page - ON Semiconductor 7WB3305BMX1TCG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
7WB3305
http://onsemi.com
4
DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Conditions
VCC
(V)
TA = 255C
TA =
−555C to +1255C
Unit
Min
Typ
Max
Min
Max
VIK
Clamp Diode Voltage
II/O = −18 mA
4.5
−1.2
−1.2
V
VIH
High−Level Input Voltage
(Control)
4.0 to
5.5
2.0
2.0
V
VIL
Low−Level Input Voltage
(Control)
4.0 to
5.5
0.8
0.8
V
VOH
Output Voltage High
See Figure 4
IIN
Input Leakage Current
0 v VIN v 5.5 V
5.5
$0.1
$1.0
mA
IOFF
Power Off Leakage Current
VI/O = 0 to 5.5 V
0
$0.1
$1.0
mA
ICC
Quiescent Supply Current
IO = 0,
VIN = VCC or 0 V
5.5
$0.1
$1.0
mA
DICC
Increase in Supply Current
(Control Pin)
One input at 3.4 V;
Other inputs at
VCC or GND
5.5
2.5
mA
RON
Switch ON Resistance
VI/O = 0,
II/O = 64 mA
II/O = 30 mA
4.5
3
3
7
7
7
7
W
VI/O = 2.4,
II/O = 15 mA
6
15
15
VI/O = 2.4,
II/O = 15 mA
4.0
10
20
20
AC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Test Condition
VCC
(V)
TA = 25 5C
TA =
−555C to +1255C
Unit
Min
Typ
Max
Min
Max
tPD
Propagation Delay,
Bus to Bus
See Figure 5
4.0 to
5.5
0.25
0.25
ns
tEN
Output Enable Time
See Figure 5
4.5 to
5.5
0.8
2.5
4.2
0.8
4.2
ns
4.0
0.8
3.0
4.6
0.8
4.6
tDIS
Output Disable Time
4.5 to
5.5
0.8
3.0
4.8
0.8
4.8
ns
4.0
0.8
2.9
4.4
0.8
4.4
CIN
Control Input Capacitance
VIN = 5 or 0 V
5.0
2.5
pF
CIO(ON)
Switch On Capacitance
Switch ON
5.0
10
pF
CIO(OFF)
Switch Off Capacitance
Switch OFF
5.0
5
pF


Similar Part No. - 7WB3305BMX1TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
7WB3305 ONSEMI-7WB3305 Datasheet
86Kb / 10P
   2-Bit Bus Switch
October, 2014 ??Rev. 1
7WB3305DMR2G ONSEMI-7WB3305DMR2G Datasheet
86Kb / 10P
   2-Bit Bus Switch
October, 2014 ??Rev. 1
7WB3305DMUTCG ONSEMI-7WB3305DMUTCG Datasheet
86Kb / 10P
   2-Bit Bus Switch
October, 2014 ??Rev. 1
7WB3305MUTAG ONSEMI-7WB3305MUTAG Datasheet
86Kb / 10P
   2-Bit Bus Switch
October, 2014 ??Rev. 1
7WB3305 ONSEMI-7WB3305_14 Datasheet
86Kb / 10P
   2-Bit Bus Switch
October, 2014 ??Rev. 1
More results

Similar Description - 7WB3305BMX1TCG

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74CBTLV3306 NEXPERIA-74CBTLV3306 Datasheet
844Kb / 17P
   2-bit bus switch
logo
ON Semiconductor
7WB3305 ONSEMI-7WB3305_14 Datasheet
86Kb / 10P
   2-Bit Bus Switch
October, 2014 ??Rev. 1
7WB3125 ONSEMI-7WB3125_14 Datasheet
86Kb / 10P
   2-Bit Bus Switch
October, 2014 ??Rev. 1
7WB3306 ONSEMI-7WB3306_14 Datasheet
98Kb / 11P
   2-Bit Bus Switch
October, 2014 ??Rev. 3
7WB3126 ONSEMI-7WB3126_14 Datasheet
86Kb / 10P
   2-Bit Bus Switch
October, 2014 ??Rev. 1
7WB3306DTR2G ONSEMI-7WB3306DTR2G Datasheet
146Kb / 12P
   2-Bit Bus Switch
December, 2010 ??Rev. 2
7WB3126 ONSEMI-7WB3126 Datasheet
165Kb / 11P
   2-Bit Bus Switch
April, 2010 ??Rev. 0
7WB3306 ONSEMI-7WB3306 Datasheet
165Kb / 11P
   2-Bit Bus Switch
April, 2010 ??Rev. 0
7WB3125 ONSEMI-7WB3125 Datasheet
165Kb / 11P
   2-Bit Bus Switch
April, 2010 ??Rev. 0
7WBD3126 ONSEMI-7WBD3126 Datasheet
187Kb / 13P
   2-Bit Translating Bus Switch
February, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com