Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7WBD383 Datasheet(PDF) 8 Page - ON Semiconductor

Part # 7WBD383
Description  Translating Bus Exchange Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

7WBD383 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button 7WBD383 Datasheet HTML 4Page - ON Semiconductor 7WBD383 Datasheet HTML 5Page - ON Semiconductor 7WBD383 Datasheet HTML 6Page - ON Semiconductor 7WBD383 Datasheet HTML 7Page - ON Semiconductor 7WBD383 Datasheet HTML 8Page - ON Semiconductor 7WBD383 Datasheet HTML 9Page - ON Semiconductor 7WBD383 Datasheet HTML 10Page - ON Semiconductor 7WBD383 Datasheet HTML 11Page - ON Semiconductor 7WBD383 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
7WBD383
http://onsemi.com
8
PACKAGE DIMENSIONS
UDFN8 1.8 x 1.2, 0.4P
CASE 517AJ−01
ISSUE O
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED
TERMINAL AND IS MEASURED BETWEEN
0.15 AND 0.30 mm FROM TERMINAL TIP.
4. MOLD FLASH ALLOWED ON TERMINALS
ALONG EDGE OF PACKAGE. FLASH MAY
NOT EXCEED 0.03 ONTO BOTTOM
SURFACE OF TERMINALS.
5. DETAIL A SHOWS OPTIONAL
CONSTRUCTION FOR TERMINALS.
A B
E
D
BOTTOM VIEW
b
e
8X
B
A
C
C NOTE 3
0.10 C
PIN ONE
REFERENCE
TOP VIEW
0.10 C
A
A1
(A3)
0.05 C
0.05 C
C SEATING
PLANE
SIDE VIEW
L
8X
1
4
5
8
DIM MIN
MAX
MILLIMETERS
A
0.45
0.55
A1
0.00
0.05
A3
0.127 REF
b
0.15
0.25
D
1.80 BSC
E
1.20 BSC
e
0.40 BSC
L
0.45
0.55
e/2
b2
0.30 REF
L1
0.00
0.03
L2
0.40 REF
DETAIL A
(L2)
(b2)
NOTE 5
L1
DETAIL A
M
0.10
M
0.05
0.22
0.32
8X
1.50
0.40 PITCH
0.66
DIMENSIONS: MILLIMETERS
MOUNTING FOOTPRINT*
7X
1
SOLDERMASK DEFINED
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.


Similar Part No. - 7WBD383

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
7WBD383 ONSEMI-7WBD383 Datasheet
110Kb / 12P
   Translating Bus Exchange Switch
October, 2014 ??Rev. 2
7WBD383AMUTCG ONSEMI-7WBD383AMUTCG Datasheet
110Kb / 12P
   Translating Bus Exchange Switch
October, 2014 ??Rev. 2
7WBD383DMR2G ONSEMI-7WBD383DMR2G Datasheet
110Kb / 12P
   Translating Bus Exchange Switch
October, 2014 ??Rev. 2
7WBD383DMUTCG ONSEMI-7WBD383DMUTCG Datasheet
110Kb / 12P
   Translating Bus Exchange Switch
October, 2014 ??Rev. 2
7WBD383MUTAG ONSEMI-7WBD383MUTAG Datasheet
110Kb / 12P
   Translating Bus Exchange Switch
October, 2014 ??Rev. 2
More results

Similar Description - 7WBD383

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
7WBD383 ONSEMI-7WBD383_14 Datasheet
110Kb / 12P
   Translating Bus Exchange Switch
October, 2014 ??Rev. 2
7WB383 ONSEMI-7WB383 Datasheet
169Kb / 12P
   Bus Exchange Switch
April, 2010 ??Rev. 0
7WB383 ONSEMI-7WB383_14 Datasheet
89Kb / 10P
   Bus Exchange Switch
October, 2014 ??Rev. 1
logo
Fairchild Semiconductor
FST16209 FAIRCHILD-FST16209 Datasheet
134Kb / 5P
   18-Bit Bus Exchange Switch
FST16213 FAIRCHILD-FST16213 Datasheet
153Kb / 6P
   24-Bit Bus Exchange Switch
logo
Integrated Device Techn...
IDT74FST163209 IDT-IDT74FST163209 Datasheet
82Kb / 6P
   9-BIT BUS EXCHANGE SWITCH
IDT74FST163212 IDT-IDT74FST163212 Datasheet
81Kb / 6P
   24-BIT BUS EXCHANGE SWITCH
logo
Toshiba Semiconductor
TC7WB383FK TOSHIBA-TC7WB383FK Datasheet
111Kb / 7P
   2-Bit Bus Exchange Switch
logo
Integrated Device Techn...
IDT74FST163383 IDT-IDT74FST163383 Datasheet
93Kb / 6P
   20-BIT BUS EXCHANGE SWITCH
IDT74FST163213 IDT-IDT74FST163213 Datasheet
82Kb / 6P
   24-BIT BUS EXCHANGE SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com