Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKP1848675704Y5 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MKP1848675704Y5
Description  Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1848675704Y5 Datasheet(HTML) 5 Page - Vishay Siliconix

  MKP1848675704Y5 Datasheet HTML 1Page - Vishay Siliconix MKP1848675704Y5 Datasheet HTML 2Page - Vishay Siliconix MKP1848675704Y5 Datasheet HTML 3Page - Vishay Siliconix MKP1848675704Y5 Datasheet HTML 4Page - Vishay Siliconix MKP1848675704Y5 Datasheet HTML 5Page - Vishay Siliconix MKP1848675704Y5 Datasheet HTML 6Page - Vishay Siliconix MKP1848675704Y5 Datasheet HTML 7Page - Vishay Siliconix MKP1848675704Y5 Datasheet HTML 8Page - Vishay Siliconix MKP1848675704Y5 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Document Number: 28164
For technical questions, contact: dc-film@vishay.com
www.vishay.com
Revision: 02-Feb-09
285
MKP 1848 DC-Link
Metallized Polypropylene Film Capacitors
DC Capacitor MKP Type
Vishay Roederstein
SPECIFIC REFERENCE DATA 1100 Vdc
UNdc = 1100 V, UNdc70 °C = 1350 V, UNdc105 °C = 800 V
Notes
(1) Change the * symbol with special code for the terminals
(2) Maximum rms current at 10 kHz, + 85 °C, Cap. tol.
≤ ± 5 %
(3) Equivalent series resistance typical values at 10 kHz
(4) Standard dimension
(5) Intermediate capacitance values are available on request.
• SPQ = Standard Packing Quantity
SPECIFIC REFERENCE DATA 1200 Vdc
UNdc = 1200 V, UNdc70 °C = 1500 V, UNdc105 °C = 850 V
CAP.
(5)
DIMENSIONS
(mm) (4)
P1
P2
Ø dt dV/dt IPEAK
IRMS
(A) (2)
ESR
(m
Ω) (3)
tan
δ
1 kHz
< (10-4)
tan
δ
10 kHz
< (10-4)
MASS SPQ
PART NUMBER (1)
(µF)
W
H
L
(mm) (mm) (mm) (V/µs)
(A)
2
pins
4
pins
2
pins
4
pins
2
pins
4
pins
2
pins
4
pins
(g)
(pcs)
1
11.0 21.0 32.0 27.5
-
0.8
95
95
2.5
-
62.0
-
7.0
-
55
-
9.1
130
MKP1848510914K2
2
15.0 25.0 32.0 27.5
-
0.8
95
190
3.5
-
31.0
-
7.0
-
55
-
12.3
100
MKP1848520914K2
3
18.0 28.0 32.0 27.5
-
0.8
95
285
5.0
-
21.0
-
7.0
-
55
-
16.0
80
MKP1848530914K2
4
21.0 31.0 32.0 27.5
-
0.8
95
380
6.5
-
15.5
-
7.0
-
55
-
21.8
65
MKP1848540914K2
5
18.5 35.5 43.0 37.5
10.2
1.0
45
225
5.5
6.0 25.5 23.0 13.0 12.0 115 105
33.7
105
MKP1848550914P*
6
18.5 35.5 43.0 37.5
10.2
1.0
45
270
6.0
6.5 21.5 19.0 13.0 12.0 115 105
31.4
105
MKP1848560914P*
7
21.5 38.5 43.0 37.5
10.2
1.0
45
315
7.0
7.5 18.5 16.5 13.0 12.0 115 105
40.5
91
MKP1848570914P*
8
21.5 38.5 43.0 37.5
10.2
1.0
45
360
4.5
5.0 16.0 14.5 13.0 12.0 115 105
38.2
91
MKP1848580914P*
9
24.0 44.0 42.0 37.5
10.2
1.0
45
405
8.5
9.0 14.0 13.0 13.0 12.0 115 105
52
77
MKP1848590914P*
10
24.0 44.0 42.0 37.5
10.2
1.0
45
450
9.0
9.5 13.0 11.5 13.0 12.0 115 105
49
77
MKP1848610914P*
12
30.0 45.0 42.0 37.5 10.2 /
20.3
1.0
45
540
10.5 11.0 10.5 9.5 13.0 12.0 115 105
66
63
MKP1848612914P*
10
25.0 45.0 57.5 52.5
20.3
1.2
23
230
7.5
8.5 25.5 23.0 25.0 22.0 230 210
84
55
MKP1848610914Y*
12
25.0 45.0 57.5 52.5
20.3
1.2
23
276
8.0
9.0 21.5 19.5 25.0 22.0 230 210
80
55
MKP1848612914Y*
15
25.0 45.0 57.5 52.5
20.3
1.2
23
345
9.0
10.0 17.0 15.5 25.0 22.0 230 210
73
55
MKP1848615914Y*
20
30.0 45.0 57.5 52.5
20.3
1.2
23
460
11.0 12.0 12.5 11.5 25.0 22.0 230 210
94
45
MKP1848620914Y*
22
35.0 50.0 57.5 52.5
20.3
1.2
23
506
12.5 13.5 11.5 10.5 25.0 22.0 230 210
119
40
MKP1848622914Y*
25
35.0 50.0 57.5 52.5
20.3
1.2
23
575
13.5 14.5 10.5 9.0 25.0 22.0 230 210
112
40
MKP1848625914Y*
30
45.0 45.0 57.5 52.5
20.3
1.2
23
720
-
16.5
-
7.5
-
22.0
-
210
192
30
MKP1848630914Y5
60
70.0 60.0 57.5 52.5
20.3
1.2
23
1500
-
30.0
-
3.5
-
22.0
-
210
452
20
MKP1848660914Y5
CAP.
(5)
DIMENSIONS
(mm) (4)
P1
P2
Ø dt dV/dt IPEAK
IRMS
(A) (2)
ESR
(m
Ω) (3)
tan
δ
1 kHz
< (10-4)
tan
δ
10 kHz
< (10-4)
MASS SPQ
PART NUMBER (1)
(µF)
W
H
L
(mm) (mm) (mm) (V/µs)
(A)
2
pins
4
pins
2
pins
4
pins
2
pins
4
pins
2
pins
4
pins
(g)
(pcs)
1
11.0 21.0 32.0 27.5
-
0.8
100
100
2.5
-
60.0
-
6.0
-
54
-
8.8
130
MKP1848510924K2
2
15.0 25.0 32.0 27.5
-
0.8
100
200
4.0
-
30.0
-
6.0
-
54
-
11.7
100
MKP1848520924K2
3
18.0 28.0 32.0 27.5
-
0.8
100
300
5.0
-
20.0
-
6.0
-
54
-
15.2
80
MKP1848530924K2
4
21.0 31.0 32.0 27.5
-
0.8
100
400
6.5
-
15.0
-
6.0
-
54
-
20.6
65
MKP1848540924K2
5
18.5 35.5 43.0 37.5
10.2
1.0
48
240
6.0
6.5
24.5 22.0 12.0 11.0 110 100
32.5
105
MKP1848550924P*
6
18.5 35.5 43.0 37.5
10.2
1.0
48
288
6.5
7.0
20.0 18.5 12.0 11.0 110 100
30.0
105
MKP1848560924P*
7
21.5 38.5 43.0 37.5
10.2
1.0
48
336
7.5
8.0
17.5 15.5 12.0 11.0 110 100
38.9
91
MKP1848570924P*
8
21.5 38.5 43.0 37.5
10.2
1.0
48
384
8.0
8.5
15.5 14.0 12.0 11.0 110 100
36.3
91
MKP1848580924P*
9
24.0 44.0 42.0 37.5
10.2
1.0
48
432
9.0
9.5
13.5 12.5 12.0 11.0 110 100
50
77
MKP1848590924P*
10
24.0 44.0 42.0 37.5
10.2
1.0
48
480
9.5
10.0 12.5 11.0 12.0 11.0 110 100
47
77
MKP1848610924P*
12
30.0 45.0 42.0 37.5 10.2 /
20.3
1.0
48
576
11.0 11.5 10.0 9.0 12.0 11.0 110 100
63
63
MKP1848612924P*
10
25.0 45.0 57.5 52.5
20.3
1.2
24
240
7.5
8.5
24.5 21.5 23.0 21.0 220 200
82
55
MKP1848610924Y*
12
25.0 45.0 57.5 52.5
20.3
1.2
24
288
8.5
9.5
20.5 18.5 23.0 21.0 220 200
77
55
MKP1848612924Y*


Similar Part No. - MKP1848675704Y5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1848675704Y5 VISHAY-MKP1848675704Y5 Datasheet
198Kb / 20P
   Metallized Polypropylene Film Capacitors
Revision: 19-Feb-16
More results

Similar Description - MKP1848675704Y5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1848 VISHAY-MKP1848_11 Datasheet
157Kb / 16P
   Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
Revision: 27-May-11
logo
EPCOS
B32651 EPCOS-B32651_11 Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32794D2635K EPCOS-B32794D2635K Datasheet
303Kb / 19P
   Metallized Polypropylene Film Capacitors (MKP)
B32621A6223J EPCOS-B32621A6223J Datasheet
525Kb / 30P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
MKP-B3267P TDK-MKP-B3267P Datasheet
494Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
logo
EPCOS
B32778G406K EPCOS-B32778G406K Datasheet
280Kb / 21P
   Metallized Polypropylene Film Capacitors (MKP)
B32652A3334J EPCOS-B32652A3334J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32674 EPCOS-B32674_11 Datasheet
326Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32654A474J EPCOS-B32654A474J Datasheet
503Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
B32676G6106K EPCOS-B32676G6106K Datasheet
308Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com