Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1027 Datasheet(PDF) 5 Page - ON Semiconductor

Part # ADM1027
Description  dBCOOL??Remote Thermal Controller and Voltage Monitor
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1027 Datasheet(HTML) 5 Page - ON Semiconductor

  ADM1027 Datasheet HTML 1Page - ON Semiconductor ADM1027 Datasheet HTML 2Page - ON Semiconductor ADM1027 Datasheet HTML 3Page - ON Semiconductor ADM1027 Datasheet HTML 4Page - ON Semiconductor ADM1027 Datasheet HTML 5Page - ON Semiconductor ADM1027 Datasheet HTML 6Page - ON Semiconductor ADM1027 Datasheet HTML 7Page - ON Semiconductor ADM1027 Datasheet HTML 8Page - ON Semiconductor ADM1027 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
REV. A
ADM1027
–5–
PIN FUNCTION DESCRIPTIONS
Pin
Mnemonic
Description
1
SDA
Digital I/O (Open-Drain). SMBus bidirectional serial data. Requires SMBus pull-up.
2
SCL
Digital Input (Open-Drain). SMBus serial clock input. Requires SMBus pull-up.
3
GND
Ground Pin for the ADM1027.
4
VCC
Power Supply. Can be powered by 3.3 V standby if monitoring in low power states is required.
VCC is also monitored through this pin. The ADM1027 can also be powered from a 5 V supply.
Setting Bit 7 of Configuration Register 1 (Reg. 0x40) rescales the VCC input attenuators to
correctly measure a 5 V supply.
5
VID0
Digital Input (Open-Drain). Voltage supply readouts from CPU. This value is read into the
VID register (Reg. 0x43).
6
VID1
Digital Input (Open-Drain). Voltage supply readouts from CPU. This value is read into the
VID register (Reg. 0x43).
7
VID2
Digital Input (Open-Drain). Voltage supply readouts from CPU. This value is read into the
VID register (Reg. 0x43).
8
VID3
Digital Input (Open-Drain). Voltage supply readouts from CPU. This value is read into the
VID register (Reg. 0x43).
9
TACH3
Digital Input (Open-Drain). Fan tachometer input to measure speed of Fan 3. Can be
reconfigured as an analog input (AIN3) to measure the speed of 2-wire fans.
10
PWM2/SMBALERT
Digital Output (Open-Drain). Requires 10 kW typical pull-up. Pulsewidth modulated output
to control Fan 2 speed. This pin may be reconfigured as an SMBALERT interrupt output to
signal out-of-limit conditions.
11
TACH1
Digital Input (Open-Drain). Fan tachometer input to measure speed of Fan 1. Can be
reconfigured as an analog input (AIN1) to measure the speed of 2-wire fans.
12
TACH2
Digital Input (Open-Drain). Fan tachometer input to measure speed of Fan 2. Can be
reconfigured as an analog input (AIN2) to measure the speed of 2-wire fans.
13
PWM3/ADDRESS ENABLE
Digital I/O (Open-Drain). Pulsewidth modulated output to control Fan 3 speed. Requires
10 kW typical pull-up. If pulled low on power-up, this places the ADM1027 into address
select mode, and the state of Pin 14 will determine the ADM1027’s slave address.
14
TACH4/ADDRESS SELECT
Digital Input (Open-Drain). Fan tachometer input to measure speed of Fan 4. Can be reconfigured
as an analog input (AIN4) to measure the speed of 2-wire fans. If in address select mode,
this pin determines the SMBus device address.
15
D2–
Cathode Connection to Second Thermal Diode.
16
D2+
Anode Connection to Second Thermal Diode.
17
D1–
Cathode Connection to First Thermal Diode.
18
D1+
Anode Connection to First Thermal Diode.
19
VID4
Digital Input (Open-Drain). Voltage supply readouts from CPU. This value is read into the
VID register (Reg. 0x43).
20
5VIN
Analog Input. Monitors 5 V power supply.
21
12VIN
Analog Input. Monitors 12 V power supply.
22
2.5VIN
Analog Input. Monitors 2.5 V supply, typically a chipset voltage.
23
VCCP
Analog Input. Monitors processor core voltage (0 V to 3 V).
24
PWM1/XTO
Digital Output (Open-Drain). Pulsewidth modulated output to control Fan 1 speed. Requires
10 kW typical pull-up. Also functions as the output from the XOR tree in XOR test mode.
Rev. 3 | Page 5 of 56 | www.onsemi.com


Similar Part No. - ADM1027

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1027 AD-ADM1027 Datasheet
1,008Kb / 56P
   dBCOOL-TM Remote Thermal Controller and Voltage Monitor
REV. A
More results

Similar Description - ADM1027

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7476 AD-ADT7476 Datasheet
1Mb / 72P
   dBCool Remote Thermal Controller and Voltage Monitor
REV. A
ADT7468 AD-ADT7468 Datasheet
1,021Kb / 80P
   dBCool??Remote Thermal Controller and Voltage Monitor
REV. 0
logo
ON Semiconductor
ADT7476A ONSEMI-ADT7476A Datasheet
613Kb / 67P
   dBCOOL Remote Thermal Controller and Voltage Monitor
May, 2010 ??Rev. 3
ADT7476 ONSEMI-ADT7476 Datasheet
620Kb / 67P
   dBCOOL Remote Thermal Controller and Voltage Monitor
May, 2010 ??Rev. 6
logo
Analog Devices
ADT7466 AD-ADT7466 Datasheet
1Mb / 48P
   dBCool Remote Thermal Controller and Voltage Monitor
REV. 0
ADT7476A AD-ADT7476A Datasheet
1Mb / 72P
   dBCool Remote Thermal Controller and Voltage Monitor
REV. 0
ADM1027 AD-ADM1027 Datasheet
1,008Kb / 56P
   dBCOOL-TM Remote Thermal Controller and Voltage Monitor
REV. A
ADT7467 AD-ADT7467 Datasheet
1Mb / 80P
   dBCool Remote Thermal Monitor and Fan Controller
REV. 0
logo
ON Semiconductor
ADT7475_1110 ONSEMI-ADT7475_1110 Datasheet
639Kb / 58P
   dbCOOL Remote Thermal Monitor and Fan Controller
October, 2011 ??Rev. 5
logo
Analog Devices
ADT7473 AD-ADT7473 Datasheet
1Mb / 76P
   dBCool Remote Thermal Monitor and Fan Controller
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com