Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFC233824153 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # BFC233824153
Description  Interference Suppression Film Capacitors MKP Radial Potted Type
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFC233824153 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button BFC233824153 Datasheet HTML 3Page - Vishay Siliconix BFC233824153 Datasheet HTML 4Page - Vishay Siliconix BFC233824153 Datasheet HTML 5Page - Vishay Siliconix BFC233824153 Datasheet HTML 6Page - Vishay Siliconix BFC233824153 Datasheet HTML 7Page - Vishay Siliconix BFC233824153 Datasheet HTML 8Page - Vishay Siliconix BFC233824153 Datasheet HTML 9Page - Vishay Siliconix BFC233824153 Datasheet HTML 10Page - Vishay Siliconix BFC233824153 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
www.vishay.com
For technical questions, contact: rfi@vishay.com
Document Number: 28119
151
Revision: 16-Jul-09
MKP 338 2 X2
Vishay BCcomponents Interference Suppression Film Capacitors
MKP Radial Potted Type
Notes
(1)
H = In-tape height, P0 = Sprocket hole distance; for detailed specifications refer to packaging information
(2)
Weight for short lead product only
Notes
(1)
H = In-tape height, P0 = Sprocket hole distance; for detailed specifications refer to packaging information
(2)
Weight for short lead product only
0.0068
29205
29228
29252
0.0082
29206
29229
29253
0.01
29207
29231
29254
0.012
29208
29232
29255
0.015
29209
29233
29256
0.018
4.0 x 10.0 x 12.5
0.6
29211
29234
1000
29257
1000
Not available
0.022
29212
29235
29258
0.027
29213
29236
29259
0.033
29214
29237
29261
0.039
29215
29238
29262
0.047
29216
29239
29263
0.056
5.0 x 11.0 x 12.5
0.82
28124
28324
750
28524
750
28924
500
0.068
28125
28325
28525
28925
0.082
6.0 x 12.0 x 12.5
1.1
28126
28326
750
28526
750
28926
500
Pitch: 10.0 mm; C-tol. = ± 10 %
C
(µF)
DIMENSIONS
w x h x l
(mm)
MASS
(g) (2)
CATALOG NUMBER BFC2 338 ..... AND PACKAGING
LOOSE IN BOX
AMMOPACK (1)
Short leads
Long leads
H = 18.5 mm
P0 = 12.7 mm
lt = 3.5 mm
+ 1 mm/- 0.5 mm
lt = 5.0 mm
± 1.0 mm
SPQ
lt = 25.0 mm
± 2.0 mm
SPQ
SPQ
Pitch: 10.0 mm; C-tol. = ± 5 %
C
(µF)
DIMENSIONS
w x h x l
(mm)
MASS
(g) (2)
CATALOG NUMBER BFC2 338 ..... AND PACKAGING
LOOSE IN BOX
AMMOPACK (1)
Short leads
Long leads
H = 18.5 mm
P0 = 12.7 mm
lt = 3.5 mm
+ 1 mm/- 0.5 mm
lt = 5.0 mm
± 1.0 mm
SPQ
lt = 25.0 mm
± 2.0 mm
SPQ
SPQ
Pitch = 10.0 mm ± 0.4 mm; dt = 0.60 mm ± 0.06 mm
0.056
5.0 x 11.0 x 12.5
0.82
28224
28424
750
28624
750
28944
500
0.068
6.0 x 12.0 x 12.5
1.1
28225
28425
750
28625
750
28945
500
0.082
28226
28426
28626
28946
Pitch: 15.0 mm; C-tol. = ± 20 %
C
(µF)
DIMENSIONS
w x h x l
(mm)
MASS
(g) (3)
CATALOG NUMBER BFC2 338 ..... AND PACKAGING
LOOSE IN BOX
REEL (500 mm) (1) (2)
Short leads
Long leads
H = 18.5 mm
P0 = 12.7 mm
lt = 3.5 mm
± 0.3 mm
lt = 5.0 mm
± 1.0 mm
SPQ
lt = 25.0 mm
± 2.0 mm
SPQ
SPQ
Pitch = 15 mm ± 0.4 mm; dt = 0.60 mm ± 0.06 mm
0.01
5.0 x 11.0 x 17.5
1.0
29076
29096
1000
29116
1000
29141
1100
0.012
29077
29097
29117
29143
0.015
29078
29098
29118
29145
0.018
29079
29099
29119
29147
0.022
29081
29101
29121
29149
0.027
29082
29102
29122
29152
0.033
29083
29103
29123
29154
0.039
29084
29104
29124
29156


Similar Part No. - BFC233824153

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFC233824104 VISHAY-BFC233824104 Datasheet
115Kb / 5P
   High Frequency (up to 20 GHz) Resistor, Thin Film Surface Mount Chip
Revision: 26-Jun-12
More results

Similar Description - BFC233824153

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP339X2 VISHAY-MKP339X2 Datasheet
191Kb / 18P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233610224 VISHAY-BFC233610224 Datasheet
148Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 06-Aug-12
MKP3384X2 VISHAY-MKP3384X2 Datasheet
464Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 01-Aug-07
BFC233620223 VISHAY-BFC233620223 Datasheet
221Kb / 17P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 08-Oct-08
BFC233820224 VISHAY-BFC233820224 Datasheet
225Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
MKP3382X2 VISHAY-MKP3382X2 Datasheet
293Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
MKP3381X1 VISHAY-MKP3381X1 Datasheet
132Kb / 5P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 07-Oct-03
BFC233922105 VISHAY-BFC233922105 Datasheet
194Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233620104 VISHAY-BFC233620104 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
F17102101000 VISHAY-F17102101000 Datasheet
136Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 12-Jun-13
BFC233820683 VISHAY-BFC233820683 Datasheet
225Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com