Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFC233824393 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # BFC233824393
Description  Interference Suppression Film Capacitors MKP Radial Potted Type
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFC233824393 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button BFC233824393 Datasheet HTML 5Page - Vishay Siliconix BFC233824393 Datasheet HTML 6Page - Vishay Siliconix BFC233824393 Datasheet HTML 7Page - Vishay Siliconix BFC233824393 Datasheet HTML 8Page - Vishay Siliconix BFC233824393 Datasheet HTML 9Page - Vishay Siliconix BFC233824393 Datasheet HTML 10Page - Vishay Siliconix BFC233824393 Datasheet HTML 11Page - Vishay Siliconix BFC233824393 Datasheet HTML 12Page - Vishay Siliconix BFC233824393 Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
www.vishay.com
For technical questions, contact: rfi@vishay.com
Document Number: 28119
153
Revision: 16-Jul-09
MKP 338 2 X2
Vishay BCcomponents Interference Suppression Film Capacitors
MKP Radial Potted Type
Notes
(1)
H = In-tape height, P0 = Sprocket hole distance; for detailed specifications refer to packaging information
(2)
Reel diameter = 356 mm is available on request
(3)
Weight for short lead product only
Notes
(1)
H = In-tape height, P0 = Sprocket hole distance; for detailed specifications refer to packaging information
(2)
Reel diameter = 356 mm is available on request
(3)
Weight for short lead product only
Pitch: 15.0 mm; C-tol. = ± 5 %
C
(µF)
DIMENSIONS
w x h x l
(mm)
MASS
(g) (3)
CATALOG NUMBER BFC2 338 ..... AND PACKAGING
LOOSE IN BOX
REEL (500 mm ) (1) (2)
Short leads
Long leads
H = 18.5 mm
P0 = 12.7 mm
lt = 3.5 mm
+ 1/- 0.3 mm
lt = 5.0 mm
± 1.0 mm
SPQ
lt = 25.0 mm
± 2.0 mm
SPQ
SPQ
Pitch = 15 mm ± 0.4 mm; dt = 0.60 mm ± 0.06 mm
0.1
5.0 x 11.0 x 17.5
1.0
28227
28427
1000
28627
1000
28947
900
0.12
6.0 x 12.0 x 17.5
1.4
28228
28428
750
28628
500
28948
800
0.15
28229
28429
28629
28949
Pitch = 15 mm ± 0.4 mm; dt = 0.80 mm ± 0.08 mm
0.18
7.0 x 13.5 x 17.5
1.8
28231
28431
750
28631
500
28951
650
0.22
8.5 x 15.0 x 17.5
2.4
28232
28432
750
28632
500
28952
650
0.27
28233
28433
500
28633
450
28953
600
Pitch: 22.5 mm; C-tol. = ± 20 %
C
(µF)
DIMENSIONS
w x h x l
(mm)
MASS
(g) (3)
CATALOG NUMBER BFC2 338 ..... AND PACKAGING
LOOSE IN BOX
REEL (500 mm) (1) (2)
Short leads
Long leads
H = 18.5 mm
P0 = 12.7 mm
lt = 3.5 mm
± 0.5 mm
lt = 5.0 mm
± 1.0 mm
SPQ
lt = 25.0 mm
± 2.0 mm
SPQ
SPQ
Pitch = 22.5 mm ± 0.4 mm; dt = 0.80 mm ± 0.08 mm
0.12
6.0 x 15.5 x 26.0
2.4
21124
23124
300
25124
250
29264
600
0.15
21154
23154
25154
29265
0.18
21184
23184
200
25184
250
29266
500
0.22
21224
23224
25224
29267
0.27
21274
23274
25274
29268
0.33
21334
23334
25334
29269
0.39
7.0 x 16.5 x 26.0
2.9
20394
22394
200
24394
250
27394
450
0.47
20474
22474
24474
27474
0.56
8.5 x 18.0 x 26.0
3.8
20564
22564
200
24564
200
27564
350
0.68
20684
22684
24684
27684
0.82
10.0 x 19.5 x 26.0
6.8
20824
22824
150
24824
200
27824
300
1.0
20105
22105
24105
27105


Similar Part No. - BFC233824393

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFC233824 VISHAY-BFC233824 Datasheet
174Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 04-Jul-13
BFC233824104 VISHAY-BFC233824104 Datasheet
115Kb / 5P
   High Frequency (up to 20 GHz) Resistor, Thin Film Surface Mount Chip
Revision: 26-Jun-12
BFC233824222 VISHAY-BFC233824222 Datasheet
225Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
BFC233824223 VISHAY-BFC233824223 Datasheet
225Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
BFC233824224 VISHAY-BFC233824224 Datasheet
225Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
More results

Similar Description - BFC233824393

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP339X2 VISHAY-MKP339X2 Datasheet
191Kb / 18P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233610224 VISHAY-BFC233610224 Datasheet
148Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 06-Aug-12
MKP3384X2 VISHAY-MKP3384X2 Datasheet
464Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 01-Aug-07
BFC233620223 VISHAY-BFC233620223 Datasheet
221Kb / 17P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 08-Oct-08
BFC233820224 VISHAY-BFC233820224 Datasheet
225Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
MKP3382X2 VISHAY-MKP3382X2 Datasheet
293Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
MKP3381X1 VISHAY-MKP3381X1 Datasheet
132Kb / 5P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 07-Oct-03
BFC233922105 VISHAY-BFC233922105 Datasheet
194Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233620104 VISHAY-BFC233620104 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
F17102101000 VISHAY-F17102101000 Datasheet
136Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 12-Jun-13
BFC233820683 VISHAY-BFC233820683 Datasheet
225Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com