Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1031ARQZ Datasheet(PDF) 5 Page - ON Semiconductor

Part # ADM1031ARQZ
Description  Intelligent Temperature Monitor and Dual PWM Fan Controller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1031ARQZ Datasheet(HTML) 5 Page - ON Semiconductor

  ADM1031ARQZ Datasheet HTML 1Page - ON Semiconductor ADM1031ARQZ Datasheet HTML 2Page - ON Semiconductor ADM1031ARQZ Datasheet HTML 3Page - ON Semiconductor ADM1031ARQZ Datasheet HTML 4Page - ON Semiconductor ADM1031ARQZ Datasheet HTML 5Page - ON Semiconductor ADM1031ARQZ Datasheet HTML 6Page - ON Semiconductor ADM1031ARQZ Datasheet HTML 7Page - ON Semiconductor ADM1031ARQZ Datasheet HTML 8Page - ON Semiconductor ADM1031ARQZ Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
ADM1031
http://onsemi.com
5
TYPICAL CHARACTERISTICS
Figure 3. Temperature Error vs. PCB Track
Resistance
Figure 4. Temperature Error vs. Power Supply
Noise Frequency
Figure 5. Temperature Error vs. Common−Mode
Noise Frequency
Figure 6. Pentium III Temperature Measurement
vs. ADM1031 Reading
Figure 7. Temperature Error vs. Capacitance
Between D+ and D–
Figure 8. Standby Current vs. Clock Frequency
15
–20
1
100
LEAKAGE RESISTANCE (MW)
10
5
–10
–15
3.3
10
30
DXP TO GND
DXP TO VCC (3.3 V)
0
–5
17
–1
0
FREQUENCY (Hz)
15
13
11
5
500k
2M
4M
6M
10M
100M
400M
VIN = 200mV p−p
VIN = 100mV p−p
1
7
3
9
7
–1
0
FREQUENCY (Hz)
100k
1M
100M
200M
300M
400M
500M
6
VIN = 40mV p−p
VIN = 20mV p−p
5
4
3
2
1
0
110
0
0110
PIII TEMPERATURE (°C)
100
90
80
50
40
30
10
20
30
40
50
60
70
80
90
100
70
60
20
10
1
–16
147
DXP, DXN CAPACITANCE (nF)
0
2.2
3.3
4.7
10
22
–1
–2
–3
–4
–5
–6
–7
–8
–9
–10
–11
–12
–13
–14
–15
110
0
0
SCLK FREQUENCY (kHz)
1000
100
90
80
70
60
50
40
10
1
5
10
25
50
75
100 250 500 750
VCC = 5.0 V
VCC = 3.3 V
30
20


Similar Part No. - ADM1031ARQZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1031ARQ AD-ADM1031ARQ Datasheet
289Kb / 32P
   Intelligent Temperature Monitor and Dual PWM Fan Controller
REV. 0
More results

Similar Description - ADM1031ARQZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1031 AD-ADM1031 Datasheet
289Kb / 32P
   Intelligent Temperature Monitor and Dual PWM Fan Controller
REV. 0
ADM1030 AD-ADM1030 Datasheet
278Kb / 28P
   Intelligent Temperature Monitor and PWM Fan Controller
REV. 0
logo
ON Semiconductor
ADM1030 ONSEMI-ADM1030 Datasheet
602Kb / 29P
   Intelligent Temperature Monitor and PWM Fan Controller
February 2008 - Rev. 2
logo
Texas Instruments
AMC6821SDBQG4 TI-AMC6821SDBQG4 Datasheet
1Mb / 56P
[Old version datasheet]   Intelligent Temperature Monitor and PWM Fan Controller
AMC6821 TI-AMC6821 Datasheet
1,023Kb / 54P
[Old version datasheet]   Intelligent Temperature Monitor and PWM Fan Controller
AMC6821-Q1 TI1-AMC6821-Q1 Datasheet
1Mb / 54P
[Old version datasheet]   INTELLIGENT TEMPERATURE MONITOR AND PWM FAN CONTROLLER
logo
Analog Devices
ADM1029 AD-ADM1029 Datasheet
332Kb / 48P
   Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
REV. 0
logo
ON Semiconductor
ADM1029 ONSEMI-ADM1029 Datasheet
1Mb / 50P
   Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
January 2009 - Rev. 1
logo
Analog Devices
EVAL-ADM1030 AD-EVAL-ADM1030 Datasheet
534Kb / 14P
   Evaluation Board for ACPI Temperature Monitor and PWM Fan Controller
REV. PrA 10/2000
logo
Maxim Integrated Produc...
MAX6639 MAXIM-MAX6639_07 Datasheet
325Kb / 24P
   2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
Rev 1; 12/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com