Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFC233826102 Datasheet(PDF) 11 Page - Vishay Siliconix

Part # BFC233826102
Description  Interference Suppression Film Capacitors MKP Radial Potted Type
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFC233826102 Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button BFC233826102 Datasheet HTML 7Page - Vishay Siliconix BFC233826102 Datasheet HTML 8Page - Vishay Siliconix BFC233826102 Datasheet HTML 9Page - Vishay Siliconix BFC233826102 Datasheet HTML 10Page - Vishay Siliconix BFC233826102 Datasheet HTML 11Page - Vishay Siliconix BFC233826102 Datasheet HTML 12Page - Vishay Siliconix BFC233826102 Datasheet HTML 13Page - Vishay Siliconix BFC233826102 Datasheet HTML 14Page - Vishay Siliconix BFC233826102 Datasheet HTML 15Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
www.vishay.com
For technical questions, contact: rfi@vishay.com
Document Number: 28119
155
Revision: 16-Jul-09
MKP 338 2 X2
Vishay BCcomponents Interference Suppression Film Capacitors
MKP Radial Potted Type
Note
(1)
Weight for short lead product only
Note
(1)
Weight for short lead product only
Note
(1)
Weight for short lead product only
Pitch: 27.5 mm; C-tol. = ± 20 %
C
(µF)
DIMENSIONS
w xh xl
(mm)
MASS
(g) (1)
CATALOG NUMBER BFC2 338 ..... AND PACKAGING
LOOSE IN BOX
Short leads
Long leads
lt = 3.5 mm
± 0.5 mm
lt = 5.0 mm
± 1.0 mm
SPQ
lt = 25.0 mm
± 2.0 mm
SPQ
Pitch = 27.5 mm ± 0.4 mm; dt = 0.80 mm ± 0.08 mm
0.39
9.0 x 19.0 x 31.5
5.5
21394
23394
100
25394
150
0.47
21474
23474
25474
0.56
21564
23564
25564
125
0.68
21684
23684
25684
0.82
21824
23824
25824
1.0
11.0 x 21.0 x 31.0
7.4
21105
23105
25105
1.2
20125
22125
24125
1.5
13.0 x 23.0 x 31.0
9.2
20155
22155
24155
1.8
20185
22185
24185
100
2.2
15.0 x 25.0 x 31.5
12.3
20225
22225
24225
2.7
18.0 x 28.0 x 31.5
16.1
20275
22275
50
24275
75
3.3
20335
22335
24335
31.0 mm Pitch: 27.5 mm C-tol. = ± 10 %
C
(µF)
DIMENSIONS
w xh xl
(mm)
MASS
(g) (1)
CATALOG NUMBER BFC2 338 ..... AND PACKAGING
LOOSE IN BOX
Short leads
Long leads
lt = 3.5 mm
± 0.5 mm (2)
lt = 5.0 mm
± 1.0 mm
SPQ
lt = 25.0 mm
± 2.0 mm
SPQ
Pitch = 27.5 mm ± 0.4 mm; dt = 0.80 mm ± 0.08 mm
1.0
11.0 x 21.0 x 31.0
7.4
28141
28341
100
28541
125
1.2
28142
28342
28542
1.5
13.0 x 23.0 x 31.0
9.2
28143
28343
28543
1.8
15.0 x 25.0 x 31.5
12.3
28144
28344
28544
100
2.2
28145
28345
50
28545
75
2.7
18.0 x 28.0 x 31.5
16.1
28146
28346
28546
Pitch: 27.5 mm; C-tol. = ± 5 %
C
(µF)
DIMENSIONS
w xh xl
(mm)
MASS
(g) (1)
CATALOG NUMBER BFC2 338 ..... AND PACKAGING
LOOSE IN BOX
Short leads
Long leads
lt =
3.5 ± 0.5 mm
lt =
5.0 ± 1.0 mm
SPQ
lt =
25.0 ± 2.0 mm
SPQ
Pitch = 27.5 ± 0.4 mm; dt = 0.80 ± 0.08 mm
1
11.0 x 21.0 x 31.0
7.4
28241
28441
100
28641
125
1.2
13.0 x 23.0 x 31.0
9.2
28242
28442
100
28642
125
1.5
28243
28443
28643
1.8
15.0 x 25.0 x 31.5
12.3
28244
28444
100
28644
100
2.2
18.0 x 28.0 x 31.5
16.1
28245
28445
50
28645
75
2.7
28246
28446
28646


Similar Part No. - BFC233826102

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFC233826222 VISHAY-BFC233826222 Datasheet
225Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
BFC233826223 VISHAY-BFC233826223 Datasheet
225Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
BFC233826224 VISHAY-BFC233826224 Datasheet
225Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
BFC233826225 VISHAY-BFC233826225 Datasheet
225Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
BFC233826682 VISHAY-BFC233826682 Datasheet
225Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 04-Jul-13
More results

Similar Description - BFC233826102

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP339X2 VISHAY-MKP339X2 Datasheet
191Kb / 18P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233610224 VISHAY-BFC233610224 Datasheet
148Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 06-Aug-12
MKP3384X2 VISHAY-MKP3384X2 Datasheet
464Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 01-Aug-07
BFC233620223 VISHAY-BFC233620223 Datasheet
221Kb / 17P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 08-Oct-08
BFC233820224 VISHAY-BFC233820224 Datasheet
225Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
MKP3382X2 VISHAY-MKP3382X2 Datasheet
293Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
MKP3381X1 VISHAY-MKP3381X1 Datasheet
132Kb / 5P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 07-Oct-03
BFC233922105 VISHAY-BFC233922105 Datasheet
194Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233620104 VISHAY-BFC233620104 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
F17102101000 VISHAY-F17102101000 Datasheet
136Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 12-Jun-13
BFC233820683 VISHAY-BFC233820683 Datasheet
225Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com