Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1675IPAGR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1675IPAGR
Description  4MSPS, 24-Bit Analog-to-Digital Converter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1675IPAGR Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS1675IPAGR Datasheet HTML 5Page - Texas Instruments ADS1675IPAGR Datasheet HTML 6Page - Texas Instruments ADS1675IPAGR Datasheet HTML 7Page - Texas Instruments ADS1675IPAGR Datasheet HTML 8Page - Texas Instruments ADS1675IPAGR Datasheet HTML 9Page - Texas Instruments ADS1675IPAGR Datasheet HTML 10Page - Texas Instruments ADS1675IPAGR Datasheet HTML 11Page - Texas Instruments ADS1675IPAGR Datasheet HTML 12Page - Texas Instruments ADS1675IPAGR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
CLK
DRDY
t
LSCLK
SCLK
EXTERNAL
t
LDRPW
t
CLKDR
t
CSSC
t
CSFDO
t
SPW
t
SPW
t
LDOPD
t
CSRDO
DOUT
CS
(1)
MSB
LSB
t
CLK
t
LSCLKDR
Hi-Z
START
DRDY
CLK
t
START_CLKR
t
SETTLE
t
START
t
CLKDR
ADS1675
www.ti.com ..................................................................................................................................... SBAS416C – DECEMBER 2008 – REVISED SEPTEMBER 2009
(2)
CS may be tied low.
Figure 4. Low-Speed Mode Data Retrieval Timing with External SCLK (SCLK_SEL = 1)
TIMING REQUIREMENTS: External SCLK
At TA = –40°C to +85°C, and DVDD = 2.85V to 3.15V.
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNIT
tCLK
CLK period (1/fCLK)
31.25
ns
tCLKDR
CLK to DRDY delay
23
29
ns
tLDRPW
DRDY pulse width
1
tCLK
tCSSC
CS active low to first Shift Clock (setup time)
5
ns
tLSCLK
SCLK period (1/fSCLK)
25
ns
tSPW
SCLK high or low pulse width
12
ns
tLDOPD
Rising edge of SCLK to new valid data output (propagation delay)
10.5
15
ns
tLSCLKDR
Setup time of DRDY rising after SCLK falling edge
3
tCLK
tCSRDO
CS rising edge to DOUT 3-state
8
ns
Figure 5. START Timing (1)
(1)
Not available in high-speed mode.
TIMING REQUIREMENTS: START
At TA = –40°C to +85°C, and DVDD = 2.85V to 3.15V.
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNIT
tSTART_CLKR
Setup time, rising edge of START to rising edge of CLK
0.5
tCLK
tSTART
Start pulse width
2
tCLK
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): ADS1675


Similar Part No. - ADS1675IPAGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1675IPAGR TI-ADS1675IPAGR Datasheet
796Kb / 36P
[Old version datasheet]   4MSPS, 24-Bit Analog-to-Digital Converter
ADS1675IPAGR TI-ADS1675IPAGR Datasheet
690Kb / 36P
[Old version datasheet]   4MSPS, 24-Bit Analog-to-Digital Converter
ADS1675IPAGR TI1-ADS1675IPAGR Datasheet
902Kb / 38P
[Old version datasheet]   4MSPS, 24-Bit Analog-to-Digital Converter
More results

Similar Description - ADS1675IPAGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1675 TI-ADS1675 Datasheet
796Kb / 36P
[Old version datasheet]   4MSPS, 24-Bit Analog-to-Digital Converter
ADS1675 TI1-ADS1675_14 Datasheet
902Kb / 38P
[Old version datasheet]   4MSPS, 24-Bit Analog-to-Digital Converter
ADS1675 TI-ADS1675_2 Datasheet
690Kb / 36P
[Old version datasheet]   4MSPS, 24-Bit Analog-to-Digital Converter
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1240 TI-ADS1240 Datasheet
416Kb / 23P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1210 BURR-BROWN-ADS1210 Datasheet
557Kb / 41P
   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1210 TI1-ADS1210_15 Datasheet
1Mb / 50P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_14 Datasheet
1Mb / 31P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1243SJD TI1-ADS1243SJD Datasheet
514Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com