Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLM4036DC-1000 Datasheet(PDF) 1 Page - TRIAD MAGNETICS

Part # TLM4036DC-1000
Description  Switch Mode Power Supplies Encapsulated Constant Current
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIAD [TRIAD MAGNETICS]
Direct Link  http://www.triadmagnetics.com
Logo TRIAD - TRIAD MAGNETICS

TLM4036DC-1000 Datasheet(HTML) 1 Page - TRIAD MAGNETICS

  TLM4036DC-1000 Datasheet HTML 1Page - TRIAD MAGNETICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Switch Mode Power Supplies
Encapsulated Constant Current
Web: www.TriadMagnetics.com
Phone 951-277-0757
Fax 951-277-2757
22520B Temescal Canyon Road
Corona, California
92883
Publish Date: August 10, 2006
TLM4036DC-1000
Description:
The TLM4036DC-1000 is a compact and lightweight Constant Current Switch Mode Power Supply.
Waterproof design - IP66, NEMA 4 suitable for dry and damp locations.
Convection cooled plastic housing. Some typical applications include LED’s, Lighting, etc.
Specifications (@25C)
Electrical Specifications:
Input Voltage:
10-40Vdc
Power Factor:
>0.9 at full load, 115Vac
Output*:
1.00Adc±5%, Vout range: 2 to (Vin-2Vdc)
Efficiency:
90% Typical at full load
Maximum power:
26W
TR AD
][
TLD1036DC-XXXX
P/N:xxxxx
DATE:xxxxx
XXX
XXX
OUT
- +
+ -
IN
32mm
Output Current Regulation:
±5%
Protection:
Short circuit protection: Auto-recovery
*Subject to Max power limitations
Environmental Specifications:
Operating Temperature:
-40 to 60°C (De-rating: 1%/°C from 60-70°C)
Storage Temperature:
-40 to 80°C
Operating Humidity:
5 to 95% RH (non-Condensing)
Cooling:
Convection cooling
Vibration:
5 to 50Hz
MTBF:
>100,000 Hours at full load and 25°C ambient conditions
General Specifications:
Connections:
4in leads - Input: 18 AWG; Output: 18 AWG
Dimensions (WxLxH):
32.0x31.0x15.0mm
Weight:
25g
Warranty:
3 years @ 40°C, 100% Load
Performance Graphs:
Efficiency VS. Vin
0.500
0.600
0.700
0.800
0.900
1.000
10.00
15.00
20.00
25.00
30.00
INPUT VOLTAGE (DC)
EFFIENCY VS. Vout
0.000
0.200
0.400
0.600
0.800
1.000
0.00
5.00
10.00
15.00
20.00
25.00
30.00
OUTPUT VOLTAGE (DC)
RoHS Compliance: This power supply meets the requirements 2002/95/EC, know as the RoHS initiative.
* Upon printing, this document is considered “uncontrolled”. Please contact Triad Magnetics’ website
for the most current version.


Similar Part No. - TLM4036DC-1000

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
TLM4036DC-1000 TRIAD-TLM4036DC-1000_13 Datasheet
48Kb / 1P
   Switch Mode Power Supplies Encapsulated Constant Current
More results

Similar Description - TLM4036DC-1000

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
TLM4036DC-0700 TRIAD-TLM4036DC-0700 Datasheet
53Kb / 1P
   Switch Mode Power Supplies Encapsulated Constant Current
TLM4036DC-1000 TRIAD-TLM4036DC-1000_13 Datasheet
48Kb / 1P
   Switch Mode Power Supplies Encapsulated Constant Current
TLM4036DC-0350 TRIAD-TLM4036DC-0350_13 Datasheet
48Kb / 1P
   Switch Mode Power Supplies Encapsulated Constant Current
TLD1040-36-C0700 TRIAD-TLD1040-36-C0700 Datasheet
53Kb / 1P
   Switch Mode Power Supplies Encapsulated Constant Current
TLD1020-24-C0350 TRIAD-TLD1020-24-C0350 Datasheet
72Kb / 1P
   Switch Mode Power Supplies Encapsulated Constant Current
TLD1020-24-C0700 TRIAD-TLD1020-24-C0700 Datasheet
72Kb / 1P
   Switch Mode Power Supplies Encapsulated Constant Current
TLD1020-36-C0350 TRIAD-TLD1020-36-C0350 Datasheet
72Kb / 1P
   Switch Mode Power Supplies Encapsulated Constant Current
TLD1040-36-C1050 TRIAD-TLD1040-36-C1050 Datasheet
53Kb / 1P
   Switch Mode Power Supplies Encapsulated Constant Current
TLM4036DC-0350 TRIAD-TLM4036DC-0350 Datasheet
53Kb / 1P
   Switch Mode Power Supplies Encapsulated Constant Current
TLD1040-24-C1050 TRIAD-TLD1040-24-C1050 Datasheet
53Kb / 1P
   Switch Mode Power Supplies Encapsulated Constant Current
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com