Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKP338668418 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # MKP338668418
Description  Interference Suppression Film Capacitors MKP Radial Potted Type
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP338668418 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button MKP338668418 Datasheet HTML 3Page - Vishay Siliconix MKP338668418 Datasheet HTML 4Page - Vishay Siliconix MKP338668418 Datasheet HTML 5Page - Vishay Siliconix MKP338668418 Datasheet HTML 6Page - Vishay Siliconix MKP338668418 Datasheet HTML 7Page - Vishay Siliconix MKP338668418 Datasheet HTML 8Page - Vishay Siliconix MKP338668418 Datasheet HTML 9Page - Vishay Siliconix MKP338668418 Datasheet HTML 10Page - Vishay Siliconix MKP338668418 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
MKP 338 6 Y2
Vishay BCcomponents Interference Suppression Film Capacitors
MKP Radial Potted Type
www.vishay.com
For technical questions, contact: RFI@vishay.com
Document Number: 28114
370
Revision: 01-Jul-10
Note
(1) Weight for short lead product only
• SPQ = Standard Packing Quantity
C
(µF)
DIMENSIONS
w x h x l
(mm)
MASS
(g) (1)
CATALOG NUMBER BFC2 338 6X XXX AND PACKAGING
LOOSE IN BOX
AMMOPACK
REEL
Short leads
Long leads
lt = 3.5 mm
+ 1 mm/
- 0.5 mm
lt = 5.0 mm
± 1.0 mm
SPQ
lt =
25.0 mm
± 2.0 mm
SPQ
H=18.5 mm;
P0 = 12.7 mm SPQ
REEL:
Ø = 500 mm
H = 18.5 mm;
P0 = 12.7 mm
SPQ
Pitch = 15.0 mm ± 0.4 mm; dt = 0.60 mm ± 0.06 mm
0.0068
5.0 x 11.0 x 17.5
1
61682
63682
1000
65682
1000
68202
1100
0.0082
61822
63822
65822
68203
0.01
61103
63103
65103
68204
0.012
61123
63123
65123
68205
0.015
6.0 x 12.0 x 17.5
1.4
61153
63153
65153
68206
900
0.018
61183
63183
65183
68207
Pitch = 15.0 mm ± 0.4 mm; dt = 0.80 mm ± 0.08 mm
0.022
7.0 x 13.5 x 17.5
1.8
61223
63223
750
65223
500
68208
800
0.027
8.5 x 15.0 x 17.5
2.4
61273
63273
65273
68209
650
0.033
61333
63333
65333
68211
0.039
10.0 x 16.5 x 17.5
3
61393
63393
500
65393
450
68212
600
0.047
61473
63473
65473
68213
Pitch = 22.5 mm ± 0.4 mm; dt = 0.80 mm ± 0.08 mm
0.047
7.0 x 16.5 x 26.0
2.9
68173
68175
200
68177
250
0.056
8.5 x 18.0 x 26.0
3.8
68174
68176
68178
0.068
61683
63683
65683
0.082
10.0 x 19.5 x 26.0
6.8
61823
63823
65823
200
0.1
61104
63104
65104
0.12
12.0 x 22.0 x 26.0
7.8
61124
63124
150
65124
200
0.15
61154
63154
65154
Pitch = 27.5 mm ± 0.4 mm; dt = 0.80 mm ± 0.08 mm
0.18
13.0 x 23.0 x 31.0
9.2
61184
63184
100
65184
125
0.22
15.0 x 25.0 x 31.0
12.3
61224
63224
65224
0.27
18.0 x 28.0 x 31.0
16.1
61274
63274
65274
100
0.33
61334
63334
65334
0.39
21.0 x 31.0 x 31.0
20.3
61394
63394
50
65394
75
0.47
61474
63474
65474


Similar Part No. - MKP338668418

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MKP3386Y2 ETC1-MKP3386Y2 Datasheet
522Kb / 17P
   Interference suppression film capacitors
logo
Vishay Siliconix
MKP3386Y2 VISHAY-MKP3386Y2 Datasheet
180Kb / 20P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 10-Oct-08
More results

Similar Description - MKP338668418

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP339X2 VISHAY-MKP339X2 Datasheet
191Kb / 18P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233610224 VISHAY-BFC233610224 Datasheet
148Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 06-Aug-12
MKP3384X2 VISHAY-MKP3384X2 Datasheet
464Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 01-Aug-07
BFC233620223 VISHAY-BFC233620223 Datasheet
221Kb / 17P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 08-Oct-08
BFC233820224 VISHAY-BFC233820224 Datasheet
225Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
MKP3382X2 VISHAY-MKP3382X2 Datasheet
293Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
MKP3381X1 VISHAY-MKP3381X1 Datasheet
132Kb / 5P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 07-Oct-03
BFC233922105 VISHAY-BFC233922105 Datasheet
194Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233620104 VISHAY-BFC233620104 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
F17102101000 VISHAY-F17102101000 Datasheet
136Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 12-Jun-13
BFC233820683 VISHAY-BFC233820683 Datasheet
225Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com