Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AVC2T872YFPR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AVC2T872YFPR
Description  VOLTAGE-LEVEL SHIFTER FOR IC-USB INTERFACE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AVC2T872YFPR Datasheet(HTML) 4 Page - Texas Instruments

  SN74AVC2T872YFPR Datasheet HTML 1Page - Texas Instruments SN74AVC2T872YFPR Datasheet HTML 2Page - Texas Instruments SN74AVC2T872YFPR Datasheet HTML 3Page - Texas Instruments SN74AVC2T872YFPR Datasheet HTML 4Page - Texas Instruments SN74AVC2T872YFPR Datasheet HTML 5Page - Texas Instruments SN74AVC2T872YFPR Datasheet HTML 6Page - Texas Instruments SN74AVC2T872YFPR Datasheet HTML 7Page - Texas Instruments SN74AVC2T872YFPR Datasheet HTML 8Page - Texas Instruments SN74AVC2T872YFPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
SN74AVC2T872
SCES710 – NOVEMBER 2008........................................................................................................................................................................................... www.ti.com
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCCA
Supply voltage range
–0.5
4.6
V
VCCB
I/O ports (A-Port)
–0.5
4.6
VI
Input voltage range(2)
I/O ports (B-Port)
–0.5
4.6
V
Control inputs
–0.5
4.6
A-Port
–0.5
4.6
Voltage range applied to any output in the high-impedance or
VO
V
power-off state(2)
B-Port
–0.5
4.6
A-Port
–0.5
VCCA + 0.5
VO
Voltage range applied to any output in the high or low state(2)
V
B-Port
–0.5
VCCB + 0.5
IIK
Input clamp current
VI < 0
–50
mA
IOK
Output clamp current
VO < 0
–50
mA
IO
Continuous output current
±50
mA
Continuous current through VCCA, VCCB, or GND
±100
mA
θ
JA
Package thermal impedance(3)
YFP package
137.5
°C/W
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input voltage and output negative-voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
The package thermal impedance is calculated in accordance with JESD 51-7.
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): SN74AVC2T872


Similar Part No. - SN74AVC2T872YFPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVC2T872YFPR TI-SN74AVC2T872YFPR Datasheet
291Kb / 18P
[Old version datasheet]   SN74AVC2T872
More results

Similar Description - SN74AVC2T872YFPR

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
34825 FREESCALE-34825_10 Datasheet
971Kb / 39P
   Micro-USB Interface IC
logo
Texas Instruments
CD4504B-EP TI1-CD4504B-EP_16 Datasheet
1,017Kb / 15P
[Old version datasheet]   CMOS HEX VOLTAGE-LEVEL SHIFTER
logo
Sanyo Semicon Device
LC4105V SANYO-LC4105V Datasheet
66Kb / 6P
   Level Shifter
logo
Richtek Technology Corp...
RT8900 RICHTEK-RT8900 Datasheet
142Kb / 11P
   Level Shifter
logo
Texas Instruments
CD4504B TI1-CD4504B_15 Datasheet
898Kb / 16P
[Old version datasheet]   Cmos Hex Voltage-Level Shifter for TTL-to-Cmos
logo
NXP Semiconductors
SAA8117HL PHILIPS-SAA8117HL Datasheet
231Kb / 60P
   Digital camera USB interface IC
1999 Apr 02
logo
Maxim Integrated Produc...
MAX20067 MAXIM-MAX20067 Datasheet
4Mb / 39P
   Automotive 3-Channel Display Bias IC with VCOM Buffer, Level Shifter, and I2C Interface
Rev 2; 1/21
logo
Feature Integration Tec...
F75909 FINTEK-F75909 Datasheet
453Kb / 10P
   SMBus Level Shifter
logo
STMicroelectronics
HCC40109B STMICROELECTRONICS-HCC40109B Datasheet
292Kb / 12P
   QUAD LOW-TO-HIGH VOLTAGE LEVEL SHIFTER
HCF40109B STMICROELECTRONICS-HCF40109B_03 Datasheet
300Kb / 10P
   QUAD LOW-TO-HIGH VOLTAGE LEVEL SHIFTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com