Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AVC2T872YFPR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AVC2T872YFPR
Description  VOLTAGE-LEVEL SHIFTER FOR IC-USB INTERFACE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AVC2T872YFPR Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74AVC2T872YFPR Datasheet HTML 5Page - Texas Instruments SN74AVC2T872YFPR Datasheet HTML 6Page - Texas Instruments SN74AVC2T872YFPR Datasheet HTML 7Page - Texas Instruments SN74AVC2T872YFPR Datasheet HTML 8Page - Texas Instruments SN74AVC2T872YFPR Datasheet HTML 9Page - Texas Instruments SN74AVC2T872YFPR Datasheet HTML 10Page - Texas Instruments SN74AVC2T872YFPR Datasheet HTML 11Page - Texas Instruments SN74AVC2T872YFPR Datasheet HTML 12Page - Texas Instruments SN74AVC2T872YFPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
SWITCHING CHARACTERISTICS
SN74AVC2T872
www.ti.com........................................................................................................................................................................................... SCES710 – NOVEMBER 2008
over recommended operating free-air temperature range, VCCA = 1.8 V ± 0.15 V, PD_EN = 0 V (unless otherwise noted)
VCCB = 1.2 V
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
FROM
TO
± 0.1 V
± 0.1 V
± 0.15 V
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
17
0.7
12.6
0.4
10.5
0.2
8.1
0.2
6.9
D+(A) to D+(B) or
ns
D–(A) to D–(B)
tPHL
17
0.7
11.2
0.4
9.5
0.2
7.4
0.2
6.7
Propagation
delay
tPLH
11
0.5
9.5
0.4
8.8
0.5
7.9
0.4
7.5
D+(B) to D+(A) or
ns
D–(B) to D–(A)
tPHL
11
0.5
9.3
0.4
8.7
0.5
7.9
0.4
7.6
tr
Output rise time
14
10
10
10
10
ns
tf
Output fall time
14
10
10
10
10
ns
tPHZ
13
1.1
11.4
1
10.8
0.5
9.8
0.5
9
DIR or
D+(A) or D–(A)
ns
DIR_POL
tPLZ
13
1.1
10.7
1
10.8
0.5
10.8
0.5
10.9
Disable time
tPHZ
21
1.1
10.7
1.3
10.6
0.8
9
0.5
9
DIR or
D+(B) or D–(B)
ns
DIR_POL
tPLZ
21
1.1
15.7
1.3
12.5
0.8
8.8
0.5
8.3
tPZH
32
25.2
21.3
16.7
15.8
DIR or
D+(A) or D–(A)
ns
DIR_POL
tPZL
32
20.1
19.2
16.9
16.6
Enable Time(1)
tPZH
30
23.3
21.3
18.9
17.7
DIR or
D+(B) or D–(B)
ns
DIR_POL
tPZL
30
22.7
20.3
17.2
15.8
Fmax
Max data rate
12
12
12
12
12
Mbps
(1)
The enable time is a calculated value derived using the formula shown in the enable times section.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): SN74AVC2T872


Similar Part No. - SN74AVC2T872YFPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVC2T872YFPR TI-SN74AVC2T872YFPR Datasheet
291Kb / 18P
[Old version datasheet]   SN74AVC2T872
More results

Similar Description - SN74AVC2T872YFPR

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
34825 FREESCALE-34825_10 Datasheet
971Kb / 39P
   Micro-USB Interface IC
logo
Texas Instruments
CD4504B-EP TI1-CD4504B-EP_16 Datasheet
1,017Kb / 15P
[Old version datasheet]   CMOS HEX VOLTAGE-LEVEL SHIFTER
logo
Sanyo Semicon Device
LC4105V SANYO-LC4105V Datasheet
66Kb / 6P
   Level Shifter
logo
Richtek Technology Corp...
RT8900 RICHTEK-RT8900 Datasheet
142Kb / 11P
   Level Shifter
logo
Texas Instruments
CD4504B TI1-CD4504B_15 Datasheet
898Kb / 16P
[Old version datasheet]   Cmos Hex Voltage-Level Shifter for TTL-to-Cmos
logo
NXP Semiconductors
SAA8117HL PHILIPS-SAA8117HL Datasheet
231Kb / 60P
   Digital camera USB interface IC
1999 Apr 02
logo
Maxim Integrated Produc...
MAX20067 MAXIM-MAX20067 Datasheet
4Mb / 39P
   Automotive 3-Channel Display Bias IC with VCOM Buffer, Level Shifter, and I2C Interface
Rev 2; 1/21
logo
Feature Integration Tec...
F75909 FINTEK-F75909 Datasheet
453Kb / 10P
   SMBus Level Shifter
logo
STMicroelectronics
HCC40109B STMICROELECTRONICS-HCC40109B Datasheet
292Kb / 12P
   QUAD LOW-TO-HIGH VOLTAGE LEVEL SHIFTER
HCF40109B STMICROELECTRONICS-HCF40109B_03 Datasheet
300Kb / 10P
   QUAD LOW-TO-HIGH VOLTAGE LEVEL SHIFTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com