Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKP338668425 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MKP338668425
Description  Interference Suppression Film Capacitors MKP Radial Potted Type
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP338668425 Datasheet(HTML) 1 Page - Vishay Siliconix

  MKP338668425 Datasheet HTML 1Page - Vishay Siliconix MKP338668425 Datasheet HTML 2Page - Vishay Siliconix MKP338668425 Datasheet HTML 3Page - Vishay Siliconix MKP338668425 Datasheet HTML 4Page - Vishay Siliconix MKP338668425 Datasheet HTML 5Page - Vishay Siliconix MKP338668425 Datasheet HTML 6Page - Vishay Siliconix MKP338668425 Datasheet HTML 7Page - Vishay Siliconix MKP338668425 Datasheet HTML 8Page - Vishay Siliconix MKP338668425 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MKP 338 6 Y2
Vishay BCcomponents
Interference Suppression Film Capacitors
MKP Radial Potted Type
www.vishay.com
For technical questions, contact: RFI@vishay.com
Document Number: 28114
364
Revision: 01-Jul-10
Dimensions in mm
Note
(1) |F - F’| < 0.3 mm
F = 7.5 mm + 0.6 mm/- 0.1 mm
APPLICATIONS
For standard line bypass (between line and ground) Y2
applications
See also application note:
www.vishay.com/doc?28153
REFERENCE STANDARDS
“IEC 60384-14 ed-3 and EN 60384-14”
“IEC 60065 requires, pass. flamm. class B”
UL1414; CSA - C22.2 No. 1;
UL1283; ENEC; CSA E 384-14-95
MARKING
C-value; tolerance; rated voltage; sub-class; manufacturer’s
type designation; code for dielectric material, manufacturer
location; manufacturer’s logo, year and week; safety
approvals
DIELECTRIC
Polypropylene film
ELECTRODES
Metallized film
CONSTRUCTION
Series and triple construction
RATED VOLTAGE
AC 300 V; 50 Hz to 60 Hz
FEATURES
• AEC-Q200 qualified
• 7.5 mm to 27.5 mm lead pitch, 15 mm
and 10 mm bent back to 7.5 mm, supplied
loose in box, taped on ammopack or reel
• Find more about Vishay´s Automotive Grade
Product requirements at:
www.vishay.com/applications
• Compliant to RoHS directive 2002/95/EC
PERMISSIBLE DC VOLTAGE
DC 1000 V
ENCAPSULATION
Plastic case, epoxy resin sealed, flame retardant class
UL 94 V0
CLIMATIC TESTING CLASS ACC. TO
IEC 60068-1
55/105/56/B
CAPACITANCE RANGE (E12 SERIES)
E12 series 0.001 to 0.47 µF
Preferred values acc. to E6
CAPACITANCE TOLERANCE
± 20 %; ± 10 %; ± 5 %
LEADS
Tinned wire
MAXIMUM APPLICATION TEMPERATURE
105 °C
DETAIL SPECIFICATION
For more detailed data and test requirements contact:
RFI@vishay.com
168x12(halfpage)
168x12(halfpage)
w
¯dt
l
P
h
l
h h'
w
¯dt
H
F
10
F'
(1)
15
lt


Similar Part No. - MKP338668425

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MKP3386Y2 ETC1-MKP3386Y2 Datasheet
522Kb / 17P
   Interference suppression film capacitors
logo
Vishay Siliconix
MKP3386Y2 VISHAY-MKP3386Y2 Datasheet
180Kb / 20P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 10-Oct-08
More results

Similar Description - MKP338668425

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP339X2 VISHAY-MKP339X2 Datasheet
191Kb / 18P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233610224 VISHAY-BFC233610224 Datasheet
148Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 06-Aug-12
MKP3384X2 VISHAY-MKP3384X2 Datasheet
464Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 01-Aug-07
BFC233620223 VISHAY-BFC233620223 Datasheet
221Kb / 17P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 08-Oct-08
BFC233820224 VISHAY-BFC233820224 Datasheet
225Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
MKP3382X2 VISHAY-MKP3382X2 Datasheet
293Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
MKP3381X1 VISHAY-MKP3381X1 Datasheet
132Kb / 5P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 07-Oct-03
BFC233922105 VISHAY-BFC233922105 Datasheet
194Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233620104 VISHAY-BFC233620104 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
F17102101000 VISHAY-F17102101000 Datasheet
136Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 12-Jun-13
BFC233820683 VISHAY-BFC233820683 Datasheet
225Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com