Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB43AB22APDT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TSB43AB22APDT
Description  INTEGRATED 1394A-2000 OHCI PHY/LINK-LAYER CONTROLLER
Download  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB43AB22APDT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TSB43AB22APDT Datasheet HTML 2Page - Texas Instruments TSB43AB22APDT Datasheet HTML 3Page - Texas Instruments TSB43AB22APDT Datasheet HTML 4Page - Texas Instruments TSB43AB22APDT Datasheet HTML 5Page - Texas Instruments TSB43AB22APDT Datasheet HTML 6Page - Texas Instruments TSB43AB22APDT Datasheet HTML 7Page - Texas Instruments TSB43AB22APDT Datasheet HTML 8Page - Texas Instruments TSB43AB22APDT Datasheet HTML 9Page - Texas Instruments TSB43AB22APDT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 113 page
background image
vi
List of Illustrations
Figure
Title
Page
2–1
TSB43AB22A Terminal Assignments
2–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3–1
TSB43AB22A Block Diagram
3–2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
8–1
TP Cable Connections
8–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
8–2
Typical Compliant DC Isolated Outer Shield Termination
8–2
. . . . . . . . . . . . .
8–3
Non-DC Isolated Outer Shield Termination
8–2
. . . . . . . . . . . . . . . . . . . . . . . . .
8–4
Load Capacitance for the TSB43AB22A PHY
8–3
. . . . . . . . . . . . . . . . . . . . . . .
8–5
Recommended Crystal and Capacitor Layout
8–3
. . . . . . . . . . . . . . . . . . . . . . .
9–1
Test Load Diagram
9–4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
9–2
CardBus PC Card Clock Waveform
9–6
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
List of Tables
Table
Title
Page
2–1
Signals Sorted by Terminal Number
2–2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2–2
Signal Names Sorted Alphanumerically to Terminal Number
2–3
. . . . . . . . . .
2–3
PCI System Terminals
2–4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2–4
PCI Address and Data Terminals
2–4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2–5
PCI Interface Control Terminals
2–5
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2–6
Miscellaneous Terminals
2–6
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2–7
Physical Layer Terminals
2–7
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2–8
Power Supply Terminals
2–8
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3–1
Bit Field Access Tag Descriptions
3–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3–2
PCI Configuration Register Map
3–3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3–3
Command Register Description
3–4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3–4
Status Register Description
3–5
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3–5
Class Code and Revision ID Register Description
3–6
. . . . . . . . . . . . . . . . . . .
3–6
Latency Timer and Class Cache Line Size Register Description
3–6
. . . . . . .
3–7
Header Type and BIST Register Description
3–7
. . . . . . . . . . . . . . . . . . . . . . . .
3–8
OHCI Base Address Register Description
3–7
. . . . . . . . . . . . . . . . . . . . . . . . . .
3–9
TI Base Address Register Description
3–8
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3–10
CardBus CIS Base Address Register Description
3–9
. . . . . . . . . . . . . . . . . . .
3–11
CardBus CIS Pointer Register Description
3–10
. . . . . . . . . . . . . . . . . . . . . . . . .
3–12
Subsystem Identification Register Description
3–11
. . . . . . . . . . . . . . . . . . . . . .
3–13
Interrupt Line and Pin Registers Description
3–12
. . . . . . . . . . . . . . . . . . . . . . . .


Similar Part No. - TSB43AB22APDT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB43AB22A TI-TSB43AB22A Datasheet
518Kb / 112P
[Old version datasheet]   INTEGRATED 1394A-2000 OHCI PHY/LINK-LAYER CONTROLLER
More results

Similar Description - TSB43AB22APDT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB43AB22A TI-TSB43AB22A Datasheet
518Kb / 112P
[Old version datasheet]   INTEGRATED 1394A-2000 OHCI PHY/LINK-LAYER CONTROLLER
TSB43AB21A TI-TSB43AB21A Datasheet
557Kb / 116P
[Old version datasheet]   Integrated 1394a-2000 OHCI PHY/Link-Layer Controller
TSB43AB22 TI1-TSB43AB22_14 Datasheet
99Kb / 7P
[Old version datasheet]   Integrated 1394a-2000 OHCI PHY/Link-Layer Controller
TSB43AA22 TI-TSB43AA22 Datasheet
442Kb / 100P
[Old version datasheet]   INTEGRATED 1394A 2000 OHCI PHY LINK LAYER CONTROLLER
TSB43AB21 TI-TSB43AB21 Datasheet
656Kb / 109P
[Old version datasheet]   INTERGRATED 1394A-2000 OHCI PHY LINK-LAYER CONTROLLER
TSB43AB22 TI-TSB43AB22 Datasheet
519Kb / 112P
[Old version datasheet]   INTERGRATED 1394a-2000 OHCI PHY/LINK-LAYER CONTROLLER
TSB43AB23PDTG4 TI1-TSB43AB23PDTG4 Datasheet
665Kb / 110P
[Old version datasheet]   IEEE 1394a-2000 OHCI PHY/Link Layer Controller 
TSB43AB23 TI-TSB43AB23 Datasheet
625Kb / 109P
[Old version datasheet]   IEEE 1394A 2000 OHCI PHY /LINK LAYER CONTROLLER
PCI4520 TI1-PCI4520_09 Datasheet
226Kb / 7P
[Old version datasheet]   Integrated 1394a-2000 OHCI Two-Port PHY/Link-Layer
PCI4510 TI-PCI4510 Datasheet
1Mb / 220P
[Old version datasheet]   PC CARD AND INTEGRATED 1394A-2000 OHCI TWO PORT PHY/LINK LAYER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com