Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP3218A Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP3218A
Description  7-Bit, Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3218A Datasheet(HTML) 4 Page - ON Semiconductor

  NCP3218A Datasheet HTML 1Page - ON Semiconductor NCP3218A Datasheet HTML 2Page - ON Semiconductor NCP3218A Datasheet HTML 3Page - ON Semiconductor NCP3218A Datasheet HTML 4Page - ON Semiconductor NCP3218A Datasheet HTML 5Page - ON Semiconductor NCP3218A Datasheet HTML 6Page - ON Semiconductor NCP3218A Datasheet HTML 7Page - ON Semiconductor NCP3218A Datasheet HTML 8Page - ON Semiconductor NCP3218A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
ADP3212A, NCP3218A
http://onsemi.com
4
PIN ASSIGNMENT
Pin No.
Description
Mnemonic
11
TTSNS
Thermal Throttling Sense and Crowbar Disable Input. A resistor divider where the upper resistor is connected
to VCC, the lower resistor (NTC thermistor) is connected to GND, and the center point is connected to this
pin and acts as a temperature sensor half bridge. Connecting TTSNS to GND disables the thermal throttling
function and disables the crowbar, or Overvoltage Protection (OVP), feature of the chip.
12
GND
Analog and Digital Signal Ground.
13
IREF
This pin sets the internal bias currents. A 80 kW resistor is connected from this pin to ground.
14
RPM
RPM Mode Timing Control Input. A resistor between this pin to ground sets the RPM mode turn−on
threshold voltage.
15
RT
Multi−phase Frequency Setting Input. An external resistor connected between this pin and GND sets the
oscillator frequency of the device when operating in multi−phase PWM mode threshold of the converter.
16
RAMP
PWM Ramp Slope Setting Input. An external resistor from the converter input voltage node to this pin sets
the slope of the internal PWM stabilizing ramp used for phase−current balancing.
17
LLINE
Output Load Line Programming Input. The center point of a resistor divider between CSREF and
CSCOMP is connected to this pin to set the load line slope.
18
CSREF
Current Sense Reference Input. This pin must be connected to the common point of the output inductors.
The node is shorted to GND through an internal switch when the chip is disabled to provide soft stop
transient control of the converter output voltage.
19
CSSUM
Current Sense Summing Input. External resistors from each switch node to this pin sum the inductor
currents to provide total current information.
20
CSCOMP
Current Sense Compensation Point. A resistor and capacitor from this pin to CSSUM determine the gain of
the current−sense amplifier and the positioning loop response time.
21
ILIM
Current Limit Setpoint. An external resistor from this pin to CSCOMP sets the current limit threshold of the
converter.
22
OD3
Multi−phase Output Disable Logic Output. This pin is actively pulled low when the APD3212A/NCP3218A
enters single−phase mode or during shutdown. Connect this pin to the SD inputs of the Phase−3 MOSFET
drivers.
23
PWM3
Logic−Level PWM Output for phase 3. Connect to the input of an external MOSFET driver such as the
ADP3611.
24
SWFB3
Current Balance Input for phase 3. Input for measuring the current level in phase 3. SWFB3 should be left
open for 1 or 2 phase configuration.
25
BST2
High−Side Bootstrap Supply for Phase 2. A capacitor from this pin to SW2 holds the bootstrapped voltage
while the high−side MOSFET is on.
26
DRVH2
High−Side Gate Drive Output for Phase 2.
27
SW2
Current Return for High−Side Gate Drive for phase 2.
28
SWFB2
Current Balance Input for phase 2. Input for measuring the current level in phase 2. SWFB2 should be left
open for 1 phase configuration.
29
DRVL2
Low−Side Gate Drive Output for Phase 2.
30
PGND
Low−Side Driver Power Ground
31
DRVL1
Low−Side Gate Drive Output for Phase 1.
32
PVCC
Power Supply Input/Output of Low−Side Gate Drivers.
33
SWFB1
Current Balance Input for phase 1. Input for measuring the current level in phase 1.
34
SW1
Current Return For High−Side Gate Drive for phase 1.
35
DRVH1
High−Side Gate Drive Output for Phase 1.
36
BST1
High−Side Bootstrap Supply for Phase 1. A capacitor from this pin to SW1 holds the bootstrapped voltage
while the high−side MOSFET is on.
37
VCC
Power Supply Input/Output of the Controller.
38
PH1
Phase Number Configuration Input. Connect to VCC for 3 phase configuration.
39
PH0
Phase Number Configuration Input. Connect to GND for 1 phase configuration. Connect to VCC for
multi−phase configuration.
40
DPRSLP
Deeper Sleep Control Input.
41
PSI
Power State Indicator Input. Pulling this pin to GND forces the APD3212A/NCP3218A to operate in
single−phase mode.
42 to
48
VID6 to VID0
Voltage Identification DAC Inputs. When in normal operation mode, the DAC output programs the FB
regulation voltage from 0.3 V to 1.5 V (see Table 3).


Similar Part No. - NCP3218A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3218 ONSEMI-NCP3218 Datasheet
1Mb / 43P
   7-Bit Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
Rev. SpA
NCP3218 ONSEMI-NCP3218 Datasheet
474Kb / 35P
   7-Bit, Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
August, 2012 ??Rev. 4
NCP3218G ONSEMI-NCP3218G Datasheet
474Kb / 35P
   7-Bit, Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
August, 2012 ??Rev. 4
NCP3218GMNR2G ONSEMI-NCP3218GMNR2G Datasheet
474Kb / 35P
   7-Bit, Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
August, 2012 ??Rev. 4
NCP3218MNR2G ONSEMI-NCP3218MNR2G Datasheet
1Mb / 43P
   7-Bit Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
Rev. SpA
More results

Similar Description - NCP3218A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADP3212 ONSEMI-ADP3212 Datasheet
1Mb / 43P
   7-Bit Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
Rev. SpA
NCP3218GMNR2G ONSEMI-NCP3218GMNR2G Datasheet
474Kb / 35P
   7-Bit, Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
August, 2012 ??Rev. 4
ADP3207C ONSEMI-ADP3207C Datasheet
531Kb / 32P
   7-Bit Programmable, Multi-Phase Mobile, CPU Synchronous Buck Controller
December, 2009 ??Rev. 0
ADP3208C ONSEMI-ADP3208C Datasheet
1Mb / 41P
   7-Bit,Programmable,Dual- Phase,Mobile,CPU,Synchronous Buck Controller
May 2008??Rev. 1
ADP3208D ONSEMI-ADP3208D Datasheet
823Kb / 37P
   7-Bit, Programmable, Dual-Phase, Mobile, CPU, Synchronous Buck Controller
February, 2010 ??Rev. 0
logo
Analog Devices
ADP3208AJCPZ-RL AD-ADP3208AJCPZ-RL Datasheet
784Kb / 38P
   7-Bit, Programmable, Dual-Phase, Mobile, CPU, Synchronous Buck Controller
January 2008 ??Rev. 2
logo
ON Semiconductor
ADP3207DJCPZ-RL ONSEMI-ADP3207DJCPZ-RL Datasheet
494Kb / 32P
   7-Bit Programmable, Multi-Phase Mobile, CPU Synchronous Buck
December, 2009 ??Rev. 0
ADP3210 ONSEMI-ADP3210 Datasheet
822Kb / 38P
   7-Bit Programmable Multiphase Mobile CPU Synchronous
Rev. 0.3
ADP3211NMNR2G ONSEMI-ADP3211NMNR2G Datasheet
524Kb / 32P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Controller
November, 2009 ??Rev. 2
ADP3211 ONSEMI-ADP3211 Datasheet
519Kb / 32P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Controller
April, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com