Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3212AMNR2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # ADP3212AMNR2G
Description  7-Bit, Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP3212AMNR2G Datasheet(HTML) 3 Page - ON Semiconductor

  ADP3212AMNR2G Datasheet HTML 1Page - ON Semiconductor ADP3212AMNR2G Datasheet HTML 2Page - ON Semiconductor ADP3212AMNR2G Datasheet HTML 3Page - ON Semiconductor ADP3212AMNR2G Datasheet HTML 4Page - ON Semiconductor ADP3212AMNR2G Datasheet HTML 5Page - ON Semiconductor ADP3212AMNR2G Datasheet HTML 6Page - ON Semiconductor ADP3212AMNR2G Datasheet HTML 7Page - ON Semiconductor ADP3212AMNR2G Datasheet HTML 8Page - ON Semiconductor ADP3212AMNR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
ADP3212A, NCP3218A
http://onsemi.com
3
ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Unit
VCC, PVCC1, PVCC2
−0.3 to +6.0
V
FBRTN, PGND1, PGND2
−0.3 to +0.3
V
BST1, BST2, DRVH1, DRVH2
DC
t < 200 ns
−0.3 to +28
−0.3 to +33
V
BST1 to PVCC, BST2 to PVCC
DC
t < 200 ns
−0.3 to +22
−0.3 to +28
V
BST1 to SW1, BST2 to SW2
−0.3 to +6.0
V
SW1, SW2
DC
t < 200 ns
−1.0 to +22
−6.0 to +28
V
DRVH1 to SW1, DRVH2 to SW2
−0.3 to +6.0
V
DRVL1 to PGND1, DRVL2 to PGND2
DC
t < 200 ns
−0.3 to +6.0
−5.0 to +6.0
V
RAMP (in Shutdown)
−0.3 to +22
V
All Other Inputs and Outputs
−0.3 to +6.0
V
Storage Temperature Range
−65 to +150
°C
Operating Ambient Temperature Range
−40 to +100
°C
Operating Junction Temperature
125
°C
Thermal Impedance (qJA) 2−Layer Board
30.5
°C/W
Lead Temperature
Soldering (10 sec)
Infrared (15 sec)
300
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
NOTE: This device is ESD sensitive. Use standard ESD precautions when handling.
PIN ASSIGNMENT
Pin No.
Mnemonic
Description
1
EN
Enable Input. Driving this pin low shuts down the chip, disables the driver outputs, pulls PWRGD and
VRTT low, and pulls CLKEN high.
2
PWRGD
Power−Good Output. Open−drain output. A low logic state means that the output voltage is outside of the
VID DAC defined range.
3
IMON
Current Monitor Output. This pin sources a current proportional to the output load current. A resistor to
FBRTN sets the current monitor gain.
4
CLKEN
Clock Enable Output. Open−drain output. A low logic state enables the CPU internal PLL clock to lock to
the external clock.
5
FBRTN
Feedback Return Input/Output. This pin remotely senses the CPU core voltage. It is also used as the
ground return for the VID DAC and the voltage error amplifier blocks.
6
FB
Voltage Error Amplifier Feedback Input. The inverting input of the voltage error amplifier.
7
COMP
Voltage Error Amplifier Output and Frequency Compensation Point.
8
TRDET
Transient Detect Output. This pin is pulled low when a load release transient is detected. During repetitive
load transients at high frequencies, this circuit optimally positions the maximum and minimum output
voltage into a specified loadline window.
9
VARFREQ
Variable Frequency Enable Input. A high logic state enables the PWM clock frequency to vary with VID code.
10
VRTT
Voltage Regulator Thermal Throttling Output. Logic high state indicates that the voltage regulator
temperature at the remote sensing point exceeded a set alarm threshold level.


Similar Part No. - ADP3212AMNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADP3212 ONSEMI-ADP3212 Datasheet
1Mb / 43P
   7-Bit Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
Rev. SpA
ADP3212 ONSEMI-ADP3212 Datasheet
474Kb / 35P
   7-Bit, Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
August, 2012 ??Rev. 4
ADP3212MNR2G ONSEMI-ADP3212MNR2G Datasheet
1Mb / 43P
   7-Bit Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
Rev. SpA
More results

Similar Description - ADP3212AMNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADP3212 ONSEMI-ADP3212 Datasheet
1Mb / 43P
   7-Bit Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
Rev. SpA
NCP3218GMNR2G ONSEMI-NCP3218GMNR2G Datasheet
474Kb / 35P
   7-Bit, Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
August, 2012 ??Rev. 4
ADP3207C ONSEMI-ADP3207C Datasheet
531Kb / 32P
   7-Bit Programmable, Multi-Phase Mobile, CPU Synchronous Buck Controller
December, 2009 ??Rev. 0
ADP3208C ONSEMI-ADP3208C Datasheet
1Mb / 41P
   7-Bit,Programmable,Dual- Phase,Mobile,CPU,Synchronous Buck Controller
May 2008??Rev. 1
ADP3208D ONSEMI-ADP3208D Datasheet
823Kb / 37P
   7-Bit, Programmable, Dual-Phase, Mobile, CPU, Synchronous Buck Controller
February, 2010 ??Rev. 0
logo
Analog Devices
ADP3208AJCPZ-RL AD-ADP3208AJCPZ-RL Datasheet
784Kb / 38P
   7-Bit, Programmable, Dual-Phase, Mobile, CPU, Synchronous Buck Controller
January 2008 ??Rev. 2
logo
ON Semiconductor
ADP3207DJCPZ-RL ONSEMI-ADP3207DJCPZ-RL Datasheet
494Kb / 32P
   7-Bit Programmable, Multi-Phase Mobile, CPU Synchronous Buck
December, 2009 ??Rev. 0
ADP3210 ONSEMI-ADP3210 Datasheet
822Kb / 38P
   7-Bit Programmable Multiphase Mobile CPU Synchronous
Rev. 0.3
ADP3211NMNR2G ONSEMI-ADP3211NMNR2G Datasheet
524Kb / 32P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Controller
November, 2009 ??Rev. 2
ADP3211 ONSEMI-ADP3211 Datasheet
519Kb / 32P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Controller
April, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com