Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP4000JCPZ-REEL Datasheet(PDF) 8 Page - ON Semiconductor

Part # ADP4000JCPZ-REEL
Description  Programmable Multi-Phase Synchronous Buck Converter with PMBus
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP4000JCPZ-REEL Datasheet(HTML) 8 Page - ON Semiconductor

Back Button ADP4000JCPZ-REEL Datasheet HTML 4Page - ON Semiconductor ADP4000JCPZ-REEL Datasheet HTML 5Page - ON Semiconductor ADP4000JCPZ-REEL Datasheet HTML 6Page - ON Semiconductor ADP4000JCPZ-REEL Datasheet HTML 7Page - ON Semiconductor ADP4000JCPZ-REEL Datasheet HTML 8Page - ON Semiconductor ADP4000JCPZ-REEL Datasheet HTML 9Page - ON Semiconductor ADP4000JCPZ-REEL Datasheet HTML 10Page - ON Semiconductor ADP4000JCPZ-REEL Datasheet HTML 11Page - ON Semiconductor ADP4000JCPZ-REEL Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
ADP4000
http://onsemi.com
8
ELECTRICAL CHARACTERISTICS
VIN = (5.0 V) FBRTN -- GND, for typical values TA =25°C, for min/max values TA =0°Cto85°C; unless otherwise noted. (Notes 6 and 7)
Parameter
Unit
Max
Typ
Min
Symbol
Test Conditions
Power--Good Comparator
Undervoltage Threshold
Relative to Nominal DAC Output
VPWRGD(UV)
--600
--500
--400
mV
Undervoltage Adjustment Range Low
PWRGD_LO Register = 000
--500
mV
Undervoltage Adjustment Range High
PWRGD_LO Register = 111
--150
mV
Overvoltage Threshold
Relative to DAC Output, PWRGD_Hi = 00
VPWRGD(OV)
200
300
400
mV
Overvoltage Adjustment Range Low
PWRGD_Hi Register = 11
150
mV
Overvoltage Adjustment Range High
PWRGD_Hi Register = 00
300
mV
Output Low Voltage
IPWRGD(SINK) =--4 mA
VOL(PWRGD)
150
300
mV
Power Good Delay Time
During Soft--Start
Internal Timer
2.0
ms
VID Code Changing
100
250
ms
VID Code Static
200
ns
Crowbar Trip Point
Relative to DAC Output, PWRGD_Hi = 00
VCROWBAR
200
300
400
mV
Crowbar Adjustment Range
PWRGD_Hi Register
150
300
mV
Crowbar Reset Point
Relative to FBRTN
250
300
350
mV
Crowbar Delay Time
Overvoltage to PWM going low
tCROWBAR
VID Code Changing
100
250
ms
VID Code Static
400
ns
PWM Outputs
Output Low Voltage
IPWM(SINK) = --400 mA
VOL(PWM)
160
500
mV
Output High Voltage
IPWM(SOURCE) = 400 mA
VOH(PWM)
4.0
5.0
V
PMBus Interface
Logic High Input Voltage
VIH(SDA,SCL)
2.1
V
Logic Low Input Voltage
VIH(SDA,SCL)
0.8
V
Hysteresis
500
mV
SDA Output Low Voltage
ISDA =--6 mA
VOL
0.4
V
Input Current
VIH;IIL
--1
1.0
mA
Input Capacitance
CSCL, SDA
5.0
pF
Clock Frequency
fSCL
400
kHz
SCL Falling Edge to SDA Valid Time
1.0
ms
ALERT,FAULT Outputs
Output Low Voltage
IOUT =--6 mA
VOL
0.4
V
Output High Leakage Current
VOH =5.0 V
VOH
1.0
mA
TTSENSE Inputs
TTSENSE Voltage Range
Internally Limited
0
3.0
V
Source Current
RIREF = 121 kΩ
ITH
--110
--125
--140
mA
VRHOT Output Low Voltage
IVRHOT(SINK) =--4mA
150
300
mV
Input Voltage Conversion Range
0
2.0
V
ADC Resolution
LSB Weighting
2.0
mV
Analog / Digital Converter
ADC Input Voltage Range
0
2.0
V
ADC Resolution
1.95
mV
Total Unadjusted Error (TUE)
1.0
%
Differential Non--linearity (DNL)
8Bits
1.0
LSB
6. Refer to Absolute Maximum Ratings and Application Information for Safe Operating Area.
7. Guaranteed by design, not production tested.


Similar Part No. - ADP4000JCPZ-REEL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADP4100 ONSEMI-ADP4100 Datasheet
265Kb / 22P
   Programmable Multi-Phase Synchronous Buck Converter
March, 2008 ??Rev. P0
ADP4100JCPZ-REEL ONSEMI-ADP4100JCPZ-REEL Datasheet
265Kb / 22P
   Programmable Multi-Phase Synchronous Buck Converter
March, 2008 ??Rev. P0
ADP4100JCPZ-RL7 ONSEMI-ADP4100JCPZ-RL7 Datasheet
265Kb / 22P
   Programmable Multi-Phase Synchronous Buck Converter
March, 2008 ??Rev. P0
logo
STMicroelectronics
ADP480120W3 STMICROELECTRONICS-ADP480120W3 Datasheet
8Mb / 15P
   Automotive-grade ACEPACK DRIVE power module, sixpack topology 1200 V, 1.9 m typ. SiC MOSFET gen.3 based
Rev 3 - October 2022
ADP480120W3-L STMICROELECTRONICS-ADP480120W3-L Datasheet
2Mb / 15P
   Automotive-grade ACEPACK DRIVE power module, sixpack topology 1200 V, 1.9 m typ. SiC MOSFET gen.3 based
August 2022 Rev 2
More results

Similar Description - ADP4000JCPZ-REEL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4200 ONSEMI-NCP4200 Datasheet
313Kb / 32P
   Programmable Multi-Phase Synchronous Buck Converter with PMBus
September, 2009 ??Rev. 0
NCP4201MNR2G ONSEMI-NCP4201MNR2G Datasheet
313Kb / 32P
   Programmable Multi-Phase Synchronous Buck Converter with PMBus
September, 2009 ??Rev. 0
NCP4208 ONSEMI-NCP4208 Datasheet
314Kb / 30P
   VR11.1 Programmable 8-Phase Synchronous Buck Converter with PMBus
August, 2009 ??Rev. 0
NCP81040 ONSEMI-NCP81040 Datasheet
237Kb / 28P
   Programmable Multi-Phase Synchronous Buck Converter
October, 2015 ??Rev. 1
NCP4200 ONSEMI-NCP4200_12 Datasheet
306Kb / 32P
   Programmable Multi-Phase Synchronous Buck Converter
July, 2012 ??Rev. 5
ADP4100 ONSEMI-ADP4100 Datasheet
265Kb / 22P
   Programmable Multi-Phase Synchronous Buck Converter
March, 2008 ??Rev. P0
NCP4206 ONSEMI-NCP4206 Datasheet
312Kb / 32P
   Digital Programmable Multi-Phase Synchronous Buck Converter
September, 2013 ??Rev. 2
NCP4208 ONSEMI-NCP4208_13 Datasheet
303Kb / 30P
   Digital Programmable 8-Phase Synchronous Buck Converter
September, 2013 ??Rev. 5
logo
Semtech Corporation
SC190 SEMTECH-SC190 Datasheet
1Mb / 18P
   Synchronous Buck Converter with Programmable Output
logo
Texas Instruments
TPS40422 TI1-TPS40422 Datasheet
965Kb / 54P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com