Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7421ARZ-REEL7 Datasheet(PDF) 8 Page - ON Semiconductor

Part # ADT7421ARZ-REEL7
Description  Precision Temperature Sensor with Beta Compensation (for <45 nm Geometries)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7421ARZ-REEL7 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button ADT7421ARZ-REEL7 Datasheet HTML 4Page - ON Semiconductor ADT7421ARZ-REEL7 Datasheet HTML 5Page - ON Semiconductor ADT7421ARZ-REEL7 Datasheet HTML 6Page - ON Semiconductor ADT7421ARZ-REEL7 Datasheet HTML 7Page - ON Semiconductor ADT7421ARZ-REEL7 Datasheet HTML 8Page - ON Semiconductor ADT7421ARZ-REEL7 Datasheet HTML 9Page - ON Semiconductor ADT7421ARZ-REEL7 Datasheet HTML 10Page - ON Semiconductor ADT7421ARZ-REEL7 Datasheet HTML 11Page - ON Semiconductor ADT7421ARZ-REEL7 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADT7421
http://onsemi.com
8
The user can switch between measurement ranges at any
time. Switching the range likewise switches the data format.
The next temperature result following the switching is
reported back to the register in the new format. However, the
contents of the limit registers do not change. It is up to the
user to ensure that when the data format changes, the limit
registers are reprogrammed as necessary. More information
on this is found in the Limit Registers section.
ADT7421 Registers
The ADT7421 contains 22, 8−bit registers in total. These
registers store the results of remote and local temperature
measurements, high and low temperature limits, and
configure and control the device. See the section through the
Consecutive ALERT Register section of this data sheet for
more information on the ADT7421 registers. Additional
details are shown in Table 3 through Table 7. The entire
register map is available in Table 8.
Address Pointer Register
The address pointer register itself does not have, nor does
it require, an address because the first byte of every write
operation is automatically written to this register. The data
in this first byte always contains the address of another
register on the ADT7421 that is stored in the address pointer
register. It is to this register address that the second byte of
a write operation is written, or to which a subsequent read
operation is performed.
The power−on default value of the address pointer register
is 0x00. Therefore, if a read operation is performed
immediately after power−on, without first writing to the
address pointer, the value of the local temperature is returned
because its register address is 0x00.
Temperature Value Registers
The ADT7421 has three registers to store the results of
local and remote temperature measurements. These
registers can only be written to by the ADC and can be read
by the user over the SMBus. The local temperature value
register is at Address 0x00.
The external temperature value high byte register is at
Address 0x01, with the low byte register at Address 0x10.
The power−on default for all three registers is 0x00.
Configuration Register
The configuration register is Address 0x03 at read and
Address 0x09 at write. Its power−on default is 0x08. Only
five bits of the configuration register are used. Bit 0, Bit 1,
and Bit 3 are reserved; the user does not write to them.
Bit 7 of the configuration register masks the ALERT
output. If Bit 7 is 0, the ALERT output is enabled. This is the
power−on default. If Bit 7 is set to 1, the ALERT output is
disabled. This applies only if Pin 6 is configured as ALERT.
If Pin 6 is configured as THERM2, then the value of Bit 7
has no effect.
If Bit 6 is set to 0, which is power−on default, the device
is in operating mode with ADC converting. If Bit 6 is set to
1, the device is in standby mode and the ADC does not
convert. The SMBus does, however, remain active in standby
mode; therefore, values can be read from or written to the
ADT7421 via the SMBus. The ALERT and THERM outputs
are also active in standby mode. Changes made to the
registers in standby mode that affect the THERM or ALERT
outputs cause these signals to be updated.
Bit 4 switches beta cancellation on and off. With Bit 4 set
to zero beta cancellation is set on. If using a discrete
transistor as the sensing element, Beta Cancellation should
be switched off by setting Bit 4 to 1.
Bit 5 determines the configuration of Pin 6 on the
ADT7421. If Bit 5 is 0 (default), then Pin 6 is configured as
an ALERT output. If Bit 5 is 1, then Pin 6 is configured as
a THERM2 output. Bit 7, the ALERT mask bit, is only active
when Pin 6 is configured as an ALERT output. If Pin 6 is set
up as a THERM2 output, then Bit 7 has no effect.
Bit 2 sets the temperature measurement range. If Bit 2 is
0 (default value), the temperature measurement range is set
between 0
°C to +125°C. Setting Bit 2 to 1 sets the
measurement range to the extended temperature range
(−40
°C to +125°C).
Table 3. Configuration Register Bit Assignments
Bit
Name
Function
Power−On
Default
7
MASK1
0 = ALERT Enabled
1 = ALERT Masked
0
6
RUN/STOP
0 = Run
1 = Standby
0
5
ALERT/
THERM2
0 = ALERT
1 = THERM2
0
4
Beta Enable
0 = Beta Compensation
On
1 = Beta Compensation
Off
0
3
Reserved
Reserved
1
2
Temperature
Range Select
0 = 0°C to 125°C
1 = Extended Range
0
1
Reserved
Reserved
0
0
Reserved
Reserved
0
Conversion Rate Register
The conversion rate register is Address 0x04 at read and
Address 0x0A at write. The lowest four bits of this register
are used to program the conversion rate. For example, a
conversion rate of five conversions per second means that
beginning at 200 ms intervals, the device performs a
conversion on the internal and the external temperature
channels.
The conversion rate register can be written to and read
back over the SMBus. The higher four bits of this register are
unused and must be set to 0. The default value of this register
is 0x06, giving a rate of 4 conversions per second. Use of
slower conversion times greatly reduces the device power
consumption.


Similar Part No. - ADT7421ARZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7420 AD-ADT7420 Datasheet
384Kb / 24P
   짹0.25째C Accurate, 16-Bit Digital I2C Temperature Sensor
Rev. PrA
ADT7420 AD-ADT7420 Datasheet
935Kb / 16P
   Evaluating the ADT7320/ADT7420 Temperature Sensors
REV. 0
ADT7420UCPZ AD-ADT7420UCPZ Datasheet
384Kb / 24P
   짹0.25째C Accurate, 16-Bit Digital I2C Temperature Sensor
Rev. PrA
ADT7420UCPZ-R2 AD-ADT7420UCPZ-R2 Datasheet
384Kb / 24P
   짹0.25째C Accurate, 16-Bit Digital I2C Temperature Sensor
Rev. PrA
ADT7420UCPZ-R2 AD-ADT7420UCPZ-R2 Datasheet
419Kb / 24P
   짹0.25째C Accurate, 16-Bit Digital I2C Temperature Sensor
REV. 0
More results

Similar Description - ADT7421ARZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
EMC1412-1-ACZL-TR MICROCHIP-EMC1412-1-ACZL-TR Datasheet
764Kb / 47P
   Temperature Sensor with Beta Compensation
Revision 1.41 02-23-12
logo
SMSC Corporation
EMC1402 SMSC-EMC1402 Datasheet
622Kb / 37P
   1째C Temperature Sensor with Beta Compensation
EMC1402 SMSC-EMC1402_12 Datasheet
671Kb / 40P
   1째C Temperature Sensor with Beta Compensation
EMC1403 SMSC-EMC1403 Datasheet
728Kb / 42P
   1째C Temperature Sensor with Beta Compensation
logo
Microchip Technology
EMC1403 MICROCHIP-EMC1403 Datasheet
1Mb / 55P
   1째C Temperature Sensor with Beta Compensation
10/28/13
logo
Maxim Integrated Produc...
MAX6694 MAXIM-MAX6694 Datasheet
198Kb / 18P
   5-Channel Precision Temperature Monitor with Beta Compensation
Rev 0; 4/08
MAX6693 MAXIM-MAX6693 Datasheet
172Kb / 19P
   7-Channel Precision Temperature Monitor with Beta Compensation
Rev 0; 5/08
logo
Microchip Technology
EMC1412 MICROCHIP-EMC1412_14 Datasheet
1Mb / 48P
   Multiple Channel 1째C Temperature Sensor with Beta Compensation
10/28/13
logo
SMSC Corporation
EMC1412 SMSC-EMC1412 Datasheet
789Kb / 47P
   Multiple Channel 1 Temperature Sensor with Beta Compensation
logo
National Semiconductor ...
LM95245 NSC-LM95245_08 Datasheet
574Kb / 26P
   Precision Remote Diode Digital Temperature Sensor with TruTherm짰 BJT Beta Compensation Technology for 45nm Process
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com