Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1-796641-7 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 1-796641-7
Description  TERMI-BLOCK PLUG STACKING 5.00mm PITCH
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-796641-7 Datasheet(HTML) 2 Page - Tyco Electronics

  1-796641-7 Datasheet HTML 1Page - Tyco Electronics 1-796641-7 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - 1-796641-7

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-796640-0 MACOM-1-796640-0 Datasheet
243Kb / 2P
   TERMINAL BLOCK PLUG, STACKING 5.00mm PITCH
logo
TE Connectivity Ltd
1-796640-0 TEC-1-796640-0 Datasheet
332Kb / 2P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
logo
Tyco Electronics
1-796640-1 MACOM-1-796640-1 Datasheet
243Kb / 2P
   TERMINAL BLOCK PLUG, STACKING 5.00mm PITCH
logo
TE Connectivity Ltd
1-796640-1 TEC-1-796640-1 Datasheet
332Kb / 2P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
logo
Tyco Electronics
1-796640-2 MACOM-1-796640-2 Datasheet
243Kb / 2P
   TERMINAL BLOCK PLUG, STACKING 5.00mm PITCH
More results

Similar Description - 1-796641-7

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
C-1546208 MACOM-C-1546208 Datasheet
184Kb / 2P
   TERMINAL BLOCK PLUG, STACKING, 5.00mm PITCH
C-796696 MACOM-C-796696 Datasheet
86Kb / 1P
   TERMINAL BLOCK, PLUG, STACKING 5.00mm PITCH
C-796640 MACOM-C-796640 Datasheet
243Kb / 2P
   TERMINAL BLOCK PLUG, STACKING 5.00mm PITCH
C-1546223 MACOM-C-1546223 Datasheet
42Kb / 1P
   TERMINAL BLOCK PLUG, VERTICAL, STACKING, LEFT HAND 5.00mm PITCH
C-284506 MACOM-C-284506 Datasheet
199Kb / 1P
   TERMINAL BLOCK PLUG STACKING 3.5mm PITCH
C-796635 MACOM-C-796635 Datasheet
219Kb / 2P
   TERMINAL BLOCK PLUG, STACKING, 5.08mm PITCH
C-284507 MACOM-C-284507 Datasheet
51Kb / 1P
   TERMINAL BLOCK PLUG STACKING 3.81mm PITCH
C-796634 MACOM-C-796634 Datasheet
612Kb / 2P
   TERMINAL BLOCK, PLUG, STACKING, 5.08mm PITCH
C-1546108 MACOM-C-1546108 Datasheet
210Kb / 2P
   TERMINAL BLOCK, PLUG, STACKING, 5.08mm PITCH
C-282812 MACOM-C-282812 Datasheet
180Kb / 2P
   TERMINAL BLOCK HEADER ASSEMBLY, 90 DEGREE,OPEN ENDS, STACKING 5.00mm PITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com