Electronic Components Datasheet Search |
|
ADT7467ARQZ Datasheet(PDF) 1 Page - ON Semiconductor |
|
ADT7467ARQZ Datasheet(HTML) 1 Page - ON Semiconductor |
1 / 77 page dBCool Remote Thermal Monitor and Fan Controller ADT7467 ©2008 SCILLC. All rights reserved. Publication Order Number: January 2008 – Rev. 3 ADT7467/D FEATURES Controls and monitors up to 4 fans High and low frequency fan drive signal 1 on-chip and 2 remote temperature sensors Series resistance cancellation on the remote channel Extended temperature measurement range, up to 191°C Dynamic TMIN control mode intelligently optimizes system acoustics Automatic fan speed control mode manages system cooling based on measured temperature Enhanced acoustic mode dramatically reduces user perception of changing fan speeds Thermal protection feature via THERM output Monitors performance impact of Intel Pentium 4 processor Thermal control circuit via THERM input 2-wire, 3-wire, and 4-wire fan speed measurement Limit comparison of all monitored values Meets SMBus 2.0 electrical specifications (fully SMBus 1.1 compliant) GENERAL DESCRIPTION The ADT7467 dBCool® controller is a thermal monitor and multiple PWM fan controller for noise-sensitive or power- sensitive applications requiring active system cooling. The ADT7467 can drive a fan using either a low or high frequency drive signal, monitor the temperature of up to two remote sensor diodes plus its own internal temperature, and measure and control the speed of up to four fans so that they operate at the lowest possible speed for minimum acoustic noise. The automatic fan speed control loop optimizes fan speed for a given temperature. A unique dynamic TMIN control mode enables the system thermals/acoustics to be intelligently managed. The effectiveness of the system’s thermal solution can be monitored using the THERM input. The ADT7467 also provides critical thermal protection to the system using the bidirectional THERM pin as an output to prevent system or component overheating. FUNCTIONAL BLOCK DIAGRAM INPUT SIGNAL CONDITIONING AND ANALOG MULTIPLEXER GND SERIAL BUS INTERFACE SCL SDA VALUE AND LIMIT REGISTERS LIMIT COMPARATORS INTERRUPT STATUS REGISTERS BAND GAP TEMP SENSOR VCC TO ADT7467 ADDRESS POINTER REGISTER PWM CONFIGURATION REGISTERS INTERRUPT MASKING VCC D1+ D1– D2+ D2– VCCP THERMAL PROTECTION PERFORMANCE MONITORING PWM REGISTERS AND CONTROLLERS HF & LF PWM1 PWM2 PWM3 ACOUSTIC ENHANCEMENT CONTROL BAND GAP REFERENCE 10-BIT ADC ADT7467 AUTOMATIC FAN SPEED CONTROL DYNAMIC TMIN CONTROL FAN SPEED COUNTER TACH1 TACH2 TACH3 TACH4 SRC THERM SMBALERT Figure 1. |
Similar Part No. - ADT7467ARQZ |
|
Similar Description - ADT7467ARQZ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |