Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7468ARQZ Datasheet(PDF) 7 Page - ON Semiconductor

Part # ADT7468ARQZ
Description  dBCool짰 Remote Thermal Controller and Voltage Monitor
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7468ARQZ Datasheet(HTML) 7 Page - ON Semiconductor

Back Button ADT7468ARQZ Datasheet HTML 3Page - ON Semiconductor ADT7468ARQZ Datasheet HTML 4Page - ON Semiconductor ADT7468ARQZ Datasheet HTML 5Page - ON Semiconductor ADT7468ARQZ Datasheet HTML 6Page - ON Semiconductor ADT7468ARQZ Datasheet HTML 7Page - ON Semiconductor ADT7468ARQZ Datasheet HTML 8Page - ON Semiconductor ADT7468ARQZ Datasheet HTML 9Page - ON Semiconductor ADT7468ARQZ Datasheet HTML 10Page - ON Semiconductor ADT7468ARQZ Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 81 page
background image
ADT7468
Rev. 3 | Page 7 of 81 | www.onsemi.com
Pin
No.
Mnemonic
Description
16
D2+
Anode Connection to Second Thermal Diode.
17
D1–
Cathode Connection to First Thermal Diode.
18
D1+
Anode Connection to First Thermal Diode.
19
VID4
Digital Input (Open Drain). Voltage supply readouts from CPU. This value is read into the VID register (Reg. 0x43).
20
+5VIN
Analog Input. Monitors +5 V power supply.
THERM
Alternatively, this pin can be reconfigured as a bidirectional THERM pin. Can be used to time and monitor assertions
on the THERM input. For example, it can be connected to the PROCHOT output of an Intel Pentium 4 processor or to
the output of a trip point temperature sensor. This pin can also be used as an output to signal overtemperature
conditions.
21
+12VIN
Analog Input. Monitors +12 V power supply.
VID5
Digital Input (Open Drain). Voltage supply readouts from CPU. This value is read into the VID register (Reg. 0x43).
Supports VRM10 solutions.
22
+2.5VIN
Analog Input. Monitors +2.5 V supply, typically a chipset voltage.
23
VCCP
Analog Input. Monitors processor core voltage (0 V to 3 V).
24
PWM1
Digital Output (Open Drain). Pulse width modulated output to control Fan 1 speed. Requires 10 kΩ typical pull-up.
XTO
Also functions as the output from the XOR tree in XOR test mode.


Similar Part No. - ADT7468ARQZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7468ARQ AD-ADT7468ARQ Datasheet
1,021Kb / 80P
   dBCool??Remote Thermal Controller and Voltage Monitor
REV. 0
ADT7468ARQ-REEL AD-ADT7468ARQ-REEL Datasheet
1,021Kb / 80P
   dBCool??Remote Thermal Controller and Voltage Monitor
REV. 0
ADT7468ARQ-REEL7 AD-ADT7468ARQ-REEL7 Datasheet
1,021Kb / 80P
   dBCool??Remote Thermal Controller and Voltage Monitor
REV. 0
More results

Similar Description - ADT7468ARQZ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADT7466 ONSEMI-ADT7466 Datasheet
691Kb / 48P
   dBCool짰 Remote Thermal Controller and Voltage Monitor
May 2010 ??Rev. 3
ADT7476A ONSEMI-ADT7476A_16 Datasheet
541Kb / 69P
   Remote Thermal Controller and Voltage Monitor
February, 2016 ??Rev. 7
ADT7463 ONSEMI-ADT7463_13 Datasheet
732Kb / 50P
   Remote Thermal Controller and Voltage Monitor
May, 2013 ??Rev. 7
ADT7476 ONSEMI-ADT7476_16 Datasheet
543Kb / 68P
   Remote Thermal Controller and Voltage Monitor
February, 2016 ??Rev. 10
logo
Analog Devices
ADT7476 AD-ADT7476 Datasheet
1Mb / 72P
   dBCool Remote Thermal Controller and Voltage Monitor
REV. A
ADT7468 AD-ADT7468 Datasheet
1,021Kb / 80P
   dBCool??Remote Thermal Controller and Voltage Monitor
REV. 0
logo
ON Semiconductor
ADT7476A ONSEMI-ADT7476A Datasheet
613Kb / 67P
   dBCOOL Remote Thermal Controller and Voltage Monitor
May, 2010 ??Rev. 3
ADM1027 ONSEMI-ADM1027 Datasheet
1Mb / 56P
   dBCOOL??Remote Thermal Controller and Voltage Monitor
May 2010 - Rev. 3
ADT7476 ONSEMI-ADT7476 Datasheet
620Kb / 67P
   dBCOOL Remote Thermal Controller and Voltage Monitor
May, 2010 ??Rev. 6
logo
Analog Devices
ADT7466 AD-ADT7466 Datasheet
1Mb / 48P
   dBCool Remote Thermal Controller and Voltage Monitor
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com